Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM336-2.5 Datasheet(PDF) 4 Page - Texas Instruments |
|
|
LM336-2.5 Datasheet(HTML) 4 Page - Texas Instruments |
4 / 14 page Absolute Maximum Ratings (Note 1) If Military/Aerospace specified devices are required, please contact the National Semiconductor Sales Office/ Distributors for availability and specifications. Reverse Current 15 mA Forward Current 10 mA Storage Temperature −60˚C to +150˚C Operating Temperature Range (Note 2) LM136 −55˚C to +150˚C LM236 −25˚C to +85˚C LM336 0˚C to +70˚C Soldering Information TO-92 Package (10 sec.) 260˚C TO-46 Package (10 sec.) 300˚C SO Package Vapor Phase (60 sec.) 215˚C Infrared (15 sec.) 220˚C See AN-450 “Surface Mounting Methods and Their Effect on Product Reliability” (Appendix D) for other methods of soldering surface mount devices. Electrical Characteristics (Note 3) LM136A-2.5/LM236A-2.5 LM336B-2.5 Parameter Conditions LM136-2.5/LM236-2.5 LM336-2.5 Units Min Typ Max Min Typ Max Reverse Breakdown Voltage T A=25˚C, IR=1 mA LM136, LM236, LM336 2.440 2.490 2.540 2.390 2.490 2.590 V LM136A, LM236A, LM336B 2.465 2.490 2.515 2.440 2.490 2.540 V Reverse Breakdown Change T A=25˚C, 2.6 6 2.6 10 mV With Current 400 µA ≤I R ≤10 mA Reverse Dynamic Impedance T A=25˚C, IR=1 mA, f = 100 Hz 0.2 0.6 0.2 1 Ω Temperature Stability V R Adjusted to 2.490V (Note 4) I R=1 mA, Figure 2 0˚C ≤T A ≤70˚C (LM336) 1.8 6 mV −25˚C ≤T A ≤+85˚C 3.5 9 mV (LM236H, LM236Z) −25˚C ≤ T A ≤ +85˚C (LM236M) 7.5 18 mV −55˚C ≤T A ≤+125˚C (LM136) 12 18 mV Reverse Breakdown Change 400 µA ≤I R ≤10 mA 3 10 3 12 mV With Current Reverse Dynamic Impedance I R=1 mA 0.4 1 0.4 1.4 Ω Long Term Stability T A=25˚C ±0.1˚C, IR=1 mA, 20 20 ppm t = 1000 hrs Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Electrical specifications do not apply when operating the device beyond its specified operating conditions. Note 2: For elevated temperature operation, Tj max is: LM136 150˚C LM236 125˚C LM336 100˚C Thermal Resistance TO-92 TO-46 SO-8 θ ja (Junction to Ambient) 180˚C/W (0.4" leads) 440˚C/W 165˚C/W 170˚C/W (0.125" lead) θ ja (Junction to Case) n/a 80˚C/W n/a www.national.com 3 |
Número de pieza similar - LM336-2.5 |
|
Descripción similar - LM336-2.5 |