Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2592HVT-5.0 Datasheet(PDF) 10 Page - Texas Instruments

No. de pieza LM2592HVT-5.0
Descripción Electrónicos  LM2592HV SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM2592HVT-5.0 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM2592HVT-5.0 Datasheet HTML 6Page - Texas Instruments LM2592HVT-5.0 Datasheet HTML 7Page - Texas Instruments LM2592HVT-5.0 Datasheet HTML 8Page - Texas Instruments LM2592HVT-5.0 Datasheet HTML 9Page - Texas Instruments LM2592HVT-5.0 Datasheet HTML 10Page - Texas Instruments LM2592HVT-5.0 Datasheet HTML 11Page - Texas Instruments LM2592HVT-5.0 Datasheet HTML 12Page - Texas Instruments LM2592HVT-5.0 Datasheet HTML 13Page - Texas Instruments LM2592HVT-5.0 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
LM2592HV
SNVS075C – MAY 2001 – REVISED APRIL 2013
www.ti.com
BLOCK DIAGRAM
Figure 24.
PIN FUNCTIONS
+VIN(Pin 1) This is the positive input supply for the IC switching regulator. A suitable input bypass capacitor must
be present at this pin to minimize voltage transients and to supply the switching currents needed by the
regulator.
Output (Pin 2) Internal switch. The voltage at this pin switches between approximately (+VIN − VSAT) and
approximately
−0.5V, with a duty cycle of VOUT/VIN.
Ground (Pin 3) Circuit ground.
Feedback (Pin 4) Senses the regulated output voltage to complete the feedback loop. This pin is directly
connected to the Output for the fixed voltage versions, but is set to 1.23V by means of a resistive divider
from the output for the Adjustable version. If a feedforward capacitor is used (Adjustable version), then a
negative voltage spike is generated on this pin whenever the output is shorted. This happens because the
feedforward capacitor cannot discharge fast enough, and since one end of it is dragged to Ground, the
other end goes momentarily negative. To prevent the energy rating of this pin from being exceeded, a
small-signal Schottky diode to Ground is recommended for DC input voltages above 40V whenever a
feedforward capacitor is present (See Test Circuit and Layout Guidelines). Feedforward capacitor values
larger than 0.1
μF are not recommended for the same reason, whatever be the DC input voltage.
ON /OFF (Pin 5) The regulator is in shutdown mode, drawing about 90
μA, when this pin is driven to a high level
(
≥ 2.0V), and is in normal operation when this Pin is left floating or driven to a low level (≤ 0.6V). The
typical value of the threshold is 1.3V and the voltage on this pin must not exceed 25V.
10
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: LM2592HV


Número de pieza similar - LM2592HVT-5.0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2592HVT-5.0 NSC-LM2592HVT-5.0 Datasheet
655Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator
logo
Guangdong Youtai Semico...
LM2592HVT-5.0 UMW-LM2592HVT-5.0 Datasheet
1Mb / 14P
   2A Step-Down Voltage Regulator
logo
Texas Instruments
LM2592HVT-5.0/NOPB TI1-LM2592HVT-5.0/NOPB Datasheet
2Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz 2-A Step-Down Voltage Regulator
More results

Descripción similar - LM2592HVT-5.0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2592HV NSC-LM2592HV Datasheet
655Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator
LM2593HV NSC-LM2593HV Datasheet
753Kb / 21P
   SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator, with Features
LM2591HV NSC-LM2591HV Datasheet
730Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595 NSC-LM2595 Datasheet
935Kb / 29P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2596 NSC-LM2596 Datasheet
736Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2593HV TI1-LM2593HV Datasheet
1Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz, 2-A Step-Down Voltage Regulator
LM2599SX-50 TI1-LM2599SX-50 Datasheet
2Mb / 44P
[Old version datasheet]   LM2599 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
LM2596SX-5.0 TI1-LM2596SX-5.0 Datasheet
4Mb / 42P
[Old version datasheet]   LM2596 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
LM2595 TI1-LM2595_17 Datasheet
4Mb / 43P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz 1-A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com