Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM3444MA Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza LM3444MA
Descripción Electrónicos  AC-DC Offline LED Driver
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM3444MA Datasheet(HTML) 4 Page - Texas Instruments

  LM3444MA Datasheet HTML 1Page - Texas Instruments LM3444MA Datasheet HTML 2Page - Texas Instruments LM3444MA Datasheet HTML 3Page - Texas Instruments LM3444MA Datasheet HTML 4Page - Texas Instruments LM3444MA Datasheet HTML 5Page - Texas Instruments LM3444MA Datasheet HTML 6Page - Texas Instruments LM3444MA Datasheet HTML 7Page - Texas Instruments LM3444MA Datasheet HTML 8Page - Texas Instruments LM3444MA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LM3444
SNVS682C – NOVEMBER 2010 – REVISED MAY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
Limits in standard type face are for TJ = 25°C and those with boldface type apply over the full Operating Temperature
Range ( TJ = −40°C to +125°C). Minimum and Maximum limits are specified through test, design, or statistical correlation.
Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless
otherwise stated the following conditions apply: VCC = 12V.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VCC SUPPLY
IVCC
Operating supply current
1.58
2.25
mA
VCC-UVLO
Rising threshold
7.4
7.7
V
Falling threshold
6.0
6.4
Hysterisis
1
COFF
VCOFF
Time out threshold
1.22
1.276
1.327
V
5
RCOFF
Off timer sinking impedance
33
60
tCOFF
Restart timer
180
µs
CURRENT LIMIT
VISNS
ISNS limit threshold
1.17
1.269
1.364
V
4
tISNS
Leading edge blanking time
125
ns
Current limit reset delay
180
µs
ISNS limit to GATE delay
ISNS = 0 to 1.75V step
33
ns
CURRENT SENSE COMPARATOR
VFILTER
FILTER open circuit voltage
720
750
780
mV
RFILTER
FILTER impedance
1.12
M
VOS
Current sense comparator offset voltage
-4.0
0.1
4.0
mV
GATE DRIVE OUTPUT
VDRVH
GATE high saturation
IGATE = 50 mA
0.24
0.50
V
VDRVL
GATE low saturation
IGATE = 100 mA
0.22
0.50
IDRV
Peak souce current
GATE = VCC/2
-0.77
A
Peak sink current
GATE = VCC/2
0.88
tDV
Rise time
Cload = 1 nF
15
ns
Fall time
Cload = 1 nF
15
THERMAL SHUTDOWN
TSD
Thermal shutdown temperature
See (1)
165
°C
Thermal shutdown hysteresis
20
THERMAL SPECIFICATION
RθJA
VSSOP junction to ambient
124
°C/W
RθJC
VSSOP junction to case
76
(1)
Junction-to-ambient thermal resistance is highly application and board-layout dependent. In applications where high maximum power
dissipation exists, special care must be paid to thermal dissipation issues in board design. In applications where high power dissipation
and/or poor package thermal resistance is present, the maximum ambient temperature may have to be derated. Maximum ambient
temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP = 125°C), the maximum power dissipation
of the device in the application (PD-MAX), and the junction-to ambient thermal resistance of the part/package in the application (RθJA), as
given by the following equation: TA-MAX = TJ-MAX-OP – (RθJA × PD-MAX).
4
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM3444


Número de pieza similar - LM3444MA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM3444MA TI1-LM3444MA Datasheet
971Kb / 30P
[Old version datasheet]   AC-DC Offline LED Driver
LM3444MA/NOPB TI1-LM3444MA/NOPB Datasheet
362Kb / 27P
[Old version datasheet]   AC-DC Offline LED Driver
LM3444MANOPB TI1-LM3444MANOPB Datasheet
971Kb / 30P
[Old version datasheet]   AC-DC Offline LED Driver
LM3444MAX TI1-LM3444MAX Datasheet
971Kb / 30P
[Old version datasheet]   AC-DC Offline LED Driver
LM3444MAX/NOPB TI1-LM3444MAX/NOPB Datasheet
362Kb / 27P
[Old version datasheet]   AC-DC Offline LED Driver
More results

Descripción similar - LM3444MA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM3444 TI1-LM3444_15 Datasheet
362Kb / 27P
[Old version datasheet]   AC-DC Offline LED Driver
LM3444 TI1-LM3444_14 Datasheet
965Kb / 27P
[Old version datasheet]   AC-DC Offline LED Driver
LM3444MM TI1-LM3444MM Datasheet
971Kb / 30P
[Old version datasheet]   AC-DC Offline LED Driver
logo
Monolithic Power System...
MP4034 MPS-MP4034 Datasheet
873Kb / 19P
   Offline LED Driver
logo
AIMTEC
AMEHR50-Z AIMTEC-AMEHR50-Z Datasheet
738Kb / 7P
   AC-DC LED driver
AMEPR10-Z AIMTEC-AMEPR10-Z Datasheet
596Kb / 7P
   AC-DC LED driver
AMEPR16-Z AIMTEC-AMEPR16-Z Datasheet
558Kb / 6P
   AC-DC LED driver
logo
National Semiconductor ...
LM3445 NSC-LM3445 Datasheet
1Mb / 26P
   Triac Dimmable Offline LED Driver
logo
Diodes Incorporated
AL5892 DIODES-AL5892 Datasheet
657Kb / 11P
   OFFLINE DIMMABLE LINEAR LED DRIVER
Rev. 1 - 2 October 2019
logo
Texas Instruments
LM3445MM TI-LM3445MM Datasheet
1Mb / 39P
[Old version datasheet]   Triac Dimmable Offline LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com