Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM3485Q1MM Datasheet(PDF) 10 Page - Texas Instruments

No. de pieza LM3485Q1MM
Descripción Electrónicos  Hysteretic PFET Buck Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM3485Q1MM Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM3485Q1MM Datasheet HTML 6Page - Texas Instruments LM3485Q1MM Datasheet HTML 7Page - Texas Instruments LM3485Q1MM Datasheet HTML 8Page - Texas Instruments LM3485Q1MM Datasheet HTML 9Page - Texas Instruments LM3485Q1MM Datasheet HTML 10Page - Texas Instruments LM3485Q1MM Datasheet HTML 11Page - Texas Instruments LM3485Q1MM Datasheet HTML 12Page - Texas Instruments LM3485Q1MM Datasheet HTML 13Page - Texas Instruments LM3485Q1MM Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
INPUT VOLTAGE - OUTPUT VOLTAGE (V)
0
20
40
60
80
100
120
140
0
5
10
15
20
25
30
35
L=10PH
L=4.7PH
L=22PH
LM3485
SNVS178G – JANUARY 2002 – REVISED FEBRUARY 2013
www.ti.com
Figure 3. Propagation Delay
The operating frequency and output ripple voltage can also be significantly influenced by the speed up capacitor
(Cff). Cff is connected in parallel with the high side feedback resistor, R1. The location of this capacitor is similar
to where a feed forward capacitor would be located in a PWM control scheme. However it's effect on hysteretic
operation is much different. The output ripple causes a current to be sourced or sunk through this capacitor. This
current is essentially a square wave. Since the input to the feedback pin, FB, is a high impedance node, the
current flows through R2. The end result is a reduction in output ripple and an increase in operating frequency.
When adding Cff, calculate the formula above with
α = 1. The value of Cff depend on the desired operating
frequency and the value of R2. A good starting point is 470pF ceramic at 100kHz decreasing linearly with
increased operating frequency. Also note that as the output voltage is programmed below 2.5V, the effect of Cff
will decrease significantly.
CURRENT LIMIT OPERATION
The LM3485 has a cycle-by-cycle current limit. Current limit is sensed across the VDS of the PFET or across an
additional sense resistor. When current limit is activated, the LM3485 turns off the external PFET for a period of
9µs(typical). The current limit is adjusted by an external resistor, RADJ.
The current limit circuit is composed of the ISENSE comparator and the one-shot pulse generator. The positive
input of the ISENSE comparator is the ADJ pin. An internal 5.5µA current sink creates a voltage across the
external RADJ resistor. This voltage is compared to the voltage across the PFET or sense resistor. The ADJ
voltage can be calculated as follows:
VADJ = VIN − (RADJ * 3.0µA)
(5)
Where 3.0µA is the minimum ICL-ADJ value.
The negative input of the ISENSE comparator is the ISENSE pin that should be connected to the drain of the
external PFET. The inductor current is determined by sensing the VDS. It can be calculated as follows.
VISENSE = VIN − (RDSON * IIND_PEAK) = VIN − VDS
(6)
10
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LM3485


Número de pieza similar - LM3485Q1MM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM3485Q1MM TI1-LM3485Q1MM Datasheet
1Mb / 28P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485Q1MM-NOPB TI-LM3485Q1MM-NOPB Datasheet
1Mb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485Q1MM/NOPB TI1-LM3485Q1MM/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485Q1MMX TI1-LM3485Q1MMX Datasheet
1Mb / 28P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485Q1MMX-NOPB TI-LM3485Q1MMX-NOPB Datasheet
1Mb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
More results

Descripción similar - LM3485Q1MM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM3485 NSC-LM3485 Datasheet
369Kb / 15P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485 TI-LM3485_15 Datasheet
1Mb / 24P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_14 Datasheet
1,023Kb / 22P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475_14 Datasheet
1Mb / 21P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_16 Datasheet
1Mb / 28P
[Old version datasheet]   Hysteretic PFET Buck Controller
logo
National Semiconductor ...
LM3475 NSC-LM3475 Datasheet
305Kb / 14P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3475 TI1-LM3475 Datasheet
1Mb / 25P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485MM TI-LM3485MM Datasheet
1Mb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485EVAL TI-LM3485EVAL Datasheet
1,023Kb / 22P
[Old version datasheet]   LM3485 Hysteretic PFET Buck Controller
LM3475 TI-LM3475_15 Datasheet
1Mb / 24P
[Old version datasheet]   LM3475 Hysteretic PFET Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com