Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74CBTLVD3861BQ Datasheet(PDF) 9 Page - NXP Semiconductors

No. de pieza 74CBTLVD3861BQ
Descripción Electrónicos  10-bit level-shifting bus switch with output enable Rev. 4 ??14 December 2011
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74CBTLVD3861BQ Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74CBTLVD3861BQ Datasheet HTML 5Page - NXP Semiconductors 74CBTLVD3861BQ Datasheet HTML 6Page - NXP Semiconductors 74CBTLVD3861BQ Datasheet HTML 7Page - NXP Semiconductors 74CBTLVD3861BQ Datasheet HTML 8Page - NXP Semiconductors 74CBTLVD3861BQ Datasheet HTML 9Page - NXP Semiconductors 74CBTLVD3861BQ Datasheet HTML 10Page - NXP Semiconductors 74CBTLVD3861BQ Datasheet HTML 11Page - NXP Semiconductors 74CBTLVD3861BQ Datasheet HTML 12Page - NXP Semiconductors 74CBTLVD3861BQ Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
74CBTLVD3861
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 14 December 2011
9 of 19
NXP Semiconductors
74CBTLVD3861
10-bit level-shifting bus switch with output enable
10. Dynamic characteristics
[1]
All typical values are measured at Tamb =25 C and at nominal VCC.
[2]
The propagation delay is the calculated RC time constant of the on-state resistance of the switch and the load capacitance, when driven
by an ideal voltage source (zero output impedance).
[3]
tpd is the same as tPLH and tPHL.
[4]
ten is the same as tPZH and tPZL.
[5]
tdis is the same as tPHZ and tPLZ.
10.1 Waveforms
Table 8.
Dynamic characteristics
GND = 0 V; for test circuit see Figure 16
Symbol Parameter
Conditions
Tamb = 40 C to +85 C Tamb = 40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation delay
An to Bn or Bn to An;
see Figure 14
[2][3]
VCC = 3.0 V to 3.6 V
-
-
0.11
-
0.22
ns
ten
enable time
OE to An or Bn;
see Figure 15
[4]
VCC = 3.0 V to 3.6 V
1.5
2.9
5.0
1.5
6.0
ns
tdis
disable time
OE to An or Bn;
see Figure 15
[5]
VCC = 3.0 V to 3.6 V
0.8
3.3
7.0
0.8
8.0
ns
Measurement points are given in Table 9.
Logic levels: VOL and VOH are typical output voltage levels that occur with the output load.
Fig 14. The data input (An, Bn) to output (Bn, An) propagation delay times
001aai367
VM
VM
VM
VM
VI
input
0 V
VOH
output
VOL
tPHL
tPLH
Table 9.
Measurement points
Supply voltage
Input
Output
VCC
VM
VI
tr = tf
VM
VX
VY
3.0 V to 3.6 V
0.5VCC
VCC
 2.0 ns
0.9 V
VOL +0.15V
VOH  0.15 V


Número de pieza similar - 74CBTLVD3861BQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74CBTLVD3861BQ NEXPERIA-74CBTLVD3861BQ Datasheet
240Kb / 14P
   10-bit level-shifting bus switch with output enable
Rev. 5 - 18 April 2019
More results

Descripción similar - 74CBTLVD3861BQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
CBTD3861 NXP-CBTD3861 Datasheet
342Kb / 16P
   10-bit level shifting bus switch with output enable
Rev. 1-19 August 2010
74CBTLVD3861 PHILIPS-74CBTLVD3861_15 Datasheet
142Kb / 19P
   10-bit level-shifting bus switch with output enable
Rev. 4-14 December 2011
logo
Nexperia B.V. All right...
CBTD3861 NEXPERIA-CBTD3861 Datasheet
218Kb / 12P
   10-bit level shifting bus switch with output enable
Rev. 3 - 6 March 2019
74CBTLVD3861 NEXPERIA-74CBTLVD3861 Datasheet
240Kb / 14P
   10-bit level-shifting bus switch with output enable
Rev. 5 - 18 April 2019
logo
NXP Semiconductors
74CBTLVD3245 PHILIPS-74CBTLVD3245_15 Datasheet
415Kb / 19P
   8-bit level-shifting bus switch with output enable
Rev. 3-16 December 2011
logo
Nexperia B.V. All right...
74CBTLVD3245-Q100 NEXPERIA-74CBTLVD3245-Q100 Datasheet
235Kb / 14P
   8-bit level-shifting bus switch with output enable
74CBTLVD3245 NEXPERIA-74CBTLVD3245 Datasheet
235Kb / 14P
   8-bit level-shifting bus switch with output enable
logo
Fairchild Semiconductor
FSTD3125 FAIRCHILD-FSTD3125_05 Datasheet
153Kb / 7P
   4-Bit Bus Switch with Level Shifting
logo
ON Semiconductor
FSTD3125 ONSEMI-FSTD3125 Datasheet
617Kb / 10P
   4-Bit Bus Switch with Level Shifting
May 2012 Rev. 1.0.3
logo
Fairchild Semiconductor
FSTD3125 FAIRCHILD-FSTD3125_12 Datasheet
642Kb / 8P
   4-Bit Bus Switch with Level Shifting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com