Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS7816PCG4 Datasheet(PDF) 10 Page - Texas Instruments

No. de pieza ADS7816PCG4
Descripción Electrónicos  12-Bit High Speed Micro Power Sampling
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7816PCG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS7816PCG4 Datasheet HTML 6Page - Texas Instruments ADS7816PCG4 Datasheet HTML 7Page - Texas Instruments ADS7816PCG4 Datasheet HTML 8Page - Texas Instruments ADS7816PCG4 Datasheet HTML 9Page - Texas Instruments ADS7816PCG4 Datasheet HTML 10Page - Texas Instruments ADS7816PCG4 Datasheet HTML 11Page - Texas Instruments ADS7816PCG4 Datasheet HTML 12Page - Texas Instruments ADS7816PCG4 Datasheet HTML 13Page - Texas Instruments ADS7816PCG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
®
ADS7816
D
OUT
1.4V
Test Point
3k
100pF
C
LOAD
t
r
D
OUT
V
OH
V
OL
t
f
t
dDO
t
hDO
D
OUT
DCLOCK
V
OH
V
OL
V
IL
D
OUT
Test Point
t
dis Waveform 2, ten
t
dis Waveform 1
100pF
C
LOAD
3k
t
dis
CS/SHDN
DOUT
Waveform 1(1)
DOUT
Waveform 2(2)
90%
10%
V
IH
1
B11
2
t
en
CS/SHDN
DCLOCK
V
OL
D
OUT
V
CC
Load Circuit for tdDO, tr, and tf
Voltage Waveforms for DOUT Rise and Fall TImes tr, and tf
Voltage Waveforms for DOUT Delay Times, tdDO
Load Circuit for tdis and tden
Voltage Waveforms for ten
FIGURE 2. Timing Diagrams and Test Circuits for the Parameters in Table I.
Voltage Waveforms for tdis
DESCRIPTION
ANALOG VALUE
Full Scale Range
VREF
Least Significant
VREF/4096
Bit (LSB)
Full Scale
VREF –1 LSB
1111 1111 1111
FFF
Midscale
VREF/2
1000 0000 0000
800
Midscale – 1 LSB
VREF/2 – 1 LSB
0111 1111 1111
7FF
Zero
0V
0000 0000 0000
000
Table II. Ideal Input Voltages and Output Codes.
DIGITAL OUTPUT:
STRAIGHT BINARY
BINARY CODE
HEX CODE
NOTES: (1) Waveform 1 is for an output with internal conditions such that
the output is HIGH unless disabled by the output control. (2) Waveform 2
is for an output with internal conditions such that the output is LOW unless
disabled by the output control.
DATA FORMAT
The output data from the ADS7816 is in Straight Binary
format as shown in Table II. This table represents the ideal
output code for the given input voltage and does not include
the effects of offset, gain error, or noise.
POWER DISSIPATION
The architecture of the converter, the semiconductor fabrica-
tion process, and a careful design allow the ADS7816 to
convert at up to a 200kHz rate while requiring very little
power. Still, for the absolute lowest power dissipation, there
are several things to keep in mind.
The power dissipation of the ADS7816 scales directly with
conversion rate. The first step to achieving the lowest power
dissipation is to find the lowest conversion rate that will
satisfy the requirements of the system.
In addition, the ADS7816 is in power down mode under two
conditions: when the conversion is complete and whenever
CS is HIGH (see Figure 1). Ideally, each conversion should
occur as quickly as possible, preferably, at a 3.2MHz clock
rate. This way, the converter spends the longest possible
time in the power down mode. This is very important as the


Número de pieza similar - ADS7816PCG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS7816PCG4 TI-ADS7816PCG4 Datasheet
931Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling
ADS7816PCG4 TI-ADS7816PCG4 Datasheet
963Kb / 24P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Descripción similar - ADS7816PCG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS7816PG4 TI-ADS7816PG4 Datasheet
931Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling
ADS7816U TI1-ADS7816U Datasheet
951Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7816 BURR-BROWN-ADS7816 Datasheet
226Kb / 13P
   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7816P TI1-ADS7816P Datasheet
951Kb / 23P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7816EB TI-ADS7816EB Datasheet
963Kb / 24P
[Old version datasheet]   12-Bit High Speed Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7817E TI-ADS7817E Datasheet
633Kb / 21P
[Old version datasheet]   12-Bit Differential Input Micro Power Sampling
logo
Burr-Brown (TI)
ADS1286 BURR-BROWN-ADS1286 Datasheet
165Kb / 11P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1286 TI1-ADS1286_14 Datasheet
491Kb / 18P
[Old version datasheet]   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS1286 TI1-ADS1286_16 Datasheet
483Kb / 17P
[Old version datasheet]   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1286 BURR-BROWN-ADS1286_06 Datasheet
141Kb / 14P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com