Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM35AH Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM35AH
Descripción Electrónicos  LM35 Precision Centigrade Temperature Sensors
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM35AH Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM35AH Datasheet HTML 5Page - Texas Instruments LM35AH Datasheet HTML 6Page - Texas Instruments LM35AH Datasheet HTML 7Page - Texas Instruments LM35AH Datasheet HTML 8Page - Texas Instruments LM35AH Datasheet HTML 9Page - Texas Instruments LM35AH Datasheet HTML 10Page - Texas Instruments LM35AH Datasheet HTML 11Page - Texas Instruments LM35AH Datasheet HTML 12Page - Texas Instruments LM35AH Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
LM35
+
OUT
HEAVY CAPACITIVE LOAD, WIRING, ETC.
TO A HIGH-IMPEDANCE LOAD
L
75
1 2F
0.01 2F BYPASS
OPTONAL
LM35
+
OUT
2 k
HEAVY CAPACITIVE LOAD, WIRING, ETC.
TO A HIGH-IMPEDANCE LOAD
L
LM35
www.ti.com
SNIS159D – AUGUST 1999 – REVISED OCTOBER 2013
TYPICAL APPLICATIONS
Figure 14. LM35 with Decoupling from Capacitive Load
Figure 15. LM35 with R-C Damper
CAPACITIVE LOADS
Like most micropower circuits, the LM35 has a limited ability to drive heavy capacitive loads. The LM35 alone is
able to drive 50 pf without special precautions. If heavier loads are anticipated, isolating or decoupling the load
with a resistor is easy (see Figure 14). Or you can improve the tolerance of capacitance with a series R-C
damper from output to ground (see Figure 15).
When the LM35 is applied with a 200-
Ω load resistor as shown in Figure 16, Figure 17, or Figure 19, the device
is relatively immune to wiring capacitance because the capacitance forms a bypass from ground to input and not
on the output. However, as with any linear circuit connected to wires in a hostile environment, performance is
affected adversely by intense electromagnetic sources such as relays, radio transmitters, motors with arcing
brushes, and SCR transients, as the wiring acts as a receiving antenna and the internal junctions act as
rectifiers. For best results in such cases, a bypass capacitor from VIN to ground and a series R-C damper, such
as 75
Ω, in series with 0.2 or 1 μF from output to ground are often useful. These are shown in Figure 24,
Figure 24, and Figure 27.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM35


Número de pieza similar - LM35AH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM35AH NSC-LM35AH Datasheet
306Kb / 13P
   Precision Centigrade Temperature Sensors
LM35AH NSC-LM35AH Datasheet
306Kb / 13P
   Precision Centigrade Temperature Sensors
logo
Texas Instruments
LM35AH TI1-LM35AH Datasheet
1Mb / 25P
[Old version datasheet]   LM35 Precision Centigrade Temperature Sensors
LM35AH TI1-LM35AH Datasheet
1Mb / 31P
[Old version datasheet]   Precision Centigrade Temperature Sensors
logo
Tiger Electronic Co.,Lt...
LM35AH TGS-LM35AH Datasheet
451Kb / 10P
   Precision Centigrade Temperature Sensors
More results

Descripción similar - LM35AH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM35DZ_NOPB TI1-LM35DZ_NOPB Datasheet
1Mb / 25P
[Old version datasheet]   LM35 Precision Centigrade Temperature Sensors
LM35 TI-LM35_15 Datasheet
2Mb / 32P
[Old version datasheet]   LM35 Precision Centigrade Temperature Sensors
LM35 TI1-LM35 Datasheet
348Kb / 15P
[Old version datasheet]   LM35 Precision Centigrade Temperature Sensors
logo
National Semiconductor ...
LM35 NSC-LM35 Datasheet
306Kb / 13P
   Precision Centigrade Temperature Sensors
LM35 NSC-LM35 Datasheet
306Kb / 13P
   Precision Centigrade Temperature Sensors
LM35A NSC-LM35A Datasheet
252Kb / 12P
   Precision Centigrade Temperature Sensors
logo
Tiger Electronic Co.,Lt...
LM35 TGS-LM35 Datasheet
451Kb / 10P
   Precision Centigrade Temperature Sensors
logo
Texas Instruments
LM35 TI1-LM35_15 Datasheet
1Mb / 31P
[Old version datasheet]   Precision Centigrade Temperature Sensors
logo
National Semiconductor ...
LM45B NSC-LM45B Datasheet
195Kb / 8P
   SOT-23 Precision Centigrade Temperature Sensors
LM45 NSC-LM45_05 Datasheet
650Kb / 11P
   SOT-23 Precision Centigrade Temperature Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com