Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM317EMPX/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM317EMPX/NOPB
Descripción Electrónicos  LM117/LM317A/LM317-N Three-Terminal Adjustable Regulator
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM317EMPX/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM317EMPX/NOPB Datasheet HTML 1Page - Texas Instruments LM317EMPX/NOPB Datasheet HTML 2Page - Texas Instruments LM317EMPX/NOPB Datasheet HTML 3Page - Texas Instruments LM317EMPX/NOPB Datasheet HTML 4Page - Texas Instruments LM317EMPX/NOPB Datasheet HTML 5Page - Texas Instruments LM317EMPX/NOPB Datasheet HTML 6Page - Texas Instruments LM317EMPX/NOPB Datasheet HTML 7Page - Texas Instruments LM317EMPX/NOPB Datasheet HTML 8Page - Texas Instruments LM317EMPX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
LM117, LM317A, LM317-N
SNVS774O – MAY 2004 – REVISED JANUARY 2014
www.ti.com
Typical Applications
Full output current not available at high input-output voltages
*Needed if device is more than 6 inches from filter capacitors.
†Optional—improves transient response. Output capacitors in the range of 1
μF to 1000 μF of aluminum or tantalum
electrolytic are commonly used to provide improved output impedance and rejection of transients.
Figure 1. 1.2V–25V Adjustable Regulator
LM117/LM317A/LM317-N Package Options
Part Number
Package Drawing
Package Type
Output Current
LM117K STEEL
NDS
TO-3
LM317K
LM317AT
NDE
1.5A
LM317T
TO-220
LM317T/LF01
NDG
LM317S
KTT
TO-263
LM317AEMP
DCY
SOT-223
1.0A
LM317EMP
LM117H
LM317AH
NDT
TO
LM317H
0.5A
LM317AMDT
NDP
TO-252
LM317MDT
NOTE
For part numbers that can be ordered, please see the Package Option Addendum at the
end of the datasheet.
SOT-223 vs. TO-252 Packages
Figure 2. Scale 1:1
2
Submit Documentation Feedback
Copyright © 2004–2014, Texas Instruments Incorporated
Product Folder Links: LM117 LM317A LM317-N


Número de pieza similar - LM317EMPX/NOPB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM317EMPX/NOPB TI1-LM317EMPX/NOPB Datasheet
3Mb / 38P
[Old version datasheet]   LM117/LM317A/LM317-N 3-Terminal Adjustable Regulator
LM317EMPX/NOPB TI1-LM317EMPX/NOPB Datasheet
3Mb / 40P
[Old version datasheet]   LM117/LM317A/LM317-N Three-Terminal Adjustable Regulator
LM317EMPX/NOPB TI1-LM317EMPX/NOPB Datasheet
5Mb / 48P
[Old version datasheet]   Wide Temperature Three-Pin Adjustable Regulator
LM317EMPX/NOPB TI-LM317EMPX/NOPB Datasheet
5Mb / 51P
[Old version datasheet]   LM117, LM317-N Wide Temperature Three-Pin Adjustable Regulator
More results

Descripción similar - LM317EMPX/NOPB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM117 TI-LM117_15 Datasheet
3Mb / 41P
[Old version datasheet]   LM117/LM317A/LM317-N Three-Terminal Adjustable Regulator
LM117H TI1-LM117H Datasheet
3Mb / 40P
[Old version datasheet]   LM117/LM317A/LM317-N Three-Terminal Adjustable Regulator
LM117 TI1-LM117 Datasheet
3Mb / 38P
[Old version datasheet]   LM117/LM317A/LM317-N 3-Terminal Adjustable Regulator
LM117 TI-LM117_V01 Datasheet
5Mb / 51P
[Old version datasheet]   LM117, LM317-N Wide Temperature Three-Pin Adjustable Regulator
LM317 TI-LM317_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM317 3-Terminal Adjustable Regulator
logo
Guangdong Kexin Industr...
LM317LF KEXIN-LM317LF Datasheet
1Mb / 4P
   Three-Terminal Adjustable Regulator
logo
Estek Electronics Co. L...
ET431 ESTEK-ET431 Datasheet
197Kb / 3P
   three-terminal adjustable regulator
logo
Guangdong Kexin Industr...
LM317LFR KEXIN-LM317LFR Datasheet
1Mb / 4P
   Three-Terminal Adjustable Regulator
logo
ON Semiconductor
LM337 ONSEMI-LM337 Datasheet
172Kb / 8P
   THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATOR
1996 Rev 1
logo
Texas Instruments
LM117HV TI1-LM117HV_16 Datasheet
2Mb / 28P
[Old version datasheet]   High Voltage Three-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com