Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2587S-ADJ Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM2587S-ADJ
Descripción Electrónicos  LM2587 SIMPLE SWITCHER 5A Flyback Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM2587S-ADJ Datasheet(HTML) 5 Page - Texas Instruments

  LM2587S-ADJ Datasheet HTML 1Page - Texas Instruments LM2587S-ADJ Datasheet HTML 2Page - Texas Instruments LM2587S-ADJ Datasheet HTML 3Page - Texas Instruments LM2587S-ADJ Datasheet HTML 4Page - Texas Instruments LM2587S-ADJ Datasheet HTML 5Page - Texas Instruments LM2587S-ADJ Datasheet HTML 6Page - Texas Instruments LM2587S-ADJ Datasheet HTML 7Page - Texas Instruments LM2587S-ADJ Datasheet HTML 8Page - Texas Instruments LM2587S-ADJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LM2587
www.ti.com
SNVS115D – APRIL 2000 – REVISED APRIL 2013
Absolute Maximum Ratings
(1) (2)
Input Voltage
−0.4V ≤ VIN ≤ 45V
Switch Voltage
−0.4V ≤ VSW ≤ 65V
Switch Current(3)
Internally Limited
Compensation Pin Voltage
−0.4V ≤ VCOMP ≤ 2.4V
Feedback Pin Voltage
−0.4V ≤ VFB ≤ 2 VOUT
Storage Temperature Range
−65°C to +150°C
Lead Temperature
(Soldering, 10 sec.)
260°C
Maximum Junction
Temperature(4)
150°C
Power Dissipation (4)
Internally Limited
Minimum ESD Rating
(C = 100 pF, R = 1.5 k
Ω)
2 kV
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating ratings indicate conditions the
device is intended to be functional, but device parameter specifications may not be ensured under these conditions. For ensured
specifications and test conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(3)
Note that switch current and output current are not identical in a step-up regulator. Output current cannot be internally limited when the
LM2587 is used as a step-up regulator. To prevent damage to the switch, the output current must be externally limited to 5A. However,
output current is internally limited when the LM2587 is used as a flyback regulator (see the Application Hints section for more
information).
(4)
The junction temperature of the device (TJ) is a function of the ambient temperature (TA), the junction-to-ambient thermal resistance
(
θJA), and the power dissipation of the device (PD). A thermal shutdown will occur if the temperature exceeds the maximum junction
temperature of the device: PD × θJA + TA(MAX) ≥ TJ(MAX). For a safe thermal design, check that the maximum power dissipated by the
device is less than: PD ≤ [TJ(MAX) − TA(MAX))]/θJA. When calculating the maximum allowable power dissipation, derate the maximum
junction temperature—this ensures a margin of safety in the thermal design.
Operating Ratings
Supply Voltage
4V
≤ VIN ≤ 40V
Output Switch Voltage
0V
≤ VSW ≤ 60V
Output Switch Current
ISW ≤ 5.0A
Junction Temperature Range
−40°C ≤ TJ ≤ +125°C
LM2587-3.3 Electrical Characteristics
Specifications with standard type face are for TJ = 25°C, and those in bold type face apply over full Operating Temperature
Range. Unless otherwise specified, VIN = 5V.
Symbol
Parameters
Conditions
Typical
Min
Max
Units
SYSTEM PARAMETERS Test Circuit of Figure 7(1)
VOUT
Output Voltage
VIN = 4V to 12V
3.3
3.17/3.14
3.43/3.46
V
ILOAD = 400 mA to 1.75A
ΔVOUT/
Line Regulation
VIN = 4V to 12V
20
50/100
mV
ΔVIN
ILOAD = 400 mA
ΔVOUT/
Load Regulation
VIN = 12V
20
50/100
mV
ΔILOAD
ILOAD = 400 mA to 1.75A
η
Efficiency
VIN = 12V, ILOAD = 1A
75
%
UNIQUE DEVICE PARAMETERS(2)
VREF
Output Reference
Measured at Feedback Pin
3.3
3.242/3.234
3.358/3.366
V
Voltage
VCOMP = 1.0V
ΔVREF
Reference Voltage
VIN = 4V to 40V
2.0
mV
Line Regulation
GM
Error Amp
ICOMP = −30 μA to +30 μA
1.193
0.678
2.259
mmho
Transconductance
VCOMP = 1.0V
AVOL
Error Amp
VCOMP = 0.5V to 1.6V
260
151/75
V/V
Voltage Gain
RCOMP = 1.0 MΩ
(3)
(1)
External components such as the diode, inductor, input and output capacitors can affect switching regulator performance. When the
LM2587 is used as shown in Figure 7 and Figure 8, system performance will be as specified by the system parameters.
(2)
All room temperature limits are 100% production tested, and all limits at temperature extremes are specified via correlation using
standard Statistical Quality Control (SQC) methods.
(3)
A 1.0 M
Ω resistor is connected to the compensation pin (which is the error amplifier output) to ensure accuracy in measuring AVOL.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM2587


Número de pieza similar - LM2587S-ADJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2587S-ADJ NSC-LM2587S-ADJ Datasheet
676Kb / 26P
   SIMPLE SWITCHER 5A Flyback Regulator
LM2587S-ADJ NSC-LM2587S-ADJ Datasheet
810Kb / 27P
   SIMPLE SWITCHER짰 5A Flyback Regulator
More results

Descripción similar - LM2587S-ADJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM2587EVAL TI1-LM2587EVAL Datasheet
4Mb / 32P
[Old version datasheet]   LM2587 SIMPLE SWITCHER짰 5A Flyback Regulator
logo
National Semiconductor ...
LM2587 NSC-LM2587 Datasheet
676Kb / 26P
   SIMPLE SWITCHER 5A Flyback Regulator
LM2588 NSC-LM2588 Datasheet
786Kb / 29P
   SIMPLE SWITCHER 5A Flyback Regulator with
logo
Texas Instruments
LM2588 TI1-LM2588 Datasheet
2Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER 5A Flyback Regulator with Shutdown
LM2588T-5 TI1-LM2588T-5 Datasheet
2Mb / 38P
[Old version datasheet]   LM2588 SIMPLE SWITCHER 5A Flyback Regulator with Shutdown
logo
National Semiconductor ...
LM2585 NSC-LM2585 Datasheet
627Kb / 25P
   SIMPLE SWITCHER 3A Flyback Regulator
LM2587 NSC-LM2587_04 Datasheet
810Kb / 27P
   SIMPLE SWITCHER짰 5A Flyback Regulator
LM2586 NSC-LM2586 Datasheet
778Kb / 28P
   SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
LM2588 NSC-LM2588_05 Datasheet
1Mb / 30P
   SIMPLE SWITCHER짰 5A Flyback Regulator with Shutdown
logo
Texas Instruments
LM2586T-ADJ TI-LM2586T-ADJ Datasheet
2Mb / 38P
[Old version datasheet]   LM2586 SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com