Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2594MX-5.0/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM2594MX-5.0/NOPB
Descripción Electrónicos  LM2594/LM2594HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM2594MX-5.0/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LM2594MX-5.0/NOPB Datasheet HTML 1Page - Texas Instruments LM2594MX-5.0/NOPB Datasheet HTML 2Page - Texas Instruments LM2594MX-5.0/NOPB Datasheet HTML 3Page - Texas Instruments LM2594MX-5.0/NOPB Datasheet HTML 4Page - Texas Instruments LM2594MX-5.0/NOPB Datasheet HTML 5Page - Texas Instruments LM2594MX-5.0/NOPB Datasheet HTML 6Page - Texas Instruments LM2594MX-5.0/NOPB Datasheet HTML 7Page - Texas Instruments LM2594MX-5.0/NOPB Datasheet HTML 8Page - Texas Instruments LM2594MX-5.0/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
LM2594, LM2594HV
www.ti.com
SNVS118C – DECEMBER 1999 – REVISED APRIL 2013
All Output Voltage Versions Electrical Characteristics
Specifications with standard type face are for TJ = 25°C, and those with boldface type apply over full Operating
Temperature Range . Unless otherwise specified, VIN = 12V for the 3.3V, 5V, and Adjustable version and VIN = 24V for the
12V version. ILOAD = 100 mA
Symbol
Parameter
Conditions
LM2594/LM2594HV-XX
Units
(Limits)
Typ(1)
Limit(2)
DEVICE PARAMETERS
Ib
Feedback Bias Current
Adjustable Version Only, VFB = 1.3V
10
50/100
nA
fO
Oscillator Frequency
See(3)
150
kHz
127/110
kHz(min)
173/173
kHz(max)
VSAT
Saturation Voltage
IOUT = 0.5A
(4) (5)
0.9
V
1.1/1.2
V(max)
DC
Max Duty Cycle (ON)
See(5)
100
%
Min Duty Cycle (OFF)
See(6)
0
ICL
Current Limit
Peak Current(4)(5)
0.8
A
0.65/0.58
A(min)
1.3/1.4
A(max)
IL
Output Leakage Current
Output = 0V(4)(6)(7)
50
μA(max)
Output =
−1V
2
mA
15
mA(max)
IQ
Quiescent Current
See(6)
5
mA
10
mA(max)
ISTBY
Standby Quiescent Current
ON/OFF pin = 5V (OFF)(7)
85
μA
LM2594
200/250
μA(max)
LM2594HV
140
250/300
μA(max)
θJA
Thermal Resistance
P Package, Junction to Ambient(8)
95
°C/W
MDPackage, Junction to Ambient(8)
150
ON/OFF CONTROL Test Circuit Figure 20
ON /OFF Pin Logic Input
1.3
V
VIH
Threshold Voltage
Low (Regulator ON)
0.6
V(max)
VIL
High (Regulator OFF)
2.0
V(min)
IH
ON /OFF Pin Input Current
VLOGIC = 2.5V (Regulator OFF)
5
μA
15
μA(max)
IL
VLOGIC = 0.5V (Regulator ON)
0.02
μA
5
μA(max)
(1)
Typical numbers are at 25°C and represent the most likely norm.
(2)
All limits ensured at room temperature (standard type face) and at temperature extremes (bold type face). All room temperature limits
are 100% production tested. All limits at temperature extremes are specified via correlation using standard Statistical Quality Control
(SQC) methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
(3)
The switching frequency is reduced when the second stage current limit is activated. The amount of reduction is determined by the
severity of current overload.
(4)
No diode, inductor or capacitor connected to output pin.
(5)
Feedback pin removed from output and connected to 0V to force the output transistor switch ON.
(6)
Feedback pin removed from output and connected to 12V for the 3.3V, 5V, and the ADJ. version, and 15V for the 12V version, to force
the output transistor switch OFF.
(7)
VIN = 40V for the LM2594 and 60V for the LM2594HV.
(8)
Junction to ambient thermal resistance with approximately 1 square inch of printed circuit board copper surrounding the leads. Additional
copper area will lower thermal resistance further. See application hints in this data sheet and the thermal model in Switchers Made
Simple® software.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM2594 LM2594HV


Número de pieza similar - LM2594MX-5.0/NOPB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM2594MX-5.0/NOPB TI1-LM2594MX-5.0/NOPB Datasheet
1Mb / 41P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER짰 Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2594MX-5.0/NOPB TI1-LM2594MX-5.0/NOPB Datasheet
1Mb / 40P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2594MX-5.0/NOPB TI1-LM2594MX-5.0/NOPB Datasheet
1Mb / 40P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2594MX-5.0/NOPB TI1-LM2594MX-5.0/NOPB Datasheet
2Mb / 41P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz 0.5-A Step-Down Voltage Regulator
More results

Descripción similar - LM2594MX-5.0/NOPB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM2594N-5 TI1-LM2594N-5 Datasheet
1Mb / 40P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2594N-ADJ TI1-LM2594N-ADJ Datasheet
1Mb / 40P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2594 TI1-LM2594 Datasheet
1Mb / 41P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER짰 Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM2597M-5 TI1-LM2597M-5 Datasheet
2Mb / 48P
[Old version datasheet]   LM2597/LM2597HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2597 NSC-LM2597 Datasheet
900Kb / 34P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator, with Features
logo
Texas Instruments
LM2597HVM-33 TI-LM2597HVM-33 Datasheet
2Mb / 48P
[Old version datasheet]   LM2597/LM2597HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down
logo
National Semiconductor ...
LM2592HV NSC-LM2592HV Datasheet
655Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator
LM2591HV NSC-LM2591HV Datasheet
730Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595 NSC-LM2595 Datasheet
935Kb / 29P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com