Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DBF9PNBT Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers |
|
DBF9PNBT Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 6 page MP642 R 06 Connectors Accessories A range of accessories are available including automatic and hand crimp tools, insertion and extraction tools – ask our sales office for details. ITW McMurdo Connectors Division of ITW Limited Norway Road Hilsea Portsmouth PO3 5HT United Kingdom Tel: 02392 656200 Fax: 02392 666352 e-mail: info@itwmcmurdo.co.uk www.itwmcmurdo.co.uk ORDERING information for CONNECTORS D B X 25 P N B T D Series D – Standard/Budget/Crimp SD – Special D LD – Special D 90º p.c. alternative HD-High Density Shell size E, A, B, C and D Mounting options/crimp select No designator – Standard fixing holes B – 90º brackets and stabiliser rivetted (fitted on 50 and 90º p.c. as standard) F – Float mount for rear panel mounting R – Reverse float mounting G – MP501 rivetted H – 4-40 UNC threaded inserts fitted K – MP625 and screwlock fitted L – MP501-2 screw mounted N – 90º brackets and stabiliser with screwlock fitted S – Screwlock fitted T – Boardlocks fitted X – Screwlocks and Boardlocks fitted C-Crimp (contacts ordered separately) Shell finish No designator – Zinc/yellow passivate T – Tinned (socket only) TD – Tinned and dimpled (plug only) Termination type No designator – Solder bucket (and crimped when selector code has been used) N – 90º p.c. OL – Straight p.c. W – Wire wrapping Contact type P – Plug S – Socket Contact arrangement 9, 15, 25, 37 and 50 High Density 15, 26, 44, 62 and 78 CONT ACT ORDERING INFORMA TION CONT ACT ARRANGEMENT(viewed from ma ting face of male connector) Contact/Wire Gauge MP642-Pin, 24/28 A.W.G (HD only) MP643-Socket, 24/28 A.W.G (HD only) MP647-Pin, 24/28 A.W.G (crimp D only) MP648-Socket, 24/28 A.W.G (crimp D only) MP649-Pin, 20/24 A.W.G (crimp D only) MP650-Socket, 20/24 A.W.G (crimp D only) Method of supply No designator – in packs of 100 R – 10,000 on a reel Performance Code High Density 05-Pin, 200 operations 06-Pin, 50 operations 15-Socket, 200 operations 16-Socket, 50 operations Crimp D 45-Pin, standard 500 operations 46-Pin, budget 300 operations 55-Socket, standard 500 operations 56-Socket, budget 300 operations Special, Standard and Crimp D High Density D 1 6 23 4 5 7 89 1 23 4 5 15 6 7 8 16 20 17 18 19 9 10 11 12 13 14 21 22 23 24 25 1 9 23 4 5 10 6 7 8 11 15 12 13 14 1 23 4 5 6 26 27 28 29 30 31 7 8 9 10 11 12 13 16 17 18 19 14 15 20 21 22 23 24 25 32 33 34 35 36 37 1 18 34 2 3 4 19 20 21 5 14 22 67 23 8 24 25 910 26 11 27 12 28 29 13 30 15 31 32 16 17 33 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 E - 9 contacts B - 25 contacts A - 15 contacts C - 37 contacts D - 50 contacts 1 6 11 5 10 15 1 31 16 15 30 44 1 19 9 10 18 26 21 42 62 1 43 22 1 39 20 59 78 40 60 21 E - 15 contacts B - 44 contacts A - 26 contacts C - 62 contacts D - 78 contacts Due to our policy of continuous product development, ITW McMurdo Connectors retain the right to change the specification at any time without prior notice. Designed & printed in the UK. Performance code No designator – standard, HD, special, crimp B – Budget |
Número de pieza similar - DBF9PNBT |
|
Descripción similar - DBF9PNBT |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |