Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM629M-8 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM629M-8
Descripción Electrónicos  LM628/LM629 Precision Motion Controller
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM629M-8 Datasheet(HTML) 2 Page - Texas Instruments

  LM629M-8 Datasheet HTML 1Page - Texas Instruments LM629M-8 Datasheet HTML 2Page - Texas Instruments LM629M-8 Datasheet HTML 3Page - Texas Instruments LM629M-8 Datasheet HTML 4Page - Texas Instruments LM629M-8 Datasheet HTML 5Page - Texas Instruments LM629M-8 Datasheet HTML 6Page - Texas Instruments LM629M-8 Datasheet HTML 7Page - Texas Instruments LM629M-8 Datasheet HTML 8Page - Texas Instruments LM629M-8 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
LM628, LM629
SNVS781C – JUNE 1999 – REVISED MARCH 2013
www.ti.com
Connection Diagrams
LM628N
LM629N
LM629M
*Do not connect.
Figure 2. See Package Number DW or N
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Voltage at Any Pin with
Respect to GND
−0.3V to +7.0V
Ambient Storage Temperature
−65°C to +150°C
28-pin PDIP Package (Soldering, 4 sec.)
260°C
Lead Temperature
24-pin SOIC Package (Soldering, 10 sec.)
300°C
Maximum Power Dissipation (TA ≤ 85°C)
(3)
605 mW
ESD Tolerance
(CZAP = 120 pF, RZAP = 1.5k)
1000V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond the above Operating Ratings.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
When operating at ambient temperatures above 70°C, the device must be protected against excessive junction temperatures. Mounting
the package on a printed circuit board having an area greater than three square inches and surrounding the leads and body with wide
copper traces and large, uninterrupted areas of copper, such as a ground plane, suffices. The 28-pin DIP (N) and the 24-pin surface
mount package (M) are molded plastic packages with solid copper lead frames. Most of the heat generated at the die flows from the die,
through the copper lead frame, and into copper traces on the printed circuit board. The copper traces act as a heat sink. Double-sided
or multi-layer boards provide heat transfer characteristics superior to those of single-sided boards.
Operating Ratings
Temperature Range
−40°C < TA < +85°C
LM628N-6, LM629N-6, LM629M-6
1.0 MHz < fCLK < 6.0 MHz
Clock Frequency
LM628N-8, LM629N-8, LM629M-8
1.0 MHz < fCLK < 8.0 MHz
VDD Range
4.5V < VDD < 5.5V
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM628 LM629


Número de pieza similar - LM629M-8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM629M-8 NSC-LM629M-8 Datasheet
630Kb / 24P
   Precision Motion Controller
logo
Texas Instruments
LM629M-8 TI1-LM629M-8 Datasheet
1Mb / 35P
[Old version datasheet]   LM628/LM629 Precision Motion Controller
LM629M-8/NOPB TI1-LM629M-8/NOPB Datasheet
1Mb / 35P
[Old version datasheet]   LM628/LM629 Precision Motion Controller
More results

Descripción similar - LM629M-8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM628N-6 TI1-LM628N-6 Datasheet
1Mb / 35P
[Old version datasheet]   LM628/LM629 Precision Motion Controller
logo
National Semiconductor ...
LM628 NSC-LM628 Datasheet
630Kb / 24P
   Precision Motion Controller
logo
New Scale Technologies,...
M3-L NEWSCALE-M3-L Datasheet
273Kb / 2P
   Smart Module for Precision Motion
01-13-2023
logo
List of Unclassifed Man...
SV7-S-AF ETC2-SV7-S-AF Datasheet
207Kb / 4P
   Motion Controller Compatible Servo Drive
logo
TRINAMIC Motion Control...
TMC4210 TRINAMIC-TMC4210 Datasheet
1Mb / 48P
   MOTION CONTROLLER FOR STEPPER MOTORS
logo
Contec Co., Ltd
SMC-4DL-PE CONTEC-SMC-4DL-PE Datasheet
686Kb / 6P
   Motion Controller Board for PCI Express
logo
Schneider Electric
TM262M15MESS8T SCHNEIDER-TM262M15MESS8T Datasheet
370Kb / 13P
   Motion Controller M262, 5ns/ instruction, , Ethernet, Sercos
Apr 6, 2022
logo
Adlink Technology Inc.
PCI-8102 ADLINK-PCI-8102 Datasheet
448Kb / 1P
   Advanced 2-axis Servo & Stepper Motion Controller
logo
National Instruments Co...
PCI-7390 NI-PCI-7390 Datasheet
593Kb / 5P
   4-Axis Position (Pulse) Command Motion Controller
logo
Advantech Co., Ltd.
AMAX-3110 ADVANTECH-AMAX-3110 Datasheet
423Kb / 2P
   Standalone 6-axis pulse train motion controller
14-May-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com