Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM8261M5 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM8261M5
Descripción Electrónicos  LM8261 Single RRIO, High Output Current & Unlimited Cap Load Op Amp in SOT-23-5
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM8261M5 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM8261M5 Datasheet HTML 2Page - Texas Instruments LM8261M5 Datasheet HTML 3Page - Texas Instruments LM8261M5 Datasheet HTML 4Page - Texas Instruments LM8261M5 Datasheet HTML 5Page - Texas Instruments LM8261M5 Datasheet HTML 6Page - Texas Instruments LM8261M5 Datasheet HTML 7Page - Texas Instruments LM8261M5 Datasheet HTML 8Page - Texas Instruments LM8261M5 Datasheet HTML 9Page - Texas Instruments LM8261M5 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
LM8261
SNOS469I – APRIL 2000 – REVISED MARCH 2013
www.ti.com
±15V ELECTRICAL CHARACTERISTICS
(1) (continued)
Unless otherwise specified, all limited guaranteed for TA = 25°C, V
+ = 15V, V= −15V, V
CM = 0V, VO = 0V, and RL > 1MΩ to
0V. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Condition
Typ(2)
Limit(3)
Units
VO
Output Swing
RL = 10KΩ
14.83
14.65
High
14.61
V
min
RL = 2KΩ
14.73
14.60
14.55
Output Swing
RL = 10KΩ
−14.91
−14.75
Low
−14.65
V
max
RL = 2KΩ
−14.83
−14.65
−14.60
ISC
Output Short Circuit Current
Sourcing to ground
60
40
VID = 200mV
(6) (7)
25
mA
min
Sinking to ground
100
70
VID = 200mV
(6) (7)
60
IS
Supply Current
No load, VCM = 0V
1.30
1.50
mA
1.90
max
SR
Slew Rate(8)
AV = +1, VI = 24VPP
15
10
V/µs
8
min
fu
Unity Gain Frequency
VI = 10mV, RL = 2KΩ
14
MHz
GBWP
Gain-Bandwidth Product
f = 50KHz
24
18
MHz
16
min
Phim
Phase Margin
VI = 10mV
58
Deg
en
Input-Referred Voltage Noise
f = 2KHz, RS = 50Ω
15
nV/
√hZ
in
Input-Referred Current Noise
f = 2KHz
1
pA/
√hZ
fMAX
Full Power Bandwidth
ZL = 20pF || 10KΩ
160
KHz
ts
Settling Time (±1%, AV = +1)
Positive Step, 5VPP
320
ns
Negative Step, 5VPP
600
THD+N
Total Harmonic Distortion +Noise
RL = 1KΩ, f = 10KHz,
0.01
%
AV = +2, 28VPP swing
(6)
Production Short Circuit test is a momentary test. See Note 7.
(7)
Allowable Output Short Circuit duration is infinite for VS ≤ 6V at room temperature and below. For VS > 6V, allowable short circuit
duration is 1.5ms.
(8)
Slew rate is the slower of the rising and falling slew rates. Connected as a Voltage Follower.
6
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM8261


Número de pieza similar - LM8261M5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM8261M5 NSC-LM8261M5 Datasheet
915Kb / 19P
   RRIO, High Output Current & Unlimited Cap Load Op Amp in SOT23-5
logo
Texas Instruments
LM8261M5 TI1-LM8261M5 Datasheet
1Mb / 29P
[Old version datasheet]   LM8261 Single RRIO, High Output Current and Unlimited Cap Load Op Amp in SOT-23-5
LM8261M5 TI1-LM8261M5 Datasheet
2Mb / 34P
[Old version datasheet]   Single RRIO High Output Current & Unlimited Cap Load Op Amp
LM8261M5/NOPB TI1-LM8261M5/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   LM8261 Single RRIO, High Output Current and Unlimited Cap Load Op Amp in SOT-23-5
logo
National Semiconductor ...
LM8261M5X NSC-LM8261M5X Datasheet
915Kb / 19P
   RRIO, High Output Current & Unlimited Cap Load Op Amp in SOT23-5
More results

Descripción similar - LM8261M5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM8261M5 TI1-LM8261M5 Datasheet
1Mb / 29P
[Old version datasheet]   LM8261 Single RRIO, High Output Current and Unlimited Cap Load Op Amp in SOT-23-5
logo
National Semiconductor ...
LM8261 NSC-LM8261 Datasheet
915Kb / 19P
   RRIO, High Output Current & Unlimited Cap Load Op Amp in SOT23-5
logo
Texas Instruments
LM8261M5 TI1-LM8261M5_15 Datasheet
2Mb / 34P
[Old version datasheet]   Single RRIO High Output Current & Unlimited Cap Load Op Amp
SM73301 TI1-SM73301 Datasheet
672Kb / 22P
[Old version datasheet]   RRIO, High Output Current & Unlimited Cap Load Op Amp in SOT23-5
logo
National Semiconductor ...
LM8262 NSC-LM8262 Datasheet
255Kb / 10P
   RRIO, High Output Current & Unlimited Cap Load Op Amp in MSOP
LM8272 NSC-LM8272 Datasheet
667Kb / 14P
   RRIO, High Output Current & Unlimited Cap Load Op Amp in Miniature Package
logo
Texas Instruments
LM8262 TI1-LM8262 Datasheet
956Kb / 19P
[Old version datasheet]   Dual RRIO, High Output Current and Unlimited Cap Load Op Amp in VSSOP
LM8272 TI1-LM8272 Datasheet
1Mb / 26P
[Old version datasheet]   Dual RRIO, High Output Current & Unlimited Cap Load
logo
Micrel Semiconductor
MIC910 MICREL-MIC910_14 Datasheet
2Mb / 14P
   135MHz, Low-Power SOT-23-5 Op Amp
MIC910 MICREL-MIC910 Datasheet
552Kb / 12P
   135MHz Low-Power SOT-23-5 Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com