Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LMH0002TMAX Datasheet(PDF) 3 Page - Texas Instruments |
|
LMH0002TMAX Datasheet(HTML) 3 Page - Texas Instruments |
3 / 13 page LMH0002 www.ti.com SNLS215E – JANUARY 2006 – REVISED APRIL 2013 DC Electrical Characteristics Over Supply Voltage and Operating Temperature ranges, unless otherwise specified (1) (2). Symbol Parameter Conditions Reference Min Typ Max Units VCMIN Input Common Mode Voltage SDI, SDI 1.6 + VCC – V VSDI/2 VSDI/2 VSDI Input Voltage Swing Differential 100 2000 mVP−P VCMOUT Output Common Mode Voltage SDO, SDO VCC – V VSDO VSDO Output Voltage Swing Single-ended, 75 Ω load, 750 800 850 mVP-P RREF = 750Ω 1% Single-ended, 75 Ω load, 900 1000 1100 mVP-P RREF = 590Ω 1% SD/HD Input Voltage Min for SD SD/HD 2.4 V Max for HD 0.8 V SD/HD Input Current 3.7 µA ICC Supply Current SD/HD = 0(3) 45 49 mA SD/HD = 1(3) 38 43 mA (1) Current flow into device pins is defined as positive. Current flow out of device pins is defined as negative. All voltages are stated referenced to VEE = 0 Volts. (2) Typical values are stated for VCC = +3.3V and TA = +25°C. (3) Maximum ICC is measured at VCC = +3.465V and TA = +70°C. AC Electrical Characteristics Over Supply Voltage and Operating Temperature ranges, unless otherwise specified (1). Symbol Parameter Conditions Reference Min Typ Max Units DRSDI Input Data Rate . (2) SDI, SDI 1485 Mbps tjit Additive Jitter 1.485 Gbps SDO, SDO 26 psP-P 270 Mbps 18 psP-P tr,tf Output Rise Time, Fall Time SD/HD = 0, 20% – 80%,(3) 120 220 ps SD/HD = 1, 20% – 80% 400 560 800 ps Mismatch in Rise/Fall Time . (2) 30 ps Duty Cycle Distortion SD/HD = 0, (2) 30 ps SD/HD = 1, (2) 100 ps tOS Output Overshoot . (2) 8 % RLSDO Output Return Loss . (4) 15 20 dB (1) Typical values are stated for VCC = +3.3V and TA = +25°C. (2) Specification is ensured by characterization. (3) Specification is ensured by characterization and verified by test. (4) Output return loss is dependent on board design. The LMH0002 meets this specification on the SD002 evaluation board from 5MHz to 1.5GHz. Copyright © 2006–2013, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Links: LMH0002 |
Número de pieza similar - LMH0002TMAX |
|
Descripción similar - LMH0002TMAX |