Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LMV932IDG4 Datasheet(PDF) 7 Page - Texas Instruments |
|
LMV932IDG4 Datasheet(HTML) 7 Page - Texas Instruments |
7 / 27 page a V IO Not Recommended for New Designs LMV932 DUAL, LMV934 QUAD LMV931 SINGLE www.ti.com SLOS441G – AUGUST 2004 – REVISED FEBRUARY 2006 Electrical Characteristics VCC+ = 2.7 V, VCC– = 0 V, VIC = VCC+/2, VO = VCC+/2, and RL > 1 MΩ (unless otherwise noted) PARAMETER TEST CONDITIONS TA MIN TYP MAX UNIT 25°C 1 4 LMV931 (single) Full range 6 VIO Input offset voltage mV 25°C 1 5.5 LMV932 (dual), LMV934 (quad) Full range 7.5 Average temperature coefficient of input 25°C 5.5 μV/°C offset voltage VIC = VCC+ – 0.8 V 25°C 15 35 IIB Input bias current 25°C 65 nA Full range 75 25°C 8 25 IIO Input offset current nA Full range 40 25°C 105 190 Supply current ICC μA (per channel) Full range 210 25°C 60 81 0 ≤ VIC ≤ 1.5 V, 2.3 V ≤ VIC ≤ 2.7 V –40°C to 55 85°C Common-mode CMRR dB rejection ratio –40°C to 0.2 ≤ VIC ≤ 1.5 V, 2.3 V ≤ VIC ≤ 2.5 V 55 125°C –0.2 ≤ VIC ≤ 0 V, 2.7 V ≤ VIC ≤ 2.9 V 25°C 50 74 25°C 75 100 Supply-voltage kSVR 1.8 V ≤ VCC+ ≤ 5 V, VIC = 0.5 V dB rejection ratio Full range 70 25°C VCC– – 0.2 –0.2 to 3 VCC+ + 0.2 –40°C to Common-mode input VCC– VCC+ VICR CMRR ≥ 50 dB 85°C V voltage range –40°C to VCC– + 0.2 VCC+ – 0.2 125°C 25°C 87 104 RL = 600 Ω to 1.35 V Full range 86 LMV931 25°C 92 110 RL = 2 kΩ to 1.35 V Full range 91 Large-signal AV VO = 0.2 V to 2.5 V dB voltage gain 25°C 78 90 RL = 600 Ω to 1.35 V Full range 75 LMV932, LMV934 25°C 81 100 RL = 2 kΩ to 1.35 V Full range 78 25°C 2.55 2.62 High level Full range 2.53 RL = 600 Ω to 1.35 V, VID = ±100 mV 25°C 0.083 0.11 Low level Full range 0.13 VO Output swing V 25°C 2.65 2.675 High level Full range 2.64 RL = 2 kΩ to 1.35 V, VID = ±100 mV 25°C 0.025 0.04 Low level Full range 0.045 25°C 20 30 VO = 0 V, Sourcing VID = 100 mV Full range 15 Output short-circuit IOS mA current 25°C 18 25 VO = 2.7 V, Sinking VID = –100 mV Full range 12 GBW Gain bandwidth product 25°C 1.4 MHz Copyright © 2004–2006, Texas Instruments Incorporated 7 |
Número de pieza similar - LMV932IDG4 |
|
Descripción similar - LMV932IDG4 |