Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AMS22B5A1CHAFL101N Datasheet(PDF) 2 Page - Bourns Electronic Solutions |
|
AMS22B5A1CHAFL101N Datasheet(HTML) 2 Page - Bourns Electronic Solutions |
2 / 2 page Specifications are subject to change without notice. The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. Users should verify actual device performance in their specific applications. AMS22B Non-Contacting Analog Rotary Position Sensor How To Order REV. 01/14 A M S 2 2 B 5A1B L A SL 33 N 4 Code S Description Single-turn CONFIGURATION Code B Description Bushing Mount 7/8 ” Shaft FMS, 1/4 ” Shaft Dia. MOUNTING CONFIGURATION Code AM Description Analog Magnetic MODEL DESIGNATOR Code 22 Description 22 mm SIZE Code Type Analog Signal Single Resolution 12 Bit OUTPUT TYPE Code 01 02 03 34 35 36 Description 10 ° 20 ° 30 ° 340 ° 350 ° 360 ° EFFECTIVE ELECTRICAL ANGLE 10 ° Increments Code 5 Description 5 VDC Code H L Output Refresh Rate High (200 µs Typ.) Low (600 µs Typ.) PROCESSING SPEED Code F S Description Flatted Slotted SHAFT STYLE Code A B C Description 1-99 % of VCC 5-95 % of VCC 10-90 % of VCC VOLTAGE RATIO ±1 % Code 1 3 Description CCW (Increasing Voltage) CW (Increasing Voltage) Shaded areas represent most common features. Note: Effective Electrical Angle available in 10 ° increments from a minimum of 10 ° to 360 ° maximum. * See Figure 1 for clarification. DIRECTION* Code N S Description Continuous Hard Stop (340 +4/-0 °) HARD STOP Code B C Description 0.5 % 0.3 % INDEPENDENT LINEARITY A1 Code L Description Axial TERMINAL CONFIGURATION SUPPLY VOLTAGE, VCC Asia-Pacific: Tel: +886-2 2562-4117 Fax: +886-2 2562-4116 EMEA: Tel: +36 88 520 390 Fax: +36 88 520 211 The Americas: Tel: +1-951 781-5500 Fax: +1-951 781-5700 www.bourns.com Standard Output: 1-Turn CW Increasing (Code 334 Shown) 40 30 20 10 0 90 100 80 70 60 50 0 CW DIRECTION Mechanical Angle (°) 20 40 60 80 100 120 140 160 180 200 220 240 260 280 300 320 340 360 VOLTAGE RATIO “A” VOLTAGE RATIO “C” Applications ■ Patient platform positioning feedback ■ Pneumatic control valve position feedback ■ Draw wire position sensors ■ Remote communications antenna positioning ■ Actuator motor position feedback ■ Automated manufacturing robotics ■ Tilt control and tilt positioning feedback ■ Foot pedal, steering, lift-and-shuttle and suspension systems |
Número de pieza similar - AMS22B5A1CHAFL101N |
|
Descripción similar - AMS22B5A1CHAFL101N |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |