Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM95245CIMMX Datasheet(PDF) 2 Page - Texas Instruments

No. de pieza LM95245CIMMX
Descripción Electrónicos  Precision Remote Diode Digital Temperature Sensor
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM95245CIMMX Datasheet(HTML) 2 Page - Texas Instruments

  LM95245CIMMX Datasheet HTML 1Page - Texas Instruments LM95245CIMMX Datasheet HTML 2Page - Texas Instruments LM95245CIMMX Datasheet HTML 3Page - Texas Instruments LM95245CIMMX Datasheet HTML 4Page - Texas Instruments LM95245CIMMX Datasheet HTML 5Page - Texas Instruments LM95245CIMMX Datasheet HTML 6Page - Texas Instruments LM95245CIMMX Datasheet HTML 7Page - Texas Instruments LM95245CIMMX Datasheet HTML 8Page - Texas Instruments LM95245CIMMX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
Control
Logic
Local
Temp
Registers
Remote
Temp
Registers
SMBus Serial Interface
6 ' Converter
3.0V-3.6V
SMBDAT
SMBCLK
Limit &
Hyst
Registers
General
Config
Registers
Status
Registers
Remote
Diode
Selector
D+
D-
Local
Diode Selector
LM95245
Temperature
Sensor
Circuitry
-
+
-
+
T_CRIT
ID
Registers
TruTherm &
Diode Config
Registers
OS/A0
1
4
6
7
8
5
2
3
LM95245
SMBCLK
SMBDAT
VDD
D-
1
2
3
4
5
6
7
8
GND
OS/A0
D+
T_CRIT
LM95245
SNIS148G – OCTOBER 2007 – REVISED MARCH 2013
www.ti.com
Connection Diagram
Top View
Figure 1. VSSOP-8 and SOIC-8 Packages
see package numbers DGK0008A, D0008A
Simplified Block Diagram
Table 1. Pin Descriptions
Pin
Name
Type
Description
Number
Device power supply. Requires bypass capacitor of 10 µF in parallel with 0.1 µF and
1
VDD
Power
100 pF. Place 100 pF closest to device pin.
2
D+
Analog Input/Output
Positive input from the thermal diode.
3
D-
Analog Input/Output
Negative input from the thermal diode.
4
T_CRIT
Digital Output
Critical temperature output. Open-drain output requires pull-up resistor. Active low.
5
GND
Ground
Device ground.
Over-temperature shutdown comparator output or SMBus slave address input. Defaults as
an SMBus slave address input that selects one of three addresses. Can be tied to VDD,
6
OS/A0
Digital Input/Output
GND, or to the middle of a resistor divider connected between VDD and GND. When
programmed as an OS comparator output it is active low and open drain.
7
SMBDAT
Digital Input/Output
SMBus interface data pin. Open-drain output requires pull-up resistor.
8
SMBCLK
Digital Input
SMBus interface clock pin.
2
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM95245


Número de pieza similar - LM95245CIMMX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM95245CIMMX NSC-LM95245CIMMX Datasheet
521Kb / 24P
   Precision Remote Diode Digital Temperature Sensor with TruTherm??BJT Beta Compensation Technology for 45nm Process
LM95245CIMMX NSC-LM95245CIMMX Datasheet
574Kb / 26P
   Precision Remote Diode Digital Temperature Sensor with TruTherm짰 BJT Beta Compensation Technology for 45nm Process
LM95245CIMMX-1 NSC-LM95245CIMMX-1 Datasheet
521Kb / 24P
   Precision Remote Diode Digital Temperature Sensor with TruTherm??BJT Beta Compensation Technology for 45nm Process
LM95245CIMMX-1 NSC-LM95245CIMMX-1 Datasheet
574Kb / 26P
   Precision Remote Diode Digital Temperature Sensor with TruTherm짰 BJT Beta Compensation Technology for 45nm Process
More results

Descripción similar - LM95245CIMMX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM96163 TI1-LM96163 Datasheet
1Mb / 49P
[Old version datasheet]   Remote Diode Digital Temperature Sensor
LM63 TI1-LM63_14 Datasheet
1Mb / 41P
[Old version datasheet]   Accurate Remote Diode Digital Temperature Sensor
LM64 TI1-LM64 Datasheet
1Mb / 38P
[Old version datasheet]   Remote Diode Temperature Sensor
logo
National Semiconductor ...
LM95221 NSC-LM95221 Datasheet
282Kb / 16P
   Dual Remote Diode Digital Temperature Sensor with SMBus Interface
logo
Texas Instruments
LM95221 TI-LM95221_15 Datasheet
1,006Kb / 25P
[Old version datasheet]   Dual Remote Diode Digital Temperature Sensor with SMBus Interface
LM96063 TI1-LM96063_14 Datasheet
1Mb / 46P
[Old version datasheet]   Remote Diode Digital Temperature Sensor with Integrated Fan Control
logo
uPI Group Inc.
US5004 UPI-US5004 Datasheet
876Kb / 15P
   Digital Remote and Local Temperature Sensor
logo
National Semiconductor ...
LM95231 NSC-LM95231 Datasheet
464Kb / 4P
   TruTherm Precision Dual Remote Diode Temperature Sensor with SMBus Interface
LM95245 NSC-LM95245_08 Datasheet
574Kb / 26P
   Precision Remote Diode Digital Temperature Sensor with TruTherm짰 BJT Beta Compensation Technology for 45nm Process
logo
Texas Instruments
LM96063 TI1-LM96063 Datasheet
495Kb / 44P
[Old version datasheet]   LM96063 Remote Diode Digital Temperature Sensor with Integrated Fan Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com