Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MSC1202Y3RHHTG4 Datasheet(PDF) 63 Page - Texas Instruments

No. de pieza MSC1202Y3RHHTG4
Descripción Electrónicos  Precision Analog-to-Digital Converter and Current-Output Digital-to-Analog Converter
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

MSC1202Y3RHHTG4 Datasheet(HTML) 63 Page - Texas Instruments

Back Button MSC1202Y3RHHTG4 Datasheet HTML 59Page - Texas Instruments MSC1202Y3RHHTG4 Datasheet HTML 60Page - Texas Instruments MSC1202Y3RHHTG4 Datasheet HTML 61Page - Texas Instruments MSC1202Y3RHHTG4 Datasheet HTML 62Page - Texas Instruments MSC1202Y3RHHTG4 Datasheet HTML 63Page - Texas Instruments MSC1202Y3RHHTG4 Datasheet HTML 64Page - Texas Instruments MSC1202Y3RHHTG4 Datasheet HTML 65Page - Texas Instruments MSC1202Y3RHHTG4 Datasheet HTML 66Page - Texas Instruments MSC1202Y3RHHTG4 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 92 page
background image
MSC1200
MSC1201
MSC1202
SBAS317E − APRIL 2004 − REVISED MAY 2006
www.ti.com
63
Port 3 Data Direction High (P3DDRH)
7
6
5
4
3
2
1
0
Reset Value
SFR B4h
P37H
P37L
P36H
P36L
P35H
P35L
P34H
P34L
00h
P3.7
Port 3 bit 7 control.
bits 7−6
P37H
P37L
0
0
Standard 8051
0
1
CMOS Output
1
0
Open Drain Output
1
1
Input
NOTE: Port 3.7 also controlled by EA and Memory Access Control HCR1.1.
P3.6
Port 3 bit 6 control.
bits 5−4
P36H
P36L
0
0
Standard 8051
0
1
CMOS Output
1
0
Open Drain Output
1
1
Input
NOTE: Port 3.6 also controlled by EA and Memory Access Control HCR1.1.
P3.5
Port 3 bit 5 control.
bits 3−2
P35H
P35L
0
0
Standard 8051
0
1
CMOS Output
1
0
Open Drain Output
1
1
Input
P3.4
Port 3 bit 4 control.
bits 1−0
P34H
P34L
0
0
Standard 8051
0
1
CMOS Output
1
0
Open Drain Output
1
1
Input


Número de pieza similar - MSC1202Y3RHHTG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
MSC1202Y3RHHTG4 TI-MSC1202Y3RHHTG4 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog -to-Digital Converter
MSC1202Y3RHHTG4 TI1-MSC1202Y3RHHTG4 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com