Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

BAT46WJ Datasheet(PDF) 6 Page - NXP Semiconductors

No. de Pieza. BAT46WJ
Descripción  Single Schottky barrier diode
Descarga  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo 

BAT46WJ Datasheet(HTML) 6 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
BAT46WJ
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 8 November 2011
6 of 12
NXP Semiconductors
BAT46WJ
Single Schottky barrier diode
Tj = 125 C
(1)
 =1
(2)
 =0.9
(3)
 =0.8
(4)
 =0.5
FR4 PCB, standard footprint
Tj = 150 C
(1)
 =1; DC
(2)
 = 0.5; f = 20 kHz
(3)
 = 0.2; f = 20 kHz
(4)
 = 0.1; f = 20 kHz
Fig 6.
Average reverse power dissipation as a
function of reverse voltage; typical values
Fig 7.
Average forward current as a function of
ambient temperature; typical values
FR4 PCB, mounting pad for cathode 1 cm2
Tj = 150 C
(1)
 =1; DC
(2)
 = 0.5; f = 20 kHz
(3)
 = 0.2; f = 20 kHz
(4)
 = 0.1; f = 20 kHz
Tj = 150 C
(1)
 =1; DC
(2)
 = 0.5; f = 20 kHz
(3)
 = 0.2; f = 20 kHz
(4)
 = 0.1; f = 20 kHz
Fig 8.
Average forward current as a function of
ambient temperature; typical values
Fig 9.
Average forward current as a function of
solder point temperature; typical values
VR (V)
0
100
80
40
60
20
006aac390
0.10
0.15
0.05
0.20
0.25
PR(AV)
(W)
0.0
(1)
(2)
(3)
(4)
Tamb (°C)
0
50
100
150
175
125
75
25
006aac391
0.1
0.2
0.3
IF(AV)
(A)
0.0
(1)
(2)
(3)
(4)
Tamb (°C)
0
50
100
150
175
125
75
25
006aac392
0.1
0.2
0.3
IF(AV)
(A)
0.0
(1)
(2)
(3)
(4)
Tsp (°C)
0
50
100
150
175
125
75
25
006aac393
0.1
0.2
0.3
IF(AV)
(A)
0.0
(1)
(2)
(3)
(4)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn