Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM29LV641DH120REEN Datasheet(PDF) 10 Page - Advanced Micro Devices |
|
AM29LV641DH120REEN Datasheet(HTML) 10 Page - Advanced Micro Devices |
10 / 57 page September 20, 2002 Am29LV640D/Am29LV641D 9 PIN DESCRIPTION A0–A21 = 22 Addresses inputs DQ0–DQ15 = 16 Data inputs/outputs CE# = Chip Enable input OE# = Output Enable input WE# = Write Enable input WP# = Hardware Write Protect input (N/A on FBGA) ACC = Acceleration Input RESET# = Hardware Reset Pin input RY/BY# = Ready/Busy output (FBGA only) V CC = 3.0 volt-only single power supply (see Product Selector Guide for speed options and voltage supply tolerances) V IO = Output Buffer power V SS = Device Ground NC = Pin Not Connected Internally LOGIC SYMBOL Note: WP# is not available on the FBGA package. RY/BY# is not available on the TSOP and SSOP packages. 22 16 DQ0–DQ15 A0–A21 CE# OE# WE# RESET# RY/BY# ACC WP# V IO |
Número de pieza similar - AM29LV641DH120REEN |
|
Descripción similar - AM29LV641DH120REEN |