Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2420 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2420
Descripción Electrónicos  3-V to 20-V INTEGRATED FET HOT SWAP CONTROLLER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS2420 Datasheet(HTML) 2 Page - Texas Instruments

  TPS2420 Datasheet HTML 1Page - Texas Instruments TPS2420 Datasheet HTML 2Page - Texas Instruments TPS2420 Datasheet HTML 3Page - Texas Instruments TPS2420 Datasheet HTML 4Page - Texas Instruments TPS2420 Datasheet HTML 5Page - Texas Instruments TPS2420 Datasheet HTML 6Page - Texas Instruments TPS2420 Datasheet HTML 7Page - Texas Instruments TPS2420 Datasheet HTML 8Page - Texas Instruments TPS2420 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
TPS2420
SLUS903E – JANUARY 2009 – REVISED MAY 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PRODUCT INFORMATION(1)
JUNCTION
DEVICE
PACKAGE
MARKING
TEMPERATURE
TPS2420
–40°C to 125°C
RSA (4-mm × 4-mm QFN)
TPS2420
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder on www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
Voltage range , VIN, VOUT
–0.3 to 25
V
Voltage range, FLT, PG
–0.3 to 20
Output sink current, FLT, PG
10
mA
Input voltage range, EN LTCH
–0.3 to 6
V
Input current (LTCH internally clamped to 3 V) LTCH = 0 V,
35
μA
Voltage range CT(3), IFLT(3), IMAX, IMON(3), LTCH
–0.3 to 3
ESD rating, HBM
2500
V
ESD rating, CDM
400
Operating junction temperature range, TJ
Internally Limited
°C
Storage temperature range, Tstg
–65 to 150
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to GND.
(3)
Do not apply voltage to these pins.
DISSIPATION RATINGS
(1)
θJA
θJA
θJA
PACKAGE
LOW K(2), °C/W
HIGH K(3), °C/W
BEST(4), °C/W
RSA
211
55
50
(1)
Tested per JEDEC JESD51, natural convection. The definitions of high-k and low-k are per JESD 51-7 and JESD 51-3.
(2)
Low-k (2 signal – no plane, 3-inch by 3-inch board, 0.062 inch thick, 1 oz. copper) test board with the pad soldered, and an additional
0.12 inch 2 of top-side copper added to the pad.
(3)
High-k is a (2 signal – 2 plane) test board with the pad soldered.
(4)
The best case thermal resistance is obtained using the recommendations per SLMA002A (2 signal – 2 plane with the pad connected to
the plane).
RECOMMENDED OPERATING CONDITIONS
PARAMETER
MIN
MAX
UNIT
VIN, VOUT
Voltage range
3
20
V
EN
Voltage range
0
5
V
FLT, PG
Voltage range
0
20
V
FLT, PG
Output sink current
0
1
mA
LTCH
Voltage range
0
3
V
CT
0.1
100
μF
TJ
Junction temperature
–40
125
°C
2
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: TPS2420


Número de pieza similar - TPS2420

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2420 TI1-TPS2420 Datasheet
1Mb / 29P
[Old version datasheet]   3-V to 20-V INTEGRATED FET HOT SWAP CONTROLLER
More results

Descripción similar - TPS2420

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2420 TI1-TPS2420 Datasheet
1Mb / 29P
[Old version datasheet]   3-V to 20-V INTEGRATED FET HOT SWAP CONTROLLER
TPS2421-1 TI-TPS2421-1 Datasheet
1Mb / 22P
[Old version datasheet]   3-V to 20-V Integrated FET Hot Swap
TPS2421-1 TI1-TPS2421-1_16 Datasheet
1Mb / 31P
[Old version datasheet]   5-A, 20-V Integrated FET Hot Swap
logo
Analog Devices
ADM1070 AD-ADM1070 Datasheet
367Kb / 16P
   -48 V Hot Swap Controller
REV. 0
ADM1070 AD-ADM1070_15 Datasheet
341Kb / 16P
   48 V Hot Swap Controller
REV. 0
logo
Texas Instruments
UCC2919PW TI1-UCC2919PW Datasheet
825Kb / 27P
[Old version datasheet]   3-V TO 8-V HOT SWAP POWER MANAGER
TPS2391DGKR TI-TPS2391DGKR Datasheet
653Kb / 21P
[Old version datasheet]   SIMPLE -48-V HOT SWAP CONTROLLER
TPS2390 TI-TPS2390 Datasheet
283Kb / 16P
[Old version datasheet]   SIMPLE-48-V HOT SWAP CONTROLLER
TPS24700 TI1-TPS24700 Datasheet
1Mb / 29P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Hot-Swap Controller
logo
Linear Technology
LTC4219 LINER-LTC4219 Datasheet
203Kb / 16P
   5A Integrated Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com