Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS54260DRCT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS54260DRCT
Descripción Electrónicos  3.5V to 60V INPUT, 2.5A, STEP DOWN CONVERTER WITH ECO-MODE
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS54260DRCT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS54260DRCT Datasheet HTML 4Page - Texas Instruments TPS54260DRCT Datasheet HTML 5Page - Texas Instruments TPS54260DRCT Datasheet HTML 6Page - Texas Instruments TPS54260DRCT Datasheet HTML 7Page - Texas Instruments TPS54260DRCT Datasheet HTML 8Page - Texas Instruments TPS54260DRCT Datasheet HTML 9Page - Texas Instruments TPS54260DRCT Datasheet HTML 10Page - Texas Instruments TPS54260DRCT Datasheet HTML 11Page - Texas Instruments TPS54260DRCT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
20
60
100
120
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
V =12V
I
40
80
200
250
300
350
400
500
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
V =12V
I
450
1.10
1.20
1.30
1.40
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
V =12V
I
-4.25
-4
-3.75
-3.5
-3.25
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
V =12V,
V
= Threshold+50mV
I
I(EN)
-1
-0.95
-0.9
-0.85
-0.8
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
V =12V,
V
= Threshold-50mV
I
I(EN)
-3
-2.5
-2
-1.5
-1
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
V =12V
I
TPS54260
SLVSA86A – MARCH 2010 – REVISED DECEMBER 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
EA TRANSCONDUCTANCE DURING SLOW START vs
JUNCTION TEMPERATURE
EA TRANSCONDUCTANCE vs JUNCTION TEMPERATURE
Figure 7.
Figure 8.
EN PIN VOLTAGE vs JUNCTION TEMPERATURE
EN PIN CURRENT vs JUNCTION TEMPERATURE
Figure 9.
Figure 10.
EN PIN CURRENT vs JUNCTION TEMPERATURE
SS/TR CHARGE CURRENT vs JUNCTION TEMPERATURE
Figure 11.
Figure 12.
8
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPS54260


Número de pieza similar - TPS54260DRCT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54260DGQ TI-TPS54260DGQ Datasheet
1Mb / 45P
[Old version datasheet]   3.5V to 60V INPUT, 2.5A, STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260DGQ TI-TPS54260DGQ Datasheet
1Mb / 47P
[Old version datasheet]   3.5V to 60V INPUT, 2.5A, STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260DGQ TI-TPS54260DGQ Datasheet
1Mb / 49P
[Old version datasheet]   3.5V to 60V INPUT, 2.5A, STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260DGQR TI-TPS54260DGQR Datasheet
1Mb / 45P
[Old version datasheet]   3.5V to 60V INPUT, 2.5A, STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260DGQR TI-TPS54260DGQR Datasheet
1Mb / 47P
[Old version datasheet]   3.5V to 60V INPUT, 2.5A, STEP DOWN CONVERTER WITH ECO-MODE?
More results

Descripción similar - TPS54260DRCT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54260 TI-TPS54260_2 Datasheet
1Mb / 49P
[Old version datasheet]   3.5V to 60V INPUT, 2.5A, STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260 TI-TPS54260 Datasheet
1Mb / 45P
[Old version datasheet]   3.5V to 60V INPUT, 2.5A, STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260 TI-TPS54260_1 Datasheet
1Mb / 47P
[Old version datasheet]   3.5V to 60V INPUT, 2.5A, STEP DOWN CONVERTER WITH ECO-MODE?
TPS54240 TI1-TPS54240_14 Datasheet
1Mb / 54P
[Old version datasheet]   3.5V to 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54240-Q1 TI1-TPS54240-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   3.5V to 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54240 TI-TPS54240 Datasheet
1Mb / 44P
[Old version datasheet]   3.5V to 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54060A TI-TPS54060A_15 Datasheet
2Mb / 52P
[Old version datasheet]   0.5A, 60V Step Down DC/DC Converter with Eco-mode?
TPS54060 TI-TPS54060 Datasheet
2Mb / 47P
[Old version datasheet]   0.5A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54060 TI-TPS54060_10 Datasheet
2Mb / 49P
[Old version datasheet]   0.5A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54060A TI1-TPS54060A Datasheet
2Mb / 50P
[Old version datasheet]   0.5A, 60V Step Down SWIFT??DC/DC Converter with ECO-MODE?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com