Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS3124G15DBVR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS3124G15DBVR
Descripción Electrónicos  ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS3124G15DBVR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS3124G15DBVR Datasheet HTML 2Page - Texas Instruments TPS3124G15DBVR Datasheet HTML 3Page - Texas Instruments TPS3124G15DBVR Datasheet HTML 4Page - Texas Instruments TPS3124G15DBVR Datasheet HTML 5Page - Texas Instruments TPS3124G15DBVR Datasheet HTML 6Page - Texas Instruments TPS3124G15DBVR Datasheet HTML 7Page - Texas Instruments TPS3124G15DBVR Datasheet HTML 8Page - Texas Instruments TPS3124G15DBVR Datasheet HTML 9Page - Texas Instruments TPS3124G15DBVR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
TPS3123-xx
TPS3124-xx, TPS3125-xx
TPS3126-xx, TPS3128-xx
SLVS227E
– AUGUST 1999 – REVISED AUGUST 2011
www.ti.com
RECOMMENDED OPERATING CONDITIONS
at specified temperature range.
MIN
MAX
UNIT
TA = 0°C to +85°C
0.75
3.3
VDD
Supply voltage
V
TA = –40°C to +85°C
0.85
3.3
VDD
Manual reset voltage
0.0
VDD +0.3
V
VWD1
Watchdog input voltage
0
VDD +0.3
V
VIH
High-level input voltage
0.7
×VDD
V
VIL
Low-level input voltage
0.3
×VDD
V
Δ t/ΔV
Input transition rise and fall rate at WDI
1
μs/V
TA
Operating free-air temperature range
40
+85
°C
ELECTRICAL CHARACTERISTICS
over recommended operating free-air temperature range (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
MR pullup resistor (internal)
27
k
WDI
WDI = VDD = 3.3 V
1
1
IIH
High-level input current
μA
MR
MR = 0.7
× VDD,
VDD = 3.3 V
20
55
WDI
WDI = 0 V,
VDD = 3.3 V
1
1
IIL
Low-level input current
μA
MR
MR = 0 V,
VDD = 3.3 V
80
170
High-level output current
TPS3126-xx,
IOH
VDD = VOH = 3.3 V
200
nA
(leakage into RESET pin)
TPS3128-xx
VDD = 1.5 V,
IOH = –1 mA
RESET
VDD = 3.3 V,
IOH = –4.5 mA
High-level output voltage
VOH
0.8
×VDD
V
(TPS3123/4/5 only)
VDD = 0.75 V,
IOH = –8 μA
RESET
VDD = 1.5 V,
IOH = –1 mA
VDD = 0.75 V,
IOL = 15 μA
RESET
VDD = 1.5 V,
IOL = 1.4 mA
0.2
× VDD
VOL
Low-level output voltage
V
VDD = 1.5 V,
IOL = 1.4 mA
RESET
VDD = 3.3 V,
IOL = 3 mA
0.4
TPS312xJ12
1.04
1.08
1.12
TPS312xG15
1.35
1.40
1.45
TPS312xJ18
1.56
1.62
1.68
Negative-going input threshold
VIT–
TPS312xL30
TA = –40°C to +85°C
2.57
2.64
2.71
V
voltage (1)
TPS312xE12
1.10
1.14
1.18
TPS312xE15
1.38
1.43
1.48
TPS312xE18
1.65
1.71
1.77
1 V
< VIT– < 1.4 V
15
Vhys
Hysteresis at VDD input
1.4 V
< VIT– < 2 V
20
mV
2 V
< VIT– < 3 V
30
TPS3123-xx
VDD = 0.75 V
14
WDI = VDD,
TPS3124-xx
MR unconnected
VDD = 3.3 V
22
30
TPS3128-xx
IDD
Supply current
μA
VDD = 0.75 V
14
TPS3125-xx
MR unconnected
TPS3126-xx (2)
VDD = 3.3 V
18
25
Ci
Input capacitance at MR, WDI
VI = 0 V to 3.3 V
5
pF
(1)
To ensure best stability of the threshold voltage, a bypass capacitor (ceramic, 0.1
μF) should be placed near the supply terminal.
(2)
The supply current during delay time td is typical 5 μA higher.
6
Copyright
© 1999–2011, Texas Instruments Incorporated


Número de pieza similar - TPS3124G15DBVR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3124G15DBVR TI-TPS3124G15DBVR Datasheet
218Kb / 12P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3124G15DBVR TI1-TPS3124G15DBVR Datasheet
813Kb / 21P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
More results

Descripción similar - TPS3124G15DBVR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3123-XX TI-TPS3123-XX_08 Datasheet
409Kb / 19P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3123-XX TI-TPS3123-XX Datasheet
218Kb / 12P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3123-XX TI1-TPS3123-XX_16 Datasheet
813Kb / 21P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3123J12 TI-TPS3123J12 Datasheet
229Kb / 13P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
Diodes Incorporated
APX823 DIODES-APX823 Datasheet
173Kb / 12P
   PROCESSOR SUPERVISORY CIRCUITS
logo
Texas Instruments
TPS3820- TI-TPS3820- Datasheet
217Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-XX-Q1 TI-TPS3820-XX-Q1 Datasheet
225Kb / 13P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33DBVR TI1-TPS3820-33DBVR Datasheet
837Kb / 20P
[Old version datasheet]   Processor Supervisory Circuits
TPS3820-33-Q1 TI1-TPS3820-33-Q1 Datasheet
280Kb / 15P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com