Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS62691 Datasheet(PDF) 2 Page - Texas Instruments

No. de pieza TPS62691
Descripción Electrónicos  500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS62691 Datasheet(HTML) 2 Page - Texas Instruments

  TPS62691 Datasheet HTML 1Page - Texas Instruments TPS62691 Datasheet HTML 2Page - Texas Instruments TPS62691 Datasheet HTML 3Page - Texas Instruments TPS62691 Datasheet HTML 4Page - Texas Instruments TPS62691 Datasheet HTML 5Page - Texas Instruments TPS62691 Datasheet HTML 6Page - Texas Instruments TPS62691 Datasheet HTML 7Page - Texas Instruments TPS62691 Datasheet HTML 8Page - Texas Instruments TPS62691 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
TPS62690
TPS62691
TPS62697
SLVS965B
– MARCH 2011 – REVISED JANUARY 2012
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)
PACKAGE
PART
OUTPUT
DEVICE
TA
ORDERING(3)
MARKING
NUMBER
VOLTAGE(2)
SPECIFIC FEATURE
CHIP CODE
TPS62690
2.85V
500mA peak output current
TPS62690YFF
PB
-40
°C to 85°C
TPS62691(4)
2.2V
600mA peak output current
TPS62691YFF
SU
TPS62697
2.8V
500mA peak output current
TPS62697YFF
WA
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
Internal tap points are available to facilitate output voltages in 25mV increments.
(3)
The YFF package is available in tape and reel. Add a R suffix (e.g. TPS62690YFFR) to order quantities of 3000 parts. Add a T suffix
(e.g. TPS62690YFFT) to order quantities of 250 parts.
(4)
Product preview. Contact TI factory for more information.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Voltage at VIN(2)(3), SW(3)
–0.3
6
V
Input Voltage
Voltage at FB(3)
–0.3
3.6
V
Voltage at EN, MODE (3)
–0.3
VI + 0.3
V
TPS62690,
500
mA
TPS62697
Peak output current, IO
TPS62691
600
mA
Power dissipation
Internally limited
Operating temperature range, TA
(4)
–40
85
°C
Operating junction temperature, TJ
150
°C
Storage temperature range, Tstg
–65
150
°C
Human body model
2
kV
ESD(5)
Charge device model
1
kV
Machine model
200
V
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Operation above 4.8V input voltage is not recommended over an extended period of time.
(3)
All voltage values are with respect to network ground terminal.
(4)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature (TA(max)) is dependent on the maximum operating junction temperature (TJ(max)), the
maximum power dissipation of the device in the application (PD(max)), and the junction-to-ambient thermal resistance of the part/package
in the application (
θJA), as given by the following equation: TA(max)= TJ(max)–(θJA X PD(max)). To achieve optimum performance, it is
recommended to operate the device with a maximum junction temperature of 105
°C.
(5)
The human body model is a 100-pF capacitor discharged through a 1.5-k
Ω resistor into each pin. The machine model is a 200-pF
capacitor discharged directly into each pin.
THERMAL INFORMATION
TPS62690
THERMAL METRIC(1)
UNITS
YFF (6 PINS)
θJA
Junction-to-ambient thermal resistance
133.2
θJCtop
Junction-to-case (top) thermal resistance
1.4
θJB
Junction-to-board thermal resistance
22.5
°C/W
ψJT
Junction-to-top characterization parameter
5.5
ψJB
Junction-to-board characterization parameter
22.3
θJCbot
Junction-to-case (bottom) thermal resistance
-
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Submit Documentation Feedback
Copyright
© 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): TPS62690 TPS62691 TPS62697


Número de pieza similar - TPS62691

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62690 TI1-TPS62690 Datasheet
875Kb / 27P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62690YFFR TI1-TPS62690YFFR Datasheet
875Kb / 27P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62690YFFT TI1-TPS62690YFFT Datasheet
875Kb / 27P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62690 TI-TPS62690_15 Datasheet
1Mb / 28P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62692 TI-TPS62692 Datasheet
1Mb / 29P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
More results

Descripción similar - TPS62691

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62690 TI1-TPS62690 Datasheet
875Kb / 27P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62690 TI-TPS62690_15 Datasheet
1Mb / 28P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62020 TI-TPS62020 Datasheet
425Kb / 18P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62026 TI-TPS62026 Datasheet
612Kb / 24P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI1-TPS62020_16 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020_15 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
logo
Analog Devices
ADP5300 AD-ADP5300 Datasheet
761Kb / 21P
   50 mA/500 mA, High Efficiency, Ultralow Power Step-Down Regulator
ADP5301 AD-ADP5301 Datasheet
693Kb / 21P
   50 mA/500 mA, High Efficiency,Ultralow Power Step-Down Regulator
logo
Texas Instruments
TPS62260-Q1 TI1-TPS62260-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
TPS62260-Q1 TI1-TPS62260-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com