Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS61121PW Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS61121PW
Descripción Electrónicos  SYNCHRONOUS BOOST CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS61121PW Datasheet(HTML) 2 Page - Texas Instruments

  TPS61121PW Datasheet HTML 1Page - Texas Instruments TPS61121PW Datasheet HTML 2Page - Texas Instruments TPS61121PW Datasheet HTML 3Page - Texas Instruments TPS61121PW Datasheet HTML 4Page - Texas Instruments TPS61121PW Datasheet HTML 5Page - Texas Instruments TPS61121PW Datasheet HTML 6Page - Texas Instruments TPS61121PW Datasheet HTML 7Page - Texas Instruments TPS61121PW Datasheet HTML 8Page - Texas Instruments TPS61121PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
TPS61120
TPS61122, TPS61121
SLVS427C – JUNE 2002 – REVISED APRIL 2004
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.This integrated circuit can be damaged by ESD.
Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper
handling and installation procedures can cause damage.
AVAILABLE OUTPUT VOLTAGE OPTIONS(1)
OUTPUT VOLTAGE
OUTPUT VOLTAGE
TA
PACKAGE
PART NUMBER(2)
DC/DC
LDO
Adjustable
Adjustable
TPS61120PW
3.3 V
1.5 V
16-Pin TSSOP
TPS61121PW
40
°C to 85°C
3.6 V
3.3 V
TPS61122PW
Adjustable
Adjustable
TPS61120RSA
16-Pin QFN 4x4mm
3.3 V
1.5 V
TPS61121RSA
(1)
Contact the factory to check availability of other fixed output voltage versions.
(2)
The packages are available taped and reeled. Add R suffix to device type (e.g., TPS61120PWR or TPS61120RSAR) to order quantities
of 2000 devices per reel for the TSSOP (PW) package and 3000 devices per reel for the QFN (RSA) package.
over operating free-air temperature range unless otherwise noted(1)
TPS6112x
Input voltage range on FB
-0.3 V to 3.6 V
Input voltage range on SWN, SWP
-0.3 V to 10 V
Input voltage range on VOUT, LDOIN, LDOOUT, LDOEN, LDOSENSE, PGOOD, LBO, VBAT, LBI,
-0.3 V to 7 V
SKIPEN, EN
Maximum junction temperature TJ
-40
°C to 150°C
Storage temperature range Tstg
-65
°C to 150°C
(1)
Stresses beyond those listed under "absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
MIN
NOM
MAX UNIT
Supply voltage at VBAT, VI
1.8
5.5
V
Operating ambient temperature range, TA
-40
85
°C
Operating virtual junction temperature range, TJ
-40
125
°C
2


Número de pieza similar - TPS61121PW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61121 TI-TPS61121 Datasheet
462Kb / 25P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
More results

Descripción similar - TPS61121PW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61120 TI-TPS61120 Datasheet
462Kb / 25P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
TPS61130 TI-TPS61130 Datasheet
546Kb / 28P
[Old version datasheet]   SYNCHRONOUS SEPIC / FLYBACK CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
logo
Leshan Radio Company
LR8400 LRC-LR8400 Datasheet
484Kb / 18P
   1.1A 1.2MHz Synchronous Boost Converter
logo
Texas Instruments
TPS61090 TI-TPS61090 Datasheet
457Kb / 19P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 2A SWITCH
TPS61090RSAR TI1-TPS61090RSAR Datasheet
1Mb / 25P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 2A SWITCH
TPS2505 TI-TPS2505 Datasheet
849Kb / 28P
[Old version datasheet]   INTEGRATED DUAL USB SWITCHES, BOOST CONVERTER AND LDO
TPS2505 TI1-TPS2505_15 Datasheet
1Mb / 33P
[Old version datasheet]   Integrated Dual USB Switches, Boost Converter and LDO
TPS61098 TI-TPS61098_15 Datasheet
2Mb / 38P
[Old version datasheet]   TPS61098x Ultra-Low Quiescent Current Synchronous Boost with Integrated LDO/Load Switch
TPS61098 TI1-TPS61098_16 Datasheet
3Mb / 44P
[Old version datasheet]   TPS61098x Ultra-Low Quiescent Current Synchronous Boost with Integrated LDO/Load Switch
logo
Renesas Technology Corp
RAA212421 RENESAS-RAA212421 Datasheet
1Mb / 34P
   3V to 40V Input, 1.1A Synchronous Buck Regulator with Integrated 500mA LDO
Jul 8, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com