Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS62260DRVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS62260DRVR
Descripción Electrónicos  2.25 MHz 600 mA Step Down Converter in 2x2 QFN / TSOT-23 Package
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS62260DRVR Datasheet(HTML) 1 Page - Texas Instruments

  TPS62260DRVR Datasheet HTML 1Page - Texas Instruments TPS62260DRVR Datasheet HTML 2Page - Texas Instruments TPS62260DRVR Datasheet HTML 3Page - Texas Instruments TPS62260DRVR Datasheet HTML 4Page - Texas Instruments TPS62260DRVR Datasheet HTML 5Page - Texas Instruments TPS62260DRVR Datasheet HTML 6Page - Texas Instruments TPS62260DRVR Datasheet HTML 7Page - Texas Instruments TPS62260DRVR Datasheet HTML 8Page - Texas Instruments TPS62260DRVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
VIN
GND
EN
FB
SW
TPS62260DRV
L
R1
R2
C
10 F
OUT
m
VOUT
MODE
C
4.7 F
IN
m
2.2 H
m
C
22pF
1
V =2Vto6V
IN
Upto600mA
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
1000
I -OutputCurrent-mA
O
V =2.3V
IN
V =2.7V
IN
V =3V
IN
V =3.6V
IN
V =4.5V
IN
V
=1.8V,
MODE=GND,
L =2.2 H,
DCR110mR
OUT
m
TPS62260, TPS62261
TPS62262, TPS62263
www.ti.com
SLVS763D
– JUNE 2007 – REVISED FEBRUARY 2011
2.25 MHz 600 mA Step Down Converter in 2x2 QFN / TSOT-23 Package
Check for Samples: TPS62260, TPS62261, TPS62262, TPS62263
1
FEATURES
DESCRIPTION
2
High Efficiency Step-Down Converter
Output Current up to 600 mA
The
TPS62260
device
is
a
highly
efficient
synchronous step down dc-dc converter optimized for
VIN Range from 2 V to 6 V for Li-ion Batteries
battery powered applications. It provides up to
with Extended Voltage Range
600-mA output current from a single Li-Ion cell and is
2.25 MHz Fixed Frequency Operation
ideal to power mobile phones and other portable
Power Save Mode at Light Load Currents
applications.
Output Voltage Accuracy in PWM mode
±1.5%
With an wide input voltage range of 2 V to 6 V, the
device supports applications powered by Li-Ion
Typ. 15
μA Quiescent Current
batteries with extended voltage range, two and three
100% Duty Cycle for Lowest Dropout
cell alkaline batteries, 3.3 V and 5 V input voltage
Soft Start
rails.
Voltage Positioning at Light Loads
The TPS62260 operates at 2.25 MHz fixed switching
Available in a small 2
×2×0.8mm QFN and
frequency and enters Power Save Mode operation at
TSOT-23 package
light load currents to maintain high efficiency over the
entire load current range.
Allows
<1mm Solution Height
The Power Save Mode is optimized for low output
APPLICATIONS
voltage ripple. For low noise applications, the device
can be forced into fixed frequency PWM mode by
PDAs, Pocket PCs
pulling the MODE pin high. In the shutdown mode,
Low Power DSP Supply
the current consumption is reduced to less than 1
μA.
Portable Media Players
TPS62260 allows the use of small inductors and
POL applications
capacitors to achieve a small solution size.
The TPS62260 is available in a very small 2
×2 6 pin
QFN and TSOT-23 5 pin package.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
© 2007–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - TPS62260DRVR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62260DRVR TI-TPS62260DRVR Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62260DRVR TI-TPS62260DRVR Datasheet
1Mb / 31P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62260DRVRG4 TI-TPS62260DRVRG4 Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
More results

Descripción similar - TPS62260DRVR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62260 TI-TPS62260 Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62260 TI-TPS62260_08 Datasheet
1Mb / 31P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62560 TI-TPS62560_15 Datasheet
1Mb / 32P
[Old version datasheet]   2.25-MHz, 600-mA Step-Down Converter in TSOT and 2 횞 2 횞 0.8-mm QFN Package
TPS62560 TI-TPS62560 Datasheet
1Mb / 29P
[Old version datasheet]   2.25-MHz, 600-mA Step-Down Converter in TSOT and 2- 횞 2- 횞 0,8-mm SON Package
TPS62420-Q1 TI1-TPS62420-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   2.25-MHz 600-mA/1000-mA DUAL STEP-DOWN CONVERTER
TPS62404-Q1 TI1-TPS62404-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   2.25-MHz 400-mA/600-mA DUAL STEP-DOWN CONVERTER
TPS62260-Q1 TI1-TPS62260-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
TPS62260-Q1 TI1-TPS62260-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
TPS62240 TI-TPS62240 Datasheet
1Mb / 29P
[Old version datasheet]   2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
TPS62242-Q1 TI1-TPS62242-Q1 Datasheet
700Kb / 21P
[Old version datasheet]   2.25-MHz 300-mA Step-Down Converter in DDC/TSOT23 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com