Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7865AS-1 Datasheet(PDF) 11 Page - Analog Devices

No. de pieza AD7865AS-1
Descripción Electrónicos  Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7865AS-1 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7865AS-1 Datasheet HTML 7Page - Analog Devices AD7865AS-1 Datasheet HTML 8Page - Analog Devices AD7865AS-1 Datasheet HTML 9Page - Analog Devices AD7865AS-1 Datasheet HTML 10Page - Analog Devices AD7865AS-1 Datasheet HTML 11Page - Analog Devices AD7865AS-1 Datasheet HTML 12Page - Analog Devices AD7865AS-1 Datasheet HTML 13Page - Analog Devices AD7865AS-1 Datasheet HTML 14Page - Analog Devices AD7865AS-1 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
REV. B
AD7865
–11–
AD7865-3
Figure 4 shows the analog input section of the AD7865-3. The
analog input range is
± 2.5 V on the VINxA input. The VINxB
input can be left unconnected but if it is connected to a poten-
tial then that potential must be AGND.
AD7865-3
VINxA
TRACK/
HOLD
TO ADC
REFERENCE
CIRCUITRY
TO INTERNAL
COMPARATOR
R1
R2
6k
2.5V
REFERENCE
VINxB
VREF
Figure 4. AD7865-3 Analog Input Structure
For the AD7865-3, R1 = 4 k
Ω and R2 = 4 kΩ. As a result, the
VINxA input should be driven from a low impedance source. The
resistor input stage is followed by the high input impedance
stage of the track/hold amplifier.
The designed code transitions take place midway between suc-
cessive integer LSB values (i.e., 1/2 LSB, 3/2 LSBs, 5/2 LSBs
etc.) LSB size is given by the formula, 1 LSB = FSR/16384.
Output coding is twos complement binary with 1 LSB = FSR/
16384 = 5 V/16384 = 610.4
µV. The ideal input/output transfer
function for the AD7865-3 is shown in Table III.
Table III. Ideal Input/Output Code Table for the AD7865-3
Analog Input
1
Digital Output Code Transition
+FSR/2 – 3/2 LSB
2
011 . . . 110 to 011 . . . 111
+FSR/2 – 5/2 LSB
011 . . . 101 to 011 . . . 110
+FSR/2 – 7/2 LSB
011 . . . 100 to 011 . . . 101
AGND + 3/2 LSB
000 . . . 001 to 000 . . . 010
AGND + 1/2 LSB
000 . . . 000 to 000 . . . 001
AGND – 1/2 LSB
111 . . . 111 to 000 . . . 000
AGND – 3/2 LSB
111 . . . 110 to 111 . . . 111
–FSR/2 + 5/2 LSB
100 . . . 010 to 100 . . . 011
–FSR/2 + 3/2 LSB
100 . . . 001 to 100 . . . 010
–FSR/2 + 1/2 LSB
100 . . . 000 to 100 . . . 001
NOTES
1FSR is full-scale range is 5 V, with V
REF = 2.5 V.
21 LSB = FSR/16384 = 610.4
µV (±2.5 V—AD7865-3) with VREF = 2.5 V.
SELECTING A CONVERSION SEQUENCE
Any subset of the four channels VIN1 to VIN4 can be selected for
conversion. The selected channels are converted in an ascending
order. For example if the channel selection includes VIN4, VIN1
and VIN3 then the conversion sequence will be VIN1, VIN3 and
then VIN4. The conversion sequence selection may be made by
using either the hardware channel select input pins SL1 through
SL4 (if
H/S is tied low) or programming the channel select
register (if
H/S is tied high). A logic high on a hardware channel
select pin (or logic one in the channel select register) when
CONVST goes logic high, marks the associated analog input
channel for inclusion in the conversion sequence.
Figure 5 shows the arrangement used. The
H/S SEL controls a
multiplexer that selects the source of the conversion sequence
information, i.e., from the hardware channel select pins (SL1 to
SL4) or from the channel selection register. When a conversion
is started the output from the multiplexer is latched until the
end-of-the conversion sequence. The data bus bits DB0 to DB3
(DB0 representing Channel 1 through DB3 representing Chan-
nel 4) are bidirectional and become inputs to the channel select
register when
RD is logic high and CS and WR are logic low.
The logic state on DB0 to DB3 is latched into the channel select
register when
WR goes logic high. Figure 6 shows the loading
sequence for channel selection using software control. When
using software control to select the conversion sequence a write
is only required each time the conversion sequence needs
changing. This is because the channel select register will hold its
information until different information is written to it.
It should be noted that the hardware select Pins SL1 and SL2
are dual function. When
H/S SEL is logic high (selecting the
conversion sequence using software control) they take the func-
tions CLK IN and
INT/EXT CLK respectively. Therefore, the
logic inputs on these pins must be set according to the type of
operation required (see Using an External Clock). Also when
H/S SEL is high, the SL3 and SL4 logic inputs have no function
and can be tied either high or low, but should not be left floating.
DATA BUS
D0
D1
D2
D3
WR
CS
WR
CHANNEL
SELECT
REGISTER
SL1
SL2
SL3
SL4
HARDWARE CHANNEL
SELECT PINS
H/S
TRANSPARENT WHILE WAITING FOR
CONVST.
LATCHED ON THE RISING EDGE OF
CONVST AND
DURING A CONVERSION SEQUENCE.
MULTIPLEXER
LATCH
SEQUENCER
SELECT INDIVIDUAL
TRACK-AND-HOLDS
FOR CONVERSION
Figure 5. Channel Select Inputs and Registers
RD
WR
CS
DATA
t16
t17
t14
t15
DATA IN
t13
Figure 6. Channel Selection via Software Control


Número de pieza similar - AD7865AS-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7865AS-1 AD-AD7865AS-1 Datasheet
195Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. A
AD7865AS-1 AD-AD7865AS-1 Datasheet
211Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
AD7865AS-1 AD-AD7865AS-1 Datasheet
197Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
AD7865AS-1 AD-AD7865AS-1 Datasheet
197Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
AD7865AS-1 AD-AD7865AS-1 Datasheet
197Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
More results

Descripción similar - AD7865AS-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7865ASZ-1 AD-AD7865ASZ-1 Datasheet
211Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
AD7865ASZ-3 AD-AD7865ASZ-3 Datasheet
197Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
AD7865ASZ AD-AD7865ASZ Datasheet
197Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
AD7865BSZ-1 AD-AD7865BSZ-1 Datasheet
211Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
AD7865ASZ-3 AD-AD7865ASZ-3 Datasheet
211Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
AD7865 AD-AD7865_17 Datasheet
242Kb / 20P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
AD7865 AD-AD7865 Datasheet
195Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. A
AD7865ASZ-2 AD-AD7865ASZ-2 Datasheet
197Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
logo
Linear Technology
LTC1408 LINER-LTC1408 Datasheet
496Kb / 20P
   Channel, 14-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
LTC2351-14 LINER-LTC2351-14 Datasheet
289Kb / 20P
   Channel, 14-Bit, 1.5Msps Simultaneous Sampling ADC with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com