Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7847BR Datasheet(PDF) 6 Page - Analog Devices

No. de pieza AD7847BR
Descripción Electrónicos  LC2MOS Complete, Dual 12-Bit MDACs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7847BR Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7847BR Datasheet HTML 2Page - Analog Devices AD7847BR Datasheet HTML 3Page - Analog Devices AD7847BR Datasheet HTML 4Page - Analog Devices AD7847BR Datasheet HTML 5Page - Analog Devices AD7847BR Datasheet HTML 6Page - Analog Devices AD7847BR Datasheet HTML 7Page - Analog Devices AD7847BR Datasheet HTML 8Page - Analog Devices AD7847BR Datasheet HTML 9Page - Analog Devices AD7847BR Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD7837/AD7847–Typical Performance Graphs
REV. C
–6–
FREQUENCY – Hz
10
0
104
–20
–10
–30
105
106
107
VDD = +15V
VSS = –15V
VREF = +20Vp–p
DAC CODE = 111...111
Figure 1. Frequency Response
VDD /VSS – Volts
0.5
0.0
0
0.4
0.3
0.2
0.1
11
13
15
17
INL
DNL
VREF = 7.5V
Figure 4. Linearity vs. Power Supply
FREQUENCY – kHz
0.1
1
100
VDD = +15V
VSS = –15V
VREF = 20V p-p
DAC CODE = 000...000
–100
10
1000
–90
–80
–70
–60
–50
Figure 7. Multiplying Feedthrough
Error vs. Frequency
LOAD RESISTANCE –
20
5
10
15
10
0
100
1k
10k
VDD = +15V
VSS = –15V
VREF = +20Vp–p @ 1kHz
DAC CODE = 111...111
25
Figure 2. Output Voltage Swing vs.
Resistive Load
FREQUENCY – Hz
400
0.01
0
0.1
1
100
VDD = +15V
VSS = –15V
VREF = 0V
DAC CODE = 111...111
300
200
100
10
Figure 5. Noise Spectral Density vs.
Frequency
HORIZ 2 s/DIV
VERT 2V/DIV
VOUT
FULL SCALE
ZERO SCALE
Figure 8. Large Signal Pulse
Response
CODE
0
–0.2
0.6
0.4
0.2
–0.6
–0.4
0
2048
4095
0
–0.2
0.6
0.4
0.2
–0.6
–0.4
VDD = +15V
VSS = –15V
DAC A
DAC B
Figure 3. DAC-to-DAC Linearity
Matching
FREQUENCY – kHz
0.1
100
110
–40
VDD = +15V
VSS = –15V
VREF = 6V rms
DAC CODE = 111...111
–50
–60
–70
–80
–90
–100
Figure 6. THD vs. Frequency
A1 –0.01V
2 s
200mV
50mV
B
Lw
Figure 9. Small Signal Pulse
Response


Número de pieza similar - AD7847BR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7847BR AD-AD7847BR Datasheet
196Kb / 13P
   LC2MOS Complete, Dual 12-Bit MDACs
REV. C
AD7847BR AD-AD7847BR Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACs
REV. C
AD7847BR AD-AD7847BR Datasheet
494Kb / 12P
   LC MOS COMPLETE, DUAL 12-BIT MDACS
REV. C
AD7847BR AD-AD7847BR Datasheet
494Kb / 12P
   LC2MOS Complet, Dual 12-Bit MDACs
REV. C
AD7847BR AD-AD7847BR Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACS
REV. C
More results

Descripción similar - AD7847BR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7837BRZ AD-AD7837BRZ Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACs
REV. C
AD7847ANZ AD-AD7847ANZ Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACS
REV. C
AD7847ARZ AD-AD7847ARZ Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACs
REV. C
AD7837 AD-AD7837 Datasheet
196Kb / 13P
   LC2MOS Complete, Dual 12-Bit MDACs
REV. C
AD7837ARZ AD-AD7837ARZ Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACs
REV. C
AD7837ANZ AD-AD7837ANZ Datasheet
494Kb / 12P
   LC2MOS Complet, Dual 12-Bit MDACs
REV. C
AD7837 AD-AD7837_15 Datasheet
494Kb / 12P
   LC MOS Complete Dual 12 Bit MDACs
REV. C
AD7837BRZ AD-AD7837BRZ Datasheet
494Kb / 12P
   LC MOS Complete, Dual 12-Bit MDACs
REV. C
AD7847 AD-AD7847_15 Datasheet
494Kb / 12P
   LC MOS Complete Dual 12 Bit MDACs
REV. C
AD7837ANZ AD-AD7837ANZ Datasheet
494Kb / 12P
   LC MOS COMPLETE, DUAL 12-BIT MDACS
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com