Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8048AN Datasheet(PDF) 9 Page - Analog Devices

No. de pieza AD8048AN
Descripción Electrónicos  250 MHz, General Purpose Voltage Feedback Op Amps
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8048AN Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8048AN Datasheet HTML 5Page - Analog Devices AD8048AN Datasheet HTML 6Page - Analog Devices AD8048AN Datasheet HTML 7Page - Analog Devices AD8048AN Datasheet HTML 8Page - Analog Devices AD8048AN Datasheet HTML 9Page - Analog Devices AD8048AN Datasheet HTML 10Page - Analog Devices AD8048AN Datasheet HTML 11Page - Analog Devices AD8048AN Datasheet HTML 12Page - Analog Devices AD8048AN Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
REV. A
–8–
AD8047/AD8048
7
–3
10M
1G
100M
1M
5
1
3
–1
6
4
0
2
–2
FREQUENCY (Hz)
R
L = 100
R
F = RIN = 200
V
OUT = 300mV p-p
TPC 25. AD8048 Small Signal Frequency Response,
G = +2
6.5
5.5
10M
1G
100M
1M
6.3
5.9
6.1
5.7
6.4
6.2
5.8
6.0
5.6
FREQUENCY (Hz)
R
L = 100
R
F = RIN = 200
V
OUT = 300mV p-p
TPC 26. AD8048 0.1 dB Flatness, G = +2
70
–20
10k
100k
1G
100M
10M
1M
FREQUENCY (Hz)
60
20
30
40
50
–10
0
10
–40
–120
–20
0
20
–100
–80
–60
R
L = 100
PHASE
1k
40
60
80
100
80
90
TPC 27. AD8048 Open-Loop Gain and Phase Margin
vs. Frequency
–3
10M
1G
100M
1M
5
1
3
–1
6
4
0
2
–2
7
FREQUENCY (Hz)
R
L = 100
R
F = RIN = 200
V
OUT = 2V p-p
TPC 28. AD8048 Large Signal Frequency Response,
G = +2
–9
10M
1G
100M
1M
–1
–5
–3
–7
0
–2
–6
–4
–8
1
FREQUENCY (Hz)
R
L = 100
R
F = RIN = 200
V
OUT = 300mV p-p
TPC 29. AD8048 Small Signal Frequency Response,
G = –1
–90
–110
–70
–50
–30
100M
1M
100k
10k
–40
–20
–60
–80
–100
–120
10M
SECOND HARMONIC
THIRD HARMONIC
FREQUENCY (Hz)
R
L = 1k
V
OUT = 2V p-p
TPC 30. AD8048 Harmonic Distortion vs. Frequency,
G = +2


Número de pieza similar - AD8048AN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8048AN AD-AD8048AN Datasheet
478Kb / 16P
   250 MHz, General Purpose Voltage Feedback Op Amps
REV. 0
AD8048AN AD-AD8048AN Datasheet
284Kb / 16P
   250 MHz, General Purpose Voltage Feedback Op Amps
REV. A
AD8048AN AD-AD8048AN Datasheet
516Kb / 17P
   250 MHz, General Purpose Voltage Feedback Op Amps
REV. A
AD8048AN AD-AD8048AN Datasheet
438Kb / 17P
   250 MHz, General Purpose Voltage Feedback Op Amps
REV. A
More results

Descripción similar - AD8048AN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8047 AD-AD8047_15 Datasheet
516Kb / 17P
   250 MHz, General Purpose Voltage Feedback Op Amps
REV. A
AD8047ANZ AD-AD8047ANZ Datasheet
438Kb / 17P
   250 MHz, General Purpose Voltage Feedback Op Amps
REV. A
AD8048 AD-AD8048_15 Datasheet
516Kb / 17P
   250 MHz, General Purpose Voltage Feedback Op Amps
REV. A
AD8047 AD-AD8047 Datasheet
478Kb / 16P
   250 MHz, General Purpose Voltage Feedback Op Amps
REV. 0
AD8047 AD-AD8047_03 Datasheet
284Kb / 16P
   250 MHz, General Purpose Voltage Feedback Op Amps
REV. A
AD8047ARZ AD-AD8047ARZ Datasheet
516Kb / 17P
   250 MHz, General Purpose Voltage Feedback Op Amps
REV. A
logo
STMicroelectronics
UA741 STMICROELECTRONICS-UA741 Datasheet
490Kb / 11P
   GENERAL-PURPOSE SINGLE OP-AMPs
logo
3PEAK INC.
LM2904A 3PEAK-LM2904A Datasheet
1Mb / 15P
   36V General Purpose Op Amps
LM321A 3PEAK-LM321A Datasheet
1Mb / 17P
   36V General Purpose Op Amps
Rev.0.02
logo
ON Semiconductor
NCS2551 ONSEMI-NCS2551 Datasheet
197Kb / 12P
   500 MHz Voltage Feedback Op Amp
September, 2006 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com