Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

V-15G5-1AR6-T Datasheet(PDF) 11 Page - Omron Electronics LLC

No. de pieza V-15G5-1AR6-T
Descripción Electrónicos  Miniature Basic Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OMRON [Omron Electronics LLC]
Página de inicio  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V-15G5-1AR6-T Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button V-15G5-1AR6-T Datasheet HTML 7Page - Omron Electronics LLC V-15G5-1AR6-T Datasheet HTML 8Page - Omron Electronics LLC V-15G5-1AR6-T Datasheet HTML 9Page - Omron Electronics LLC V-15G5-1AR6-T Datasheet HTML 10Page - Omron Electronics LLC V-15G5-1AR6-T Datasheet HTML 11Page - Omron Electronics LLC V-15G5-1AR6-T Datasheet HTML 12Page - Omron Electronics LLC V-15G5-1AR6-T Datasheet HTML 13Page - Omron Electronics LLC V-15G5-1AR6-T Datasheet HTML 14Page - Omron Electronics LLC V-15G5-1AR6-T Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
V
V
120
Dimensions and Operating Characteristics
Note:
1. All units are in millimeters unless otherwise indicated.
2. Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions.
3. The following illustrations and drawings are for quick-connect terminals (#250) (terminals C). V models with a switching current of
16 A or 11 A incorporates terminals A and C2. These models are different from #250 models in terminal size only. Terminals A, C2,
and side common terminals are omitted from the following drawings. Refer to Kinds of Terminals on page 119 for these terminals.
4. The
j in the model number is for the terminal code.
5. The operating characteristics are for operation in the A direction ( ).
Model
V-21-1
j6
V-16-1
j5
OF max.
3.92 N {400 gf}
1.96 N {200 gf}
RF min.
{g }
0.78 N {80 gf}
{g }
0.49 N {50 gf}
PT max.
1.2 mm
OT min.
1.0 mm
MD max.
0.4 mm
OP
14.7
±0.4 mm
Model
V-11-1
j4
V-11-1
j5
OF max.
0.98 N {100 gf}
1.96 N {200 gf}
RF min.
{g }
0.20 N {20 gf}
{g }
0.49 N {50 gf}
PT max.
1.2 mm
OT min.
1.0 mm
MD max.
0.4 mm
OP
14.7
±0.4 mm
Pin Plunger Models
(Without Barrier)
V-21-1
j6
V-16-1
j5
V-11-1
j4
3.1
+0.13
–0.03
dia. holes
3.1
+0.13
–0.03
3.4
±0.15 dia.
t=0.8
Three, quick-connect
terminals (#250)
20.2
±0.25
2.8
1.6
2.8
10.3
±0.1
PT
OP
22.2
±0.1
2.8
(12.0)
27.8
39.8
±0.8
2.8
8.4
15.9
19.1
0.6
4.2
2.8
10.3
(With Right-hand Barrier)
V-21-1
jR6
V-16-1
jR5
3.1
+0.13
–0.03
dia. holes
3.1
+0.13
–0.03
3.4
±0.15 dia.
t=0.8
Three, quick-connect
terminals (#250)
20.2
±0.25
2.8
1.6
2.8
10.3
±0.1
PT
OP
22.2
±0.1
2.8
(12.0)
27.8
39.8
±0.8
40.2
2.8
15.9
8.4
19.1
21.9
0.6
4.2
2.8
0.6
10.3
A
A
(With Left-hand Barrier)
V-21-1
jL6
V-16-1
jL5
3.1
+0.13
–0.03
dia. holes
3.1
+0.13
–0.03
3.4
±0.15 dia.
t=0.8
Three, quick-connect
terminals (#250)
2.8
0.6
4.2
0.6
10.3
2.8
19.1
15.9
8.4
21.9
1.6
20.2
±0.25
2.8
2.8
(12.0) 2.8
27.8
39.8
±0.8
22.2
±0.1
40.2
10.3
±0.1
PT
OP
A


Número de pieza similar - V-15G5-1AR6-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Omron Electronics LLC
V-15G5-1A5-K OMRON-V-15G5-1A5-K Datasheet
1Mb / 16P
   Snap Action Switch
V-15G5-1A5-K OMRON-V-15G5-1A5-K Datasheet
1Mb / 16P
   General Purpose Snap Action Switch
V-15G5-1A5-K OMRON-V-15G5-1A5-K Datasheet
1Mb / 16P
   General Purpose Snap Action Switch
V-15G5-1A5-K OMRON-V-15G5-1A5-K Datasheet
1Mb / 16P
   Snap Action Switch
More results

Descripción similar - V-15G5-1AR6-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
MV-3 ETC-MV-3 Datasheet
4Mb / 12P
   Miniature Basic Switch
V-102-1A4 ETC2-V-102-1A4 Datasheet
1Mb / 16P
   Miniature Basic Switch
logo
Omron Electronics LLC
D3V OMRON-D3V Datasheet
1Mb / 18P
   Miniature Basic Switch
D2MV OMRON-D2MV Datasheet
1Mb / 5P
   Miniature Basic Switch
logo
List of Unclassifed Man...
D2SW ETC-D2SW Datasheet
95Kb / 6P
   Watertight Miniature Basic Switch
logo
Honeywell Solid State E...
V5B210CB1C HONEYWELL-V5B210CB1C Datasheet
133Kb / 5P
   V5 Series Miniature Basic Switch
logo
Omron Electronics LLC
D2FC-F-7N OMRON-D2FC-F-7N Datasheet
316Kb / 6P
   Ultra Sub Miniature Basic Switch
logo
Honeywell Solid State E...
V7-SERIES HONEYWELL-V7-SERIES Datasheet
700Kb / 11P
   MICRO SWITCH Premium Miniature Basic Switches
V15S05 HONEYWELL-V15S05 Datasheet
1Mb / 13P
   MICRO SWITCH Standard Miniature Basic Switches
06/20
logo
List of Unclassifed Man...
11SM3-T ETC1-11SM3-T Datasheet
49Kb / 1P
   SWITCH BASIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com