Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS72216DBVT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS72216DBVT
Descripción Electrónicos  LOW INPUT VOLTAGE, CAP FREE 50-mA LOW-DROPOUT LINEAR REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS72216DBVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS72216DBVT Datasheet HTML 2Page - Texas Instruments TPS72216DBVT Datasheet HTML 3Page - Texas Instruments TPS72216DBVT Datasheet HTML 4Page - Texas Instruments TPS72216DBVT Datasheet HTML 5Page - Texas Instruments TPS72216DBVT Datasheet HTML 6Page - Texas Instruments TPS72216DBVT Datasheet HTML 7Page - Texas Instruments TPS72216DBVT Datasheet HTML 8Page - Texas Instruments TPS72216DBVT Datasheet HTML 9Page - Texas Instruments TPS72216DBVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
TPS72201, TPS72215
TPS72216, TPS72218
SLVS390B – DECEMBER 2001 – REVISED MAY 2002
www.ti.com
6
TYPICAL CHARACTERISTICS
Figure 10
TPS72218
LINE TRANSIENT RESPONSE
t – Time – ms
0
0.3
0.2
0.1
0.4 0.5
0.7
0.6
0.8 0.9
1
0
-1
2.8
1
3.8
IO = 50 mA
Co = 1 µF
dV
I
dt
+
0.4 V
µs
VI
VO
Figure 11
100
t – Time –
µs
TPS72218
LOAD TRANSIENT RESPONSE
50
0
150
50
200 250
350
300
400 450
0
–100
500
VI = 2.8 V
Co = 1 µF
0
dI
O
dt
+
0.1A
µs
100
Figure 12
POWER UP / POWER DOWN
VI
VO
Co = 1 µF
Ci = 1 µF
RL = 36 Ω
0
1
2
3
4
5
6
t – Time – ms
030
20
10
40
50
70
60
80
90 100
Figure 13
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
40
45
50
DC DROPOUT VOLTAGE
vs
OUTPUT CURRENT
IO – Output Current – mA
TJ = 125°C
TJ = 25°C
TJ = –55°C
Figure 14
0
10
20
30
40
50
60
70
80
1.8
2.5
3.3
4.0
4.8
5.5
TPS72201
DROPOUT VOLTAGE
vs
INPUT VOLTAGE
VI – Input Voltage – V
TJ = 25°C
TJ = –40°C
TJ = 125°C
IO = 50 mA
Figure 15
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
TJ = 25°C
IO = 50 mA
MINIMUM REQUIRED INPUT VOLTAGE
vs
OUTPUT VOLTAGE
VO – Output Voltage – V
TJ = 125°C
TJ = –40°C


Número de pieza similar - TPS72216DBVT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS72216DBVT TI-TPS72216DBVT Datasheet
119Kb / 11P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 50-mA LOW-DROPOUT LINEAR REGULATORS
More results

Descripción similar - TPS72216DBVT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS72201 TI-TPS72201 Datasheet
119Kb / 11P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS722 TI-TPS722 Datasheet
756Kb / 16P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS72101 TI-TPS72101_07 Datasheet
350Kb / 13P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS72101 TI1-TPS72101_16 Datasheet
868Kb / 16P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS721 TI-TPS721_15 Datasheet
762Kb / 16P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS72101 TI-TPS72101 Datasheet
203Kb / 14P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS72118-EP TI1-TPS72118-EP Datasheet
636Kb / 14P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 150 mA LOW-DROPOUT (LDO) LINEAR REGULATOR
TPS76030 TI-TPS76030 Datasheet
216Kb / 11P
[Old version datasheet]   LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS76030 TI1-TPS76030_11 Datasheet
666Kb / 16P
[Old version datasheet]   LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS77001 TI-TPS77001 Datasheet
230Kb / 16P
[Old version datasheet]   ULTRA LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com