Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPS71257DRCT Datasheet(PDF) 2 Page - Texas Instruments |
|
|
TPS71257DRCT Datasheet(HTML) 2 Page - Texas Instruments |
2 / 21 page TPS71202, TPS71219 TPS71229, TPS71247 TPS71256, TPS71257 SBVS049D – MAY 2004 – REVISED AUGUST 2010 www.ti.com This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. ORDERING INFORMATION(1) VOLTAGE (V) PACKAGE- SPECIFIED LEAD TEMPERATURE PACKAGE ORDERING TRANSPORT PRODUCT VOUT1 VOUT2 (DESIGNATOR) RANGE (TJ) MARKING NUMBER MEDIA, QUANTITY TPS71202DRCT Tape and Reel, 250 TPS71202 Adjustable Adjustable SON-10 (DRC) -40°C to +125°C ARQ TPS71202DRCR Tape and Reel, 3000 TPS71219DRCT Tape and Reel, 250 TPS71219 1.8 V Adjustable SON-10 (DRC) -40°C to +125°C ARW TPS71219DRCR Tape and Reel, 3000 TPS71229DRCT Tape and Reel, 250 TPS71229 2.8 V Adjustable SON-10 (DRC) -40°C to +125°C ARU TPS71229DRCR Tape and Reel, 3000 TPS71247DRCT Tape and Reel, 250 TPS71247 1.8 V 2.85 V SON-10 (DRC) -40°C to +125°C ARS TPS71247DRCR Tape and Reel, 3000 TPS71256DRCT Tape and Reel, 250 TPS71256 2.8 V 2.8 V SON-10 (DRC) -40°C to +125°C ARV TPS71256DRCR Tape and Reel, 3000 TPS71257DRCT Tape and Reel, 250 TPS71257 2.85 V 2.85 V SON-10 (DRC) -40°C to +125°C ART TPS71257DRCR Tape and Reel, 3000 (1) For the most current package and ordering information, see the Package Ordering Addendum located at the end of this data sheet. ABSOLUTE MAXIMUM RATINGS over operating junction temperature range unless otherwise noted (1) TPS712xx UNIT VIN range -0.3 to 6.0 V VEN1, VEN2 range -0.3 to VIN + 0.3 V VOUT range -0.3 to 6.0 V Peak output current Internally limited Output short-circuit duration Indefinite Continuous total power dissipation See Dissipation Ratings Table Junction temperature range, TJ -40 to +150 °C Storage temperature range -65 to +150 °C ESD rating, HBM 2 kV ESD rating, CDM 500 V (1) Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under the Electrical Characteristics is not implied. Exposure to absolute maximum rated conditions for extended periods may affect device reliability. THERMAL INFORMATION TPS712xx THERMAL METRIC(1)(2) UNITS DRC (10 PINS) qJA Junction-to-ambient thermal resistance 49.6 qJCtop Junction-to-case (top) thermal resistance 70.0 qJB Junction-to-board thermal resistance 17.8 °C/W yJT Junction-to-top characterization parameter 0.6 yJB Junction-to-board characterization parameter 15.2 qJCbot Junction-to-case (bottom) thermal resistance 5.2 (1) For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953. (2) For thermal estimates of this device based on PCB copper area, see the TI PCB Thermal Calculator. 2 Submit Documentation Feedback Copyright © 2004–2010, Texas Instruments Incorporated Product Folder Link(s): TPS71202 TPS71219 TPS71229 TPS71247 TPS71256 TPS71257 |
Número de pieza similar - TPS71257DRCT |
|
Descripción similar - TPS71257DRCT |