Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU7252FVM-TR Datasheet(PDF) 10 Page - Rohm

No. de pieza BU7252FVM-TR
Descripción Electrónicos  Low Voltage CMOS Comparator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU7252FVM-TR Datasheet(HTML) 10 Page - Rohm

Back Button BU7252FVM-TR Datasheet HTML 6Page - Rohm BU7252FVM-TR Datasheet HTML 7Page - Rohm BU7252FVM-TR Datasheet HTML 8Page - Rohm BU7252FVM-TR Datasheet HTML 9Page - Rohm BU7252FVM-TR Datasheet HTML 10Page - Rohm BU7252FVM-TR Datasheet HTML 11Page - Rohm BU7252FVM-TR Datasheet HTML 12Page - Rohm BU7252FVM-TR Datasheet HTML 13Page - Rohm BU7252FVM-TR Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10/16
60
80
100
120
140
160
-60
-30
0
306090
120
AMBIENT TEMPERATURE [℃]
BU7232 family
(*) The above date is ability value of sample, it is not guaranteed. BU7232 F/FVM:-40[℃] to+85[℃] BU7232S F/FVM:-40[℃] to+105[℃]
-15
-10
-5
0
5
10
15
-1
01234
INPUT VOLTAGE [V]
0.0
0.3
0.6
0.9
1.2
1.5
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [℃]
Fig.17
Large Signal Voltage Gain –
Ambient Temperature
-10.0
-7.5
-5.0
-2.5
0.0
2.5
5.0
7.5
10.0
12
34
56
AMBIENT TEMPERATURE [℃]
-40℃
25℃
105℃
BU7232 family
Fig.13
Input Offset Voltage – Ambient Temperature
(Vicm=VDD, VOUT=0.1[V])
Fig.15
Input Offset Voltage – Input Voltage
(VDD=3[V])
BU7232 family
5.5V
3.0V
BU7232 family
0
20
40
60
80
100
120
1
2
3
456
SUPPLY VOLTAGE [V]
-40℃
25℃
105℃
Fig.18
Common Mode Rejection Ratio –
Supply Voltage (VDD=3[V])
BU7232 family
Fig.20
Power Supply Rejection Ratio
– Ambient Temperature
0
20
40
60
80
100
120
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [℃]
BU7232 family
0
20
40
60
80
100
120
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [℃]
5.5V
1.8V
3.0V
BU7232 family
Fig.19
Common Mode Rejection Ratio
– Ambient Temperature (VDD=3[V])
60
80
100
120
140
160
12
34
56
SUPPLY VOLTAGE [V]
25℃
-40℃
105℃
BU7232 family
Fig.16
Large Signal Voltage Gain – Supply Voltage
85℃
Fig.22
Propagation Delay H-L – Ambient Temperature
5.5V
1.8V
3.0V
BU7232 family
Fig.21
Propagation Delay L-H – Ambient temperature
0
1
2
3
4
5
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [℃]
5.5V
1.8V
3.0V
BU7232 family
-10.0
-7.5
-5.0
-2.5
0.0
2.5
5.0
7.5
10.0
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [℃]
5.5V
1.8V
3.0V
BU7232 family
Fig.14
Input Offset Voltage – Ambient Temperature
(Vicm=VDD, VOUT=0.1[V])
1.8V
-40℃
25℃
105℃
85℃
85℃


Número de pieza similar - BU7252FVM-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU7252F ROHM-BU7252F Datasheet
518Kb / 19P
   Comparators: Low Voltage CMOS
More results

Descripción similar - BU7252FVM-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ELM Technology Corporat...
ELM742 ELM-TECH-ELM742 Datasheet
645Kb / 4P
   CMOS Low power voltage comparator
ELM742-SERIES ELM-TECH-ELM742-SERIES Datasheet
645Kb / 4P
   CMOS Low power voltage comparator
logo
ELM Electronics
ELM742 ELM-ELM742 Datasheet
326Kb / 4P
   CMOS Low power voltage comparator
logo
List of Unclassifed Man...
ELM742X ETC-ELM742X Datasheet
111Kb / 3P
   LOW VOLTAGE, LOW POWER CMOS VOLTAGE COMPARATOR
logo
ELM Technology Corporat...
ELM743 ELM-TECH-ELM743_17 Datasheet
655Kb / 4P
   CMOS Low power voltage dual comparator
logo
STMicroelectronics
TS372 STMICROELECTRONICS-TS372 Datasheet
84Kb / 5P
   LOW POWER DUAL CMOS VOLTAGE COMPARATOR
TS374 STMICROELECTRONICS-TS374 Datasheet
88Kb / 5P
   LOW POWER QUAD CMOS VOLTAGE COMPARATOR
logo
ELM Technology Corporat...
ELM743 ELM-TECH-ELM743 Datasheet
327Kb / 4P
   CMOS Low power voltage dual comparator
logo
ELM Electronics
ELM743-SERIES ELM-ELM743-SERIES Datasheet
655Kb / 4P
   CMOS Low power voltage dual comparator
ELM743 ELM-ELM743 Datasheet
333Kb / 4P
   CMOS Low power voltage dual comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com