Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADM6821SYRJZ-RL7 Datasheet(PDF) 10 Page - Analog Devices

No. de pieza ADM6821SYRJZ-RL7
Descripción Electrónicos  Low Voltage Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADM6821SYRJZ-RL7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM6821SYRJZ-RL7 Datasheet HTML 4Page - Analog Devices ADM6821SYRJZ-RL7 Datasheet HTML 5Page - Analog Devices ADM6821SYRJZ-RL7 Datasheet HTML 6Page - Analog Devices ADM6821SYRJZ-RL7 Datasheet HTML 7Page - Analog Devices ADM6821SYRJZ-RL7 Datasheet HTML 8Page - Analog Devices ADM6821SYRJZ-RL7 Datasheet HTML 9Page - Analog Devices ADM6821SYRJZ-RL7 Datasheet HTML 10Page - Analog Devices ADM6821SYRJZ-RL7 Datasheet HTML 11Page - Analog Devices ADM6821SYRJZ-RL7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADM6821/ADM6822/ADM6823/ADM6824/ADM6825
Rev. 0 | Page 10 of 12
APPLICATION INFORMATION
WATCHDOG INPUT CURRENT
To minimize watchdog input current (and minimize overall
power consumption), leave WDI low for the majority of the
watchdog timeout period. When driven high, WDI can draw as
much as 160 μA. Pulsing WDI low-high-low at a low duty cycle
reduces the effect of the large input current. When WDI is
unconnected, a window comparator disconnects the watchdog
timer from the reset output circuitry so that reset is not asserted
when the watchdog timer times out.
NEGATIVE-GOING VCC TRANSIENTS
To avoid unnecessary resets caused by fast power supply
transients, the ADM682x are equipped with glitch rejection
circuitry. The typical performance characteristic in Figure 11
plots VCC transient duration versus. the transient magnitude.
The curves show combinations of transient magnitude and
duration for which a reset is not generated for the 4.63 V and
2.93 V reset threshold parts. For example, with the 2.93 V
threshold, a transient that goes 100 mV below the threshold and
lasts 8 μs typically does not cause a reset, but if the transient is
any bigger in magnitude or duration, a reset is generated. An
optional 0.1 μF bypass capacitor mounted close to VCC provides
additional glitch rejection.
ENSURING RESET VALID TO VCC = 0 V
Both active-low and active-high reset outputs are guaranteed to
be valid for VCC as low as 1 V. However, by using an external
resistor with push-pull configured reset outputs, valid outputs
for VCC as low as 0 V are possible. For an active-low reset
output, a resistor connected between RESET and ground pulls
the output low when it is unable to sink current. For the active-
high case, a resistor connected between RESET and VCC pulls
the output high when it is unable to source current. A large
resistance such as 100 kΩ should be used so that it does not
overload the reset output when VCC is above 1 V.
ADM6822/
ADM6823/
ADM6824/
ADM6825
VCC
RESET
100k
Ω
ADM6821/
ADM6824/
ADM6825
VCC
RESET
100k
Ω
GND
GND
Figure 16. Ensuring Reset Valid to VCC = 0 V
WATCHDOG SOFTWARE CONSIDERATIONS
In implementing the microprocessor’s watchdog strobe code,
quickly switching WDI low-high and then high-low
(minimizing WDI high time) is desirable for current
consumption reasons. However, a more effective way of using
the watchdog function can be considered.
A low-high-low WDI pulse within a given subroutine prevents
the watchdog from timing out. However, if the subroutine
becomes stuck in an infinite loop, the watchdog could not
detect this because the subroutine continues to toggle WDI. A
more effective coding scheme for detecting this error involves
using a slightly longer watchdog timeout. In the program that
calls the subroutine, WDI is set high. The subroutine sets WDI
low when it is called. If the program executes without error,
WDI is toggled high and low with every loop of the program. If
the subroutine enters an infinite loop, WDI is kept low, the
watchdog times out, and the microprocessor is reset.
START
SET WDI
HIGH
PROGRAM
CODE
SUBROUTINE
SET WDI
LOW
RETURN
INFINITE LOOP:
WATCHDOG
TIMES OUT
RESET
Figure 17. Watchdog Flow Diagram
RESET
RESET
WDI
I/O
MR
ADM6823
VCC
μP
Figure 18. Typical Application Circuit


Número de pieza similar - ADM6821SYRJZ-RL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM6821SART-RL AD-ADM6821SART-RL Datasheet
132Kb / 7P
   Low Voltage Supervisory Circuits with Watchdog & Manual Reset in 5-Lead SOT-23
Rev. PrA
ADM6821SART-RL7 AD-ADM6821SART-RL7 Datasheet
132Kb / 7P
   Low Voltage Supervisory Circuits with Watchdog & Manual Reset in 5-Lead SOT-23
Rev. PrA
More results

Descripción similar - ADM6821SYRJZ-RL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADM6316 AD-ADM6316 Datasheet
255Kb / 11P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev.PrC
ADM6316 AD-ADM6316_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM8316WBX30ARJZR7 AD-ADM8316WBX30ARJZR7 Datasheet
314Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
REV. 0
ADM8321WAY30ARJZR7 AD-ADM8321WAY30ARJZR7 Datasheet
314Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
REV. 0
ADM6821 AD-ADM6821 Datasheet
132Kb / 7P
   Low Voltage Supervisory Circuits with Watchdog & Manual Reset in 5-Lead SOT-23
Rev. PrA
ADM6320 AD-ADM6320_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6320CY29ARJZ-R7 AD-ADM6320CY29ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6319C46ARJZ-RL7 AD-ADM6319C46ARJZ-RL7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6320CZ29ARJZ-R7 AD-ADM6320CZ29ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6317 AD-ADM6317_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com