Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CB0J336M2CCB Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers |
|
CB0J336M2CCB Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers |
4 / 6 page www.element14.com www.farnell.com www.newark.com Page <4> V1.1 06/09/12 CB Series Tantalum Capacitor Taping Dimension: 1. CB represents series number of epoxy-coated solid electrolytic tantalum capacitors. 2. Rated DC voltage Code is expressed in two digits. Rated Voltage 6.3V 10V 16V 25V 35V 50V Code 0J 1A 1C 1E 1V 1H 3. Capacitance code: Expressed in Pico farad, 1st two digits represent significant figures and 3rd digit represents multiplier (number of zeros to follow). 4. Capacitance tolerance code is listed as follows: Allowable Tolerance Tolerance Code ±20 M 5. Lead Space: Lead Space Symbol 2.54m/m ±0.5 1 5.08m/m ±0.5 2 6. Case Code is specified in Appearance & Dimensions in Page 2 7. Wire Length: Wire Length (L) code is listed as follows Wire Length (L) (+)20(-)18 ±1m/m Code C Pack Style Packing Code: B Bulk T Ammo CB Δ C/C±20% 35V10µF CB1V106M1DCB |
Número de pieza similar - CB0J336M2CCB |
|
Descripción similar - CB0J336M2CCB |