Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ASDP-21060LCW-160 Datasheet(PDF) 30 Page - Analog Devices

No. de pieza ASDP-21060LCW-160
Descripción Electrónicos  SHARC Processor
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ASDP-21060LCW-160 Datasheet(HTML) 30 Page - Analog Devices

Back Button ASDP-21060LCW-160 Datasheet HTML 26Page - Analog Devices ASDP-21060LCW-160 Datasheet HTML 27Page - Analog Devices ASDP-21060LCW-160 Datasheet HTML 28Page - Analog Devices ASDP-21060LCW-160 Datasheet HTML 29Page - Analog Devices ASDP-21060LCW-160 Datasheet HTML 30Page - Analog Devices ASDP-21060LCW-160 Datasheet HTML 31Page - Analog Devices ASDP-21060LCW-160 Datasheet HTML 32Page - Analog Devices ASDP-21060LCW-160 Datasheet HTML 33Page - Analog Devices ASDP-21060LCW-160 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 64 page
background image
Rev. F
|
Page 30 of 64
|
March 2008
ADSP-21060/ADSP-21060L/ADSP-21062/ADSP-21062L/ADSP-21060C/ADSP-21060LC
Multiprocessor Bus Request and Host Bus Request
Use these specifications for passing of bus mastership between
multiprocessing ADSP-2106xs (BRx) or a host processor, both
synchronous and asynchronous (HBR, HBG).
Table 18. Multiprocessor Bus Request and Host Bus Request
5 V and 3.3 V
Unit
Parameter
Min
Max
Timing Requirements
tHBGRCSV
HBG Low to RD/WR/CS Valid1
20 + 5DT/4
ns
tSHBRI
HBR Setup Before CLKIN2
20 + 3DT/4
ns
tHHBRI
HBR Hold After CLKIN2
14 + 3DT/4
ns
tSHBGI
HBG Setup Before CLKIN
13 + DT/2
ns
tHHBGI
HBG Hold After CLKIN High
6 + DT/2
ns
tSBRI
BRx, CPA Setup Before CLKIN3
13 + DT/2
ns
tHBRI
BRx, CPA Hold After CLKIN High
6 + DT/2
ns
tSRPBAI
RPBA Setup Before CLKIN
21 + 3DT/4
ns
tHRPBAI
RPBA Hold After CLKIN
12 + 3DT/4
ns
Switching Characteristics
tDHBGO
HBG Delay After CLKIN
7 – DT/8
ns
tHHBGO
HBG Hold After CLKIN
–2 – DT/8
ns
tDBRO
BRx Delay After CLKIN
7 – DT/8
ns
tHBRO
BRx Hold After CLKIN
–2 – DT/8
ns
tDCPAO
CPA Low Delay After CLKIN4
8 – DT/8
ns
tTRCPA
CPA Disable After CLKIN
–2 – DT/8
4.5 – DT/8
ns
tDRDYCS
REDY (O/D) or (A/D) Low from CS and HBR Low5, 6
8.5
ns
tTRDYHG
REDY (O/D) Disable or REDY (A/D) High from HBG6, 7
44 + 23DT/16
ns
tARDYTR
REDY (A/D) Disable from CS or HBR High6
10
ns
1 For first asynchronous access after HBR and CS asserted, ADDR31-0 must be a non-MMS value 1/2 tCK before RD or WR goes low or by tHBGRCSV after HBG goes low. This is
easily accomplished by driving an upper address signal high when HBG is asserted. See the “Host Processor Control of the ADSP-2106x” section in the ADSP-2106x SHARC
User’s Manual, Revision 2.1.
2 Only required for recognition in the current cycle.
3 CPA assertion must meet the setup to CLKIN; deassertion does not need to meet the setup to CLKIN.
4 For ADSP-21060LC, specification is 8.5 – DT/8 ns max.
5 For ADSP-21060L, specification is 9.5 ns max, For ADSP-21060LC, specification is 11.0 ns max, For ADSP-21062L, specification is 8.75 ns max.
6 (O/D) = open drain, (A/D) = active drive.
7 For ADSP-21060C/ADSP-21060LC, specification is 40 + 23DT/16 ns min.


Número de pieza similar - ASDP-21060LCW-160

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ASDP-21060LCW-160 AD-ASDP-21060LCW-160 Datasheet
817Kb / 64P
   SHARC Processor
Rev. F
ASDP-21060LCW-160 AD-ASDP-21060LCW-160 Datasheet
949Kb / 64P
   SHARC Processor
Rev. F
More results

Descripción similar - ASDP-21060LCW-160

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADSP-21262 AD-ADSP-21262 Datasheet
1Mb / 44P
   SHARC Processor
REV. A
ADSP-21362 AD-ADSP-21362 Datasheet
2Mb / 52P
   SHARC Processor
REV. A
ADSP-21060CZ-160 AD-ADSP-21060CZ-160 Datasheet
949Kb / 64P
   SHARC Processor
Rev. F
ADSP-21489BSWZ-4B AD-ADSP-21489BSWZ-4B Datasheet
1Mb / 68P
   SHARC Processor
REV. B
ADSP-21477KCPZ-1A AD-ADSP-21477KCPZ-1A Datasheet
1Mb / 76P
   SHARC Processor
REV. C
ADSP-21062LCSZ-160 AD-ADSP-21062LCSZ-160 Datasheet
811Kb / 64P
   SHARC Processor
Rev. F
ADSP-21060KS-160 AD-ADSP-21060KS-160 Datasheet
817Kb / 64P
   SHARC Processor
Rev. F
ADSP-21469BBCZ-3 AD-ADSP-21469BBCZ-3 Datasheet
2Mb / 72P
   SHARC Processor
REV. 0
ADSP-21364 AD-ADSP-21364 Datasheet
853Kb / 52P
   SHARC Processor
Rev. PrB
ADSP-21375 AD-ADSP-21375 Datasheet
1Mb / 42P
   SHARC Processor
Rev. PrB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com