Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TIP50 Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza TIP50
Descripción Electrónicos  NPN Silicon Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TIP50 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  TIP50 Datasheet HTML 1Page - Fairchild Semiconductor TIP50 Datasheet HTML 2Page - Fairchild Semiconductor TIP50 Datasheet HTML 3Page - Fairchild Semiconductor TIP50 Datasheet HTML 4Page - Fairchild Semiconductor TIP50 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
TIP47/TIP48/TIP49/TIP50 Rev. 1.0.0
2
Electrical Characteristics* T
a=25°C unless otherwise noted
* Pulse Test: Pulse Width
£300ms, Duty Cycle£2%
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
VCEX(sus)
Collector-Emitter Sustaining Voltage
: TIP47
: TIP48
: TIP49
: TIP50
IC = 30mA, IB = 0
250
300
350
400
V
V
V
V
ICEO
Collector Cut-off Current : TIP47
: TIP48
: TIP49
: TIP50
VCE = 150V, IB = 0
VCE = 200V, IB = 0
VCE = 250V, IB = 0
VCE = 300V, IB = 0
1
1
1
1
mA
mA
mA
mA
ICEX
Collector Cut-off Current : TIP47
: TIP48
: TIP49
: TIP50
VCE = 350V, VBE = 0
VCE = 400V, VBE = 0
VCE = 450V, VBE = 0
VCE = 500V, VBE = 0
1
1
1
1
mA
mA
mA
mA
IEBO
Emitter Cut-off Current
VEB = 5V, IC = 0
1
mA
hFE
* DC Current Gain
VCE = 10V, IC = 0.3A
VCE = 10V, IC = 1A
30
10
150
VCE(sat)
* Collector-Emitter Saturation Voltage
IC = 1A, IB = 0.2A
1
V
VBE(sat)
* Base-Emitter Saturation Voltage
VCE = 10V, IC = 1A
1.5
V
fT
Current Gain Bandwidth Product
VCE =10V, IC = 0.2A, f =
1MHz
10
MHz


Número de pieza similar - TIP50

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mospec Semiconductor
TIP50 MOSPEC-TIP50 Datasheet
130Kb / 3P
   POWER TRANSISTORS(1.0A,250-400V,40W)
logo
Rectron Semiconductor
TIP50 RECTRON-TIP50 Datasheet
76Kb / 3P
   TO-220 - Power Transistors and Darlingtons
logo
Motorola, Inc
TIP50 MOTOROLA-TIP50 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
logo
ON Semiconductor
TIP50 ONSEMI-TIP50 Datasheet
163Kb / 6P
   High Voltage NPN Silicon Power Transistors
April, 2010 ??Rev. 8
TIP50 ONSEMI-TIP50 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
More results

Descripción similar - TIP50

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com