Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TIP146 Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza TIP146
Descripción Electrónicos  PNP Epitaxial Silicon Darlington Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TIP146 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  TIP146 Datasheet HTML 1Page - Fairchild Semiconductor TIP146 Datasheet HTML 2Page - Fairchild Semiconductor TIP146 Datasheet HTML 3Page - Fairchild Semiconductor TIP146 Datasheet HTML 4Page - Fairchild Semiconductor TIP146 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
TIP145 / TIP146 / TIP147 Rev. B1
1
October 2009
TIP145 / TIP146 / TIP147
PNP Epitaxial Silicon Darlington Transistor
Features
• Monolithic Construction With Built In Base-Emitter Shunt Resistors
• High DC Current Gain : hFE = 1000 @ VCE = -4V, IC = -5A (Min.)
• Industrial Use
• Complement to TIP140/141/142
Absolute Maximum Ratings* T
A = 25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
: TIP145
: TIP146
: TIP147
- 60
- 80
- 100
V
V
V
VCEO
Collector-Emitter Voltage : TIP145
: TIP146
: TIP147
- 60
- 80
- 100
V
V
V
VEBO
Emitter-Base Voltage
- 5
V
IC
Collector Current (DC)
- 10
A
ICP
Collector Current (Pulse)
- 15
A
IB
Base Current (DC)
- 0.5
A
PC
Collector Dissipation (TC=25°C)
125
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 65 to +150
°C
TO-3P
1
1.Base 2.Collector 3.Emitter
Equivalent Circuit
B
E
C
R1
R2
R1
8k
Ω
R2
0.12k
Ω


Número de pieza similar - TIP146

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mospec Semiconductor
TIP146 MOSPEC-TIP146 Datasheet
204Kb / 4P
   POWER TRANSISTORS(10A,60-100V,125W)
logo
Inchange Semiconductor ...
TIP146 ISC-TIP146 Datasheet
168Kb / 4P
   Silicon PNP Darlington Power Transistors
logo
Motorola, Inc
TIP146 MOTOROLA-TIP146 Datasheet
234Kb / 6P
   10 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Central Semiconductor C...
TIP146 CENTRAL-TIP146 Datasheet
269Kb / 2P
   SILICON POWER DARLINGTON COMPLEMENTARY TRANSISTORS
logo
ON Semiconductor
TIP146 ONSEMI-TIP146 Datasheet
217Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
More results

Descripción similar - TIP146

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
TIP146TU FAIRCHILD-TIP146TU Datasheet
175Kb / 5P
   PNP Epitaxial Silicon Darlington Transistor
TIP107TU FAIRCHILD-TIP107TU Datasheet
550Kb / 5P
   PNP Epitaxial Silicon Darlington Transistor
TIP147TTU FAIRCHILD-TIP147TTU Datasheet
601Kb / 5P
   PNP Epitaxial Silicon Darlington Transistor
TIP105TU FAIRCHILD-TIP105TU Datasheet
550Kb / 5P
   PNP Epitaxial Silicon Darlington Transistor
logo
Continental Device Indi...
CSB1626 CDIL-CSB1626 Datasheet
313Kb / 3P
   PNP SILICON EPITAXIAL POWER DARLINGTON TRANSISTOR
logo
Renesas Technology Corp
2SB963-Z RENESAS-2SB963-Z_15 Datasheet
739Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION)
logo
Hitachi Semiconductor
2SB1048 HITACHI-2SB1048 Datasheet
31Kb / 6P
   Silicon PNP Epitaxial, Darlington
logo
Renesas Technology Corp
2SA1193 RENESAS-2SA1193 Datasheet
161Kb / 6P
   Silicon PNP Epitaxial, Darlington
2SB1048 RENESAS-2SB1048 Datasheet
160Kb / 6P
   Silicon PNP Epitaxial, Darlington
logo
Fairchild Semiconductor
FJPF9020 FAIRCHILD-FJPF9020 Datasheet
63Kb / 5P
   PNP Epitaxial Darlington Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com