Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD74HC4067SM Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza CD74HC4067SM
Descripción Electrónicos  High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4067SM Datasheet(HTML) 4 Page - Texas Instruments

  CD74HC4067SM Datasheet HTML 1Page - Texas Instruments CD74HC4067SM Datasheet HTML 2Page - Texas Instruments CD74HC4067SM Datasheet HTML 3Page - Texas Instruments CD74HC4067SM Datasheet HTML 4Page - Texas Instruments CD74HC4067SM Datasheet HTML 5Page - Texas Instruments CD74HC4067SM Datasheet HTML 6Page - Texas Instruments CD74HC4067SM Datasheet HTML 7Page - Texas Instruments CD74HC4067SM Datasheet HTML 8Page - Texas Instruments CD74HC4067SM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Quiescent Device
Current
IO = 0mA
ICC
VCC or
GND
-
6
-
-
8
-
80
-
160
µA
HCT TYPES
High Level Input
Voltage
VIH
-
-
4.5
2
-
-
2
-
2
-
V
Low Level Input
Voltage
VIL
-
-
4.5
-
-
0.8
-
0.8
-
0.8
V
Maximum “ON”
Resistance
IO = 1mA
RON
VCC or
GND
VCC or
GND
4.5
-
70
160
-
200
-
240
VCC to
GND
VCC to
GND
4.5
-
90
180
-
225
-
270
Maximum “ON”
Resistance Between
Any Two Switches
∆RON
-
-
4.5
-
10
-
----
Switch “Off” Leakage
Current
16 Channels
IIZ
E=VCC VCC or
GND
6-
-
±0.8
-
±8-
±8
µA
Logic Input Leakage
Current
II
VCC or
GND
(Note 3)
-6
-
-
±0.1
-
±1-
±1
µA
Quiescent Device
Current
ICC
VCC or
GND
-
6
-
-
8
-
80
-
160
µA
Additional Quiescent
Device Current Per
Input Pin: 1 Unit Load
∆ICC
(Note 4)
VCC
-2.1
-
-
-
100
360
-
450
-
490
µA
NOTES:
3. Any voltage between VCC and GND.
4. For dual-supply systems theoretical worst case (VI = 2.4V, VCC = 5.5V) specification is 1.8mA.
DC Electrical Specifications (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
VI (V)
VIS (V)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HCT Input Loading Table
INPUT
UNIT LOAD
S0 - S3
0.5
E
0.3
NOTE: Unit Load is
∆ICC limit specified in DC Electrical Specifica-
tions table, e.g., 360
µA max at 25oC.
Switching Specifications Input tr, tf = 6ns
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
Propagation Delay Time
Switch In to Out
tPLH, tPHL
CL = 50pF
2
-
-
75
-
95
-
110
ns
4.5
-
-
15
-
19
-
22
ns
6
-
-
13
-
16
-
19
ns
CL = 15pF
5
-
6
-
----
ns
CD74HC4067, CD74HCT4067


Número de pieza similar - CD74HC4067SM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD74HC4067SM96 TI-CD74HC4067SM96 Datasheet
780Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
CD74HC4067SM96 TI-CD74HC4067SM96 Datasheet
724Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
CD74HC4067SM96E4 TI-CD74HC4067SM96E4 Datasheet
724Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
CD74HC4067SM96G4 TI-CD74HC4067SM96G4 Datasheet
724Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
More results

Descripción similar - CD74HC4067SM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD74HC4067 TI-CD74HC4067 Datasheet
45Kb / 9P
[Old version datasheet]   High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
CD74HCT4067M96 TI-CD74HCT4067M96 Datasheet
724Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
CD74HC4067 TI-CD74HC4067_13 Datasheet
780Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
CD74HCT4067-Q1 TI1-CD74HCT4067-Q1 Datasheet
745Kb / 14P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC 16-CHANNEL ANALOG MULTIPLEXER and DEMULTIPLEXER
CD74HCT4051-Q1 TI-CD74HCT4051-Q1 Datasheet
236Kb / 11P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
74HC4067 PHILIPS-74HC4067 Datasheet
129Kb / 15P
   16-channel analog multiplexer/demultiplexer
September 1993
HEF4067BT652 PHILIPS-HEF4067BT652 Datasheet
147Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
74LV4067 PHILIPS-74LV4067 Datasheet
190Kb / 20P
   16-channel analog multiplexer/demultiplexer
1998 Jun 23
HEF4067B NXP-HEF4067B Datasheet
147Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
HEF4067B PHILIPS-HEF4067B_15 Datasheet
205Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 7-11 September 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com