Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74981-502 Datasheet(PDF) 1 Page - FCI connector

No. de pieza 74981-502
Descripción Electrónicos  RIGHT ANGLE SIGNAL RECEPTACLE 8 ROW, 96 POSITION
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FCI-CONNECTOR [FCI connector]
Página de inicio  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

74981-502 Datasheet(HTML) 1 Page - FCI connector

  74981-502 Datasheet HTML 1Page - FCI connector 74981-502 Datasheet HTML 2Page - FCI connector 74981-502 Datasheet HTML 3Page - FCI connector 74981-502 Datasheet HTML 4Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PDM: Rev:T
Released
.
STATUS:
Printed: May 13, 2011


Número de pieza similar - 74981-502

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
74981-1001 MOLEX9-74981-1001 Datasheet
417Kb / 4P
   2.00mm (.079") Pitch 6-Row VHDM-HSD Backplane Header, Guide Pin Signal Module
74981-1003 MOLEX9-74981-1003 Datasheet
417Kb / 4P
   2.00mm (.079) Pitch 6-Row VHDM-HSD??Backplane Header, Guide Pin Signal Module, Shield End Version, 40 Circuits, Pin Length 4.25mm (.167)
74981-1011 MOLEX9-74981-1011 Datasheet
417Kb / 4P
   2.00mm (.079") Pitch 6-Row VHDM-HSD??Backplane Header, Guide Pin SignalModule, Shield End Version, 40 Circuits, Pin Length 4.75mm (.187")
74981-1013 MOLEX9-74981-1013 Datasheet
417Kb / 4P
   2.00mm (.079") Pitch 6-Row VHDM-HSD??Backplane Header, Guide Pin Signal Module, Shield End Version, 40 Circuits
74981-1014 MOLEX9-74981-1014 Datasheet
417Kb / 4P
   2.00mm (.079) Pitch 6-Row VHDM-HSD??Backplane Header, Guide Pin Signal Module, Shield End Version, 40 Circuits, Pin Length 5.15mm (.203)
More results

Descripción similar - 74981-502

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0366380011 MOLEX1-0366380011 Datasheet
46Kb / 2P
   2.50mm, 3.50mm CMC Header, Right Angle, 96 Position, 96 loaded, 2 Port
logo
FCI connector
73981 FCI-CONNECTOR-73981 Datasheet
345Kb / 4P
   RIGHT ANGLE SIGNAL RECEPT 5 ROW 30 POSITION
logo
ITT Industries
E2001-10008 ITT-E2001-10008 Datasheet
75Kb / 1P
   ASSEMBLY, RIGHT ANGLE, 8 POSITION, PHD-TEMPUS
logo
Bel Fuse Inc.
CT900001 BEL-CT900001 Datasheet
149Kb / 1P
   RJ45 RIGHT ANGLE JACK, 8 CONTACT, 8 POSITION, UNSHIELDED
Rev. A2
logo
Molex Electronics Ltd.
0366380010 MOLEX1-0366380010 Datasheet
46Kb / 2P
   2.50mm, 3.50mm CMC Header, Right Angle, 96 Position, 72 loaded, 2 Port
36638-0011 MOLEX11-36638-0011 Datasheet
52Kb / 2P
   2.50mm, 3.50mm CMC Header, Right Angle, 96 Position, 96 loaded, 2 Port, Black and Brown, Lead-Free
36638-0014 MOLEX11-36638-0014 Datasheet
52Kb / 2P
   2.50mm, 3.50mm CMC Header, Right Angle, 96 Position, 72 loaded, 2 Port, Black and 2.50mm, 3.50mm CMC Header, Right Angle, 96 Position, 72 loaded, 2 Port, Black and
logo
Tyco Electronics
2-748482-3 MACOM-2-748482-3 Datasheet
69Kb / 1P
   AMPLITME HD-22, 44 POSITION RECEPTACLE, RIGHT ANGLE
logo
Molex Electronics Ltd.
36638-0012 MOLEX11-36638-0012 Datasheet
52Kb / 2P
   2.50mm, 3.50mm CMC Header, Right Angle, 96 Position, 96 loaded, 2 Port, Black and Brown, Peg, Lead-Free
logo
Adam Technologies, Inc.
DIN-64MR-L32-A1CX-BL ADAM-TECH-DIN-64MR-L32-A1CX-BL Datasheet
86Kb / 1P
   DIN 41612 96 POSITION MALE
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com