Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC703KH Datasheet(PDF) 2 Page - Texas Instruments

No. de pieza DAC703KH
Descripción Electrónicos  Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

DAC703KH Datasheet(HTML) 2 Page - Texas Instruments

  DAC703KH Datasheet HTML 1Page - Texas Instruments DAC703KH Datasheet HTML 2Page - Texas Instruments DAC703KH Datasheet HTML 3Page - Texas Instruments DAC703KH Datasheet HTML 4Page - Texas Instruments DAC703KH Datasheet HTML 5Page - Texas Instruments DAC703KH Datasheet HTML 6Page - Texas Instruments DAC703KH Datasheet HTML 7Page - Texas Instruments DAC703KH Datasheet HTML 8Page - Texas Instruments DAC703KH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
®
DAC701, 702, 703
SPECIFICATIONS
At +25
°C and rated power supplies, unless otherwise noted.
DAC702/703J
DAC701/702/703K
DAC701/702/703B, S
DAC701/702/703L, C
PARAMETER
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT
DIGITAL INPUT
Resolution
16
TT
T
Bits
Digital Inputs (1)
VIH
+2.4
+VCC
TT
T
T
T
T
V
VIL
–1.0
+0.8
TT
T
T
T
T
V
IIH, VI = +2.7V
+40
TT
T
µA
IIL, VI = +0.4V
–0.35
–0.5
T
T
TT
TT
mA
TRANSFER CHARACTERISTICS
ACCURACY(2)
Linearity Error(4)
±0.0015 ±0.006
T
±0.003
TT
±0.00075 ±0.0015
% of FSR(3)
Differential Linearity
Error(4)
±0.003
±0.012
T
±0.006
TT
±0.0015 ±0.003
% of FSR
Differential Linearity
Error at Bipolar Zero
(DAC702/703)(4)
±0.003
±0.006
±0.0015 ±0.003
TT
% of FSR
Gain Error(5)
±0.07
±0.30
T
±0.15
±0.05
±0.10
TT
%
Zero Error(5, 6)
±0.05
±0.10
T
T
TT
TT
% of FSR
Monotonicity Over Spec.
Temp Range
13
14
T
15
Bits
DRIFT (over specification
temperature range)
Total Error Over
Temperature Range
(all models)(7)
±0.08
T
±0.15
±0.05
±0.10
TT
% of FSR
Total Full Scale Drift:
DAC701
±10
T
±30
±8.5
±18
±6
±13
ppm of FSR/
°C
DAC702/703
±10
T
±25
±7
±15
TT
ppm of FSR/
°C
Gain Drift (all models)
±10
±30
T
±25
±7
±15
±5
±10
ppm/
°C
Zero Drift:
DAC701
±2.5
±5
±1.5
±3
TT
ppm of FSR/
°C
DAC702/703
±5
±15
T
±12
±4
±10
±2.5
±5
ppm of FSR/
°C
Differential Linearity
Over Temp.(4)
±0.012
+0.009,
T
+0.006,
% of FSR
–0.006
–0.003
Linearity Error
Over Temp.(4)
±0.012
±0.006
T
±0.003
% of FSR
SETTLING TIME (to
±0.003% of FSR)(8)
DAC701/703 (VOUT Models)
Full Scale Step, 2k
Ω Load
4
T
8
TT
TT
µs
1LSB Step at
Worst-Case Code(9)
2.5
TT
T
µs
Slew Rate
10
TT
T
V/
µs
DAC702 (IOUT Models)
Full Scale Step (2mA),
10 to 100
Ω Load
350
T
1000
TT
TT
ns
1k
Ω Load
1
T
3
TT
TT
µs
OUTPUT
VOLTAGE OUTPUT
MODELS
DAC701 (CSB Code)
0 to +10
T
V
DAC703 (COB Code)
±10
TT
T
V
Output Current
±5
TT
T
mA
Output Impedance
0.15
TT
T
Short Circuit to
Common Duration
Indefinite
TT
T
CURRENT OUTPUT
MODELS
DAC702 (COB Code)(10)
±1
TT
T
mA
Output Impedance(10)
2.45
TT
T
k
Compliance Voltage
±2.5
TT
T
V


Número de pieza similar - DAC703KH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
DAC703KH BURR-BROWN-DAC703KH Datasheet
301Kb / 12P
   Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
DAC703KH-4 BURR-BROWN-DAC703KH-4 Datasheet
301Kb / 12P
   Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
DAC703KH-BI BURR-BROWN-DAC703KH-BI Datasheet
301Kb / 12P
   Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
More results

Descripción similar - DAC703KH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
PCM54 BURR-BROWN-PCM54 Datasheet
83Kb / 7P
   16-Bit Monolithic DIGITAL-TO-ANALOG CONVERTERS
DAC701 BURR-BROWN-DAC701 Datasheet
301Kb / 12P
   Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
DAC80 BURR-BROWN-DAC80 Datasheet
211Kb / 9P
   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC80P TI-DAC80P Datasheet
190Kb / 10P
[Old version datasheet]   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC70 BURR-BROWN-DAC70 Datasheet
481Kb / 10P
   Monlithic 16-bit digital-to-analog converters
logo
Texas Instruments
DAC707KH TI-DAC707KH Datasheet
121Kb / 13P
[Old version datasheet]   Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Maxim Integrated Produc...
MAX1167BE MAXIM-MAX1167BE Datasheet
348Kb / 30P
   Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters
Rev 1; 10/09
logo
List of Unclassifed Man...
DAC-HP ETC-DAC-HP Datasheet
136Kb / 4P
   16-Bit, High-Performance Digital-to-Analog Converters
logo
Burr-Brown (TI)
DAC707 BURR-BROWN-DAC707 Datasheet
149Kb / 11P
   Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Murata Power Solutions ...
DAC-HP16BGC MURATA-PS-DAC-HP16BGC Datasheet
139Kb / 4P
   16-Bit, High-Performance Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com