Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC707KP-5 Datasheet(PDF) 9 Page - Texas Instruments

No. de pieza DAC707KP-5
Descripción Electrónicos  Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

DAC707KP-5 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DAC707KP-5 Datasheet HTML 5Page - Texas Instruments DAC707KP-5 Datasheet HTML 6Page - Texas Instruments DAC707KP-5 Datasheet HTML 7Page - Texas Instruments DAC707KP-5 Datasheet HTML 8Page - Texas Instruments DAC707KP-5 Datasheet HTML 9Page - Texas Instruments DAC707KP-5 Datasheet HTML 10Page - Texas Instruments DAC707KP-5 Datasheet HTML 11Page - Texas Instruments DAC707KP-5 Datasheet HTML 12Page - Texas Instruments DAC707KP-5 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
®
DAC707/708/709
In Figures 7 and 8, lead and contact resistances are repre-
sented by R
1 through R5. As long as the load resistance RL
is constant, R
2 simply introduces a gain error and can be
removed with gain calibration. R
3 is part of RL if the output
voltage is sensed at ANALOG COMMON.
Figures 8 and 9 show two methods of connecting the current
output model with an external precision output op amp. By
sensing the output voltage at the load resistor (connecting R
F
to the output of the amplifier at R
L) the effect of R1 and R2
is greatly reduced. R
1 will cause a gain error but is indepen-
dent of the value of R
L and can be eliminated by initial
calibration adjustments. The effect of R
2 is negligible be-
cause it is inside the feedback loop of the output op amp and
is therefore greatly reduced by the loop gain.
In many applications it is impractical to sense the output
voltage at ANALOG COMMON. Sensing the output volt-
age at the system ground point is permissible because these
converters have separate analog and digital common lines
and the analog return current is a near-constant 2mA and
varies by only 10
µA to 20µA over the entire input code
range. R
4
can be as large as 3
Ω without adversely affecting
the linearity of the D/A converter. The voltage drop across
R
4
is constant and appears as a zero error that can be nulled
with the zero calibration adjustment.
Another approach senses the output at the load as shown in
Figure 9. In this circuit the output voltage is sensed at the
load common and not at the D/A converter common as in the
previous circuits. The value of R
6 and R7 must be adjusted
for maximum common-mode rejection across R
L. The effect
of R
4 is negligible as explained previously.
The D/A converter and the wiring to its connectors should be
located to provide optimum isolation from sources of RFI
and EMI. The key to elimination of RF radiation or pickup
is small loop area. Signal leads and their return conductors
should be kept close together such that they present a small
flux-capture cross section for any external field.
FIGURE 9. Alternate Connection for Ground Sensing at the
Load (Current Output Models).
5
6
7
DAC
RF
R
1
R
2
3
R
R
R
R
R
Sense
Output
To System Ground
L
R
DAC708
4k
2k
10k
2mA
+1%
0 to
2mA
Micro-
Processor
Interface
RF
L
2
CC
DD
4
3
R
R
R
R
1µF
+
1µF
+
1µF
+
+V
V
±V
CC
Digital
Common
Analog
Common
Alternate Ground
Sense Connection
System
Ground
DD
V
–VCC
Supply
Supply
Sense
Output
Digital
Common
Analog Common
DAC707/709
FIGURE 7. DAC707/709 Bipolar Output Circuit (Voltage
Out).
1
R
2.45k
10k
Micro-
Processor
Interface
RF
L
2
CC
DD
3
R
R
R
1µF
+
1µF
+
1µF
+
+V
V
±V
CC
Digital
Common
Analog
Common
Alternate Ground
Sense Connection
System
Ground
DD
V
–VCC
Supply
Supply
Sense
Output
Digital
Common
Analog Common
B
R
1
RF
IOUT
DAC708
4
R
FIGURE 8. DAC708 Bipolar Output Circuit (with External
Op Amp).


Número de pieza similar - DAC707KP-5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
DAC707KP-3 BURR-BROWN-DAC707KP-3 Datasheet
149Kb / 11P
   Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
More results

Descripción similar - DAC707KP-5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
DAC707 BURR-BROWN-DAC707 Datasheet
149Kb / 11P
   Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Exar Corporation
MP7626 EXAR-MP7626 Datasheet
118Kb / 12P
   Microprocessor Compatible Buffered Multiplying 16-Bit Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC811 BURR-BROWN-DAC811 Datasheet
96Kb / 9P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC811 TI1-DAC811 Datasheet
273Kb / 14P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC813 TI1-DAC813 Datasheet
548Kb / 16P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC813 BURR-BROWN-DAC813 Datasheet
298Kb / 11P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC667 BURR-BROWN-DAC667 Datasheet
159Kb / 9P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
ADC574A BURR-BROWN-ADC574A Datasheet
103Kb / 10P
   Microprocessor-Compatible ANALOG-TO-DIGITAL CONVERTER
ADC674 BURR-BROWN-ADC674 Datasheet
56Kb / 6P
   Microprocessor-Compatible ANALOG-TO-DIGITAL CONVERTER
PCM54 BURR-BROWN-PCM54 Datasheet
83Kb / 7P
   16-Bit Monolithic DIGITAL-TO-ANALOG CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com