Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TL-T5ME2 Datasheet(PDF) 5 Page - Omron Electronics LLC

No. de pieza TL-T5ME2
Descripción Electrónicos  Slim Proximity Sensor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OMRON [Omron Electronics LLC]
Página de inicio  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

TL-T5ME2 Datasheet(HTML) 5 Page - Omron Electronics LLC

  TL-T5ME2 Datasheet HTML 1Page - Omron Electronics LLC TL-T5ME2 Datasheet HTML 2Page - Omron Electronics LLC TL-T5ME2 Datasheet HTML 3Page - Omron Electronics LLC TL-T5ME2 Datasheet HTML 4Page - Omron Electronics LLC TL-T5ME2 Datasheet HTML 5Page - Omron Electronics LLC TL-T5ME2 Datasheet HTML 6Page - Omron Electronics LLC TL-T5ME2 Datasheet HTML 7Page - Omron Electronics LLC TL-T5ME2 Datasheet HTML 8Page - Omron Electronics LLC TL-T5ME2 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TL-T
Safety Precautions
This product is not designed or rated for
ensuring safety of persons.
Do not use it for such purposes.
• Do not short the load. Explosion or burning may
result.
• Do not supply power to the Sensor with no load
connected, otherwise internal parts may be
damaged or burnt.
Applicable Models: AC 2-wire Models
Do not use this product under ambient conditions that exceed
the ratings.
● Design
Effect of Surrounding Metals
• Be sure to separate the Sensor from surrounding metal
objects as shown in the following illustration.
• The TL-T2 will not be influenced by metal when it is
embedded in metal.
Mutual Interference
When two or more Sensors are mounted face-to-face or side-
by-side, separate them as shown below. The table below
indicates the minimum distances A and B.
Mutual Interference
(Unit: mm)
Note: Figures in parentheses will apply if the Sensors in use are different from
each other in response frequency.
● Mounting
• At the time of rear mounting, be sure that the tightening
torque does not exceed 0.59 N·m.
• At the time of side mounting, be sure that the tightening
torque does not exceed 0.78 N·m.
(Unit: mm)
Dimensions
Unless otherwise specified, the tolerance class IT16 is used for dimensions in this data sheet.
WARNING
Precautions for Correct Use
12 mm
15 mm
15 mm 15 mm
25 mm
15 mm
15 mm
Distance
Model
A
B
TL-T2
40 (10)
12 (0)
TL-T5
120 (60)
80 (40)
AB
Mounting screw
0.59 N·m
Mounting screw
0.78 N·m
6
4
4
12
17±0.2
32±0.2
16±0.2
5
9
40
26
*1
Indicator *2
Sensing surface
Two, M3, depth 6
Two, 3.1-dia. holes
*1. DC-switching model: 4.0-dia.
vinyl-insulated round cable
with 3 conductors (Conductor
cross section: 0.2 mm2,
Insulator diameter: 1.2 mm),
Standard length: 2 m
AC-switching model: 4.0-dia.
vinyl-insulated round cable
with 2 conductors (Conductor
cross section: 0.3 mm2,
Insulator diameter: 1.3 mm),
Standard length: 2 m
*2. Detection indicator (red)
TL-T
@
In the interest of product improvement, specifications are subject to change without notice.
http://www.ia.omron.com/
5
(c)Copyright OMRON Corporation 2008 All Rights Reserved.


Número de pieza similar - TL-T5ME2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ironwood Electronics.
TL-TORQUEDRIVER-01 IRONWOOD-TL-TORQUEDRIVER-01 Datasheet
16Kb / 1P
   Adjustable torquescrewdriver
TL-TORQUEDRIVER-02 IRONWOOD-TL-TORQUEDRIVER-02 Datasheet
16Kb / 1P
   Adjustable torquescrewdriver
TL-TORQUEDRIVER-03 IRONWOOD-TL-TORQUEDRIVER-03 Datasheet
16Kb / 1P
   Adjustable torquescrewdriver
logo
TAITIEN ELECTRONICS CO....
TL-TYPE TAITIEN-TL-TYPE Datasheet
442Kb / 1P
   5.0 x 3.2 mm SMD Voltage Controlled Temperature Compensated Crystal Oscillator
More results

Descripción similar - TL-T5ME2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SICK AG
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
logo
OSRAM GmbH
SFH7741 OSRAM-SFH7741 Datasheet
334Kb / 17P
   Proximity Sensor
logo
Festo Corporation.
543876 FESTO-543876 Datasheet
82Kb / 2P
   Proximity sensor
546799 FESTO-546799 Datasheet
81Kb / 2P
   Proximity sensor
574380 FESTO-574380 Datasheet
85Kb / 2P
   Proximity sensor
2427615 FESTO-2427615 Datasheet
87Kb / 2P
   Proximity sensor
2427617 FESTO-2427617 Datasheet
81Kb / 2P
   Proximity sensor
2427618 FESTO-2427618 Datasheet
84Kb / 2P
   Proximity sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com