Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


AT27C020 Datasheet(Hoja de datos) 1 Page - ATMEL Corporation

No. de Pieza. AT27C020
Descripción  2-Megabit 256K x 8 OTP EPROM
Descarga  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo 

   
 1 page
background image
AT27C020
1
Features
Fast Read Access Time - 55 ns
Low Power CMOS Operation
– 100
µA max. Standby
– 25 mA max. Active at 5 MHz
JEDEC Standard Packages
– 32-Lead 600-mil PDIP
– 32-Lead PLCC
– 32-Lead TSOP
5V
± 10% Supply
High-Reliability CMOS Technology
– 2,000V ESD Protection
– 200 mA Latchup Immunity
RapidProgramming Algorithm - 100
µs/byte (typical)
CMOS and TTL Compatible Inputs and Outputs
Integrated Product Identification Code
Commercial and Industrial Temperature Ranges
Description
The AT27C020 is a low-power, high performance 2,097,152-bit one-time programma-
ble read only memory (OTP EPROM) organized as 256K by 8 bits. It requires only
one 5V power supply in normal read mode operation. Any byte can be accessed in
less than 55 ns, eliminating the need for speed reducing WAIT states on high perfor-
mance microprocessor systems.
In read mode, the AT27C020 typically consumes 8 mA. Standby mode supply current
is typically less than 10
µA.
Rev. 0570C-B–12/97
2-Megabit
(256K x 8)
OTP EPROM
AT27C020
PDIP Top View
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
VPP
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
O0
O1
O2
GND
VCC
PGM
A17
A14
A13
A8
A9
A11
OE
A10
CE
07
06
05
04
03
TSOP Top View
Type 1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A11
A9
A8
A13
A14
A17
PGM
VCC
VPP
A16
A15
A12
A7
A6
A5
A4
OE
A10
CE
07
06
05
04
03
GND
02
01
O0
A0
A1
A2
A3
PLCC Top View
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
A7
A6
A5
A4
A3
A2
A1
A0
O0
A14
A13
A8
A9
A11
OE
A10
CE
07
Pin Configurations
Pin Name
Function
A0 - A17
Addresses
O0 - O7
Outputs
CE
Chip Enable
OE
Output Enable
PGM
Program Strobe




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
AT27BV0202-Megabit 256K x 8 Unregulated Battery-Voltage High Speed OTP EPROM 1 2 3 4 5 MoreATMEL Corporation
AT27BV256256K 32K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM 1 2 3 4 5 MoreATMEL Corporation
AT27C20482-Megabit 128K x 16 OTP EPROM 1 2 3 4 5 MoreATMEL Corporation
AT27BV4004-Megabit 256K x 16 or 512K x 8 Unregulated Battery-Voltage High Speed OTP EPROM 1 2 3 4 5 MoreATMEL Corporation
AT27BV40964 Megabit 256K x 16 Unregulated Battery-Voltage High Speed OTP CMOS EPROM 1 2 3 4 5 MoreATMEL Corporation
AT27C256R256K 32K x 8 OTP CMOS EPROM 1 2 3 4 5 MoreATMEL Corporation
AT27C4004-Megabit 256K x 16 or 512K x 8 OTP EPROM 1 2 3 4 5 MoreATMEL Corporation
A278308256K X 8 OTP CMOS EPROM 1 2 3 4 5 MoreAMIC Technology
A27020A256K X 8 OTP CMOS EPROM 1 2 3 4 5 MoreAMIC Technology
AT27C40964-Megabit 256K x 16 OTP EPROM 1 2 3 4 5 MoreATMEL Corporation

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl