Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FP001 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

No. de pieza FP001
Descripción Electrónicos  Cable Reels
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC - List of Unclassifed Manufacturers

FP001 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FP001 Datasheet HTML 1Page - List of Unclassifed Manufacturers FP001 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Cable Reels
Page <2>
08/12/11 V1.1
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Important Notice : This data sheet and its contents (the "Information") belong to the members of the Premier Farnell group of companies (the "Group") or are licensed to it. No licence is granted for the use of
it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces
all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use
made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted.
Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising)
is excluded. This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. pro-SIGNAL is the registered trademark of the Group. © Premier Farnell plc 2011.
Specification Table
Description
Material
A
B
C
F
H
T
Part Number
Empty Cable Reel
Thermoplastic
240
120
90
210
310
200
HDP.240
290
260
350
HDP.290
330
295
410
220
HDP.330
Steel
240
210
310
200
HDM.240
Empty Cable Reel
290
260
350
HDM.290
Face Plate
-
-
-
-
-
-
-
FP001
Face Plate with Auxiliary
Winder
-
-
-
-
-
-
-
FP004
Face Plate, Blank
-
-
-
-
-
-
-
FP005
Dimensions : Millimetres
Specifications:
Thermoplastic Types:
A range of empty cable reels with red thermoplastic drums and coated, heavy duty steel stands.
Coated Steel Types:
A range of empty cable reels with red powder coated steel flanges and heavy duty steel frames.
Auxiliary Winder:
Replaces the existing face plate and allows a piece of cable to feed through the front plate and that the reel can be moved further
away from the equipment. A hole in the centre allows access to the drum and when not in use, the cable can be wound onto the
flange for storage.
Loaded Face Plates:
Replaces the existing face plates and feature 3 × 13 A type sockets, BS4343 type sockets.
Dimensions : Millimetres


Número de pieza similar - FP001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
FP0010 VISHAY-FP0010 Datasheet
241Kb / 5P
   Metal Film Resistors, Industrial, Flameproof
Revision: 01-Feb-13
logo
Solid States Devices, I...
FP0011 SSDI-FP0011 Datasheet
224Kb / 2P
   POWER MOSFET
FP0011 SSDI-FP0011_15 Datasheet
224Kb / 2P
   Power MOSFET
FP0013 SSDI-FP0013 Datasheet
220Kb / 2P
   POWER MOSFET
FP0013 SSDI-FP0013_15 Datasheet
220Kb / 2P
   Power MOSFET
More results

Descripción similar - FP001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
987650-8062 MOLEX-987650-8062 Datasheet
568Kb / 9P
   INDUSTRIAL-DUTY CABLE REELS
logo
HK TO-GRACE TECHNOLOGY ...
91-21SUGC-S400-XX-XXX TO-GRACE-91-21SUGC-S400-XX-XXX Datasheet
949Kb / 10P
   diameter reels.
logo
Tyco Electronics
41126 MACOM-41126 Datasheet
54Kb / 1P
   CONTINOUS STRIRON REELS
61769-1 MACOM-61769-1 Datasheet
62Kb / 1P
   CONTINUOUS STRIP ON REELS WITH TERMINALS
logo
Lite-On Technology Corp...
LTST-C150EKT LITEON-LTST-C150EKT Datasheet
311Kb / 6P
   Package in 8mm tape on7 diameter reels
LTST-C190GKT LITEON-LTST-C190GKT Datasheet
344Kb / 9P
   Package in 8mm tape on 7 diameter reels
logo
HK TO-GRACE TECHNOLOGY ...
LTW-089E2CG-A TO-GRACE-LTW-089E2CG-A Datasheet
964Kb / 13P
   Package in 8mm tape on 7" diameter reels.
LTST-T680KSKT TO-GRACE-LTST-T680KSKT Datasheet
685Kb / 11P
   Package in 8mm tape on 7" diameter reels.
LTW-E670DS-STD TO-GRACE-LTW-E670DS-STD Datasheet
722Kb / 11P
   Package in 8mm tape on 7" diameter reels.
LTW-008RGB-L TO-GRACE-LTW-008RGB-L Datasheet
724Kb / 11P
   Package in 12mm tape on 7" diameter reels.
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com