Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


AT29BV040A Datasheet(Hoja de datos) 6 Page - ATMEL Corporation

No. de Pieza. AT29BV040A
Descripción  4 Megabit 512K x 8 Single 2.7-volt Battery-Voltage CMOS Flash Memory
Descarga  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo 

 6 page
background image
6
AT29BV040A
0383G–FLASH–5/03
AC Read Waveforms
Notes:
1. CE may be delayed up to tACC - tCE after the address transition without impact on tACC.
6. OE may be delayed up to t
CE - tOE after the falling edge of CE without impact on tCE or by tACC - tOE after an address change
without impact on t
ACC.
7. tDF is specified from OE or CE whichever occurs first (CL = 5 pF).
8. This parameter is characterized and is not 100% tested.
AC Read Characteristics
Symbol
Parameter
AT29BV040A-20
AT29BV040A-25
Units
Min
Max
Min
Max
t
ACC
Address to Output Delay
200
250
ns
tCE
(1)
CE to Output Delay
200
250
ns
t
OE
(6)
OE to Output Delay
0
80
0
120
ns
t
DF
(7)(8)
CE or OE to Output Float
0
50
0
60
ns
tOH
Output Hold from OE, CE or Address,
whichever occurred first
00
ns




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
HN29WT8001048576-word x 8-bit / 524288-word x 16-bit CMOS Flash Memory 1 2 3 4 5 MoreHitachi Semiconductor
M29W200BT2 Mbit 256Kb x8 or 128Kb x16 Boot Block Low Voltage Single Supply Flash Memory 1 2 3 4 5 MoreSTMicroelectronics
ADG8410.28 OHM CMOS 1.65 V to 3.6 V Single SPST Switches in SC70 1 2 3 4 5 MoreAnalog Devices
AM42DL6404GStacked Multi-Chip Package MCP Flash Memory and SRAM 1 2 3 4 5 MoreSPANSION
LU6000F016-Bit Single-Chip Microcomputers With Built-In Flash Memory 1 2 3 Sharp Electrionic Components
M25PE808 Mbit low-voltage Page-Erasable Serial Flash memory with Byte alterability 50MHz SPI bus standard pinout 1 2 3 4 5 MoreSTMicroelectronics
ARM720TGeneral-purpose 32-bit Microprocessor with 8KB cache enlarged Write buffer and Memory Management Unit MMU combined in a single chip 1 2 3 4 5 MoreList of Unclassifed Manufacturers
IDT71V67702256K X 36 512K X 18 3.3V Synchronous SRAMs 2.5V I/O Burst Counter Flow-Through Outputs Single Cycle Deselect 1 2 3 4 5 MoreIntegrated Device Technology
PEB2045Memory Time Switch CMOS MTSC 1 2 3 4 5 MoreSiemens Semiconductor Group
LH28F640BFHG-PBTLZ764M x16 Flash Memory 1 2 3 4 5 MoreSharp Electrionic Components

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl