Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4X48WS Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

No. de pieza 1N4X48WS
Descripción Electrónicos  200mW High Speed SMD Switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N4X48WS Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  1N4X48WS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N4X48WS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1N4X48WS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1N4148WS/1N4448WS/1N914BWS
200mW High Speed SMD Switching Diode
Small Signal Diode
Fast switching device(Trr<4.0nS)
Surface device type mounting
Moisture sensitivity level 1
Matte Tin(Sn) lead finish with Nickel(Ni) underplate
Pb free version and RoHS compliant
Case : Flat lead SOD-323F small outline plastic package
Min
Max
Min
Max
1.15
1.35
0.045 0.053
2.30
2.70
0.091 0.106
0.25
0.40
0.010 0.016
1.60
1.80
0.063 0.071
0.80
1.00
0.031 0.039
0.05
0.20
0.002 0.008
Package
Part No.
Packing
SOD-323F 1N4148WS RR
3K / 7" Reel
SOD-323F 1N4448WS RR
3K / 7" Reel
SOD-323F 1N914BWS RR
3K / 7" Reel
SOD-323F 1N4148WS RRG
3K / 7" Reel
SOD-323F 1N4448WS RRG
3K / 7" Reel
SOD-323F 1N914BWS RRG
3K / 7" Reel
Maximum Ratings
Notes: 1. The suggested land pattern dimensions have been provided for reference only, as actual pad layouts
may vary despending on application.
SOD-323
Maximum Ratings and Electrical Characteristics
Features
Mechanical Data
Terminal: Matte tin plated, solderable
per MIL-STD-202, Method 208 guaranteed
Green compound (Halogen free) with suffix "G" on
packing code and prefix "G" on date code
High temperature soldering guaranteed: 260°C/10s
mA
°C/W
100
mW
V
°C
E
Value
150
500
mA
300
200
100
V
Junction and Storage Temperature Range
TJ, TSTG
-65 to + 150
Mean Forward Current
Thermal Resistance (Junction to Ambient)
IO
RθJA
VRRM
IFRM
VR
Power Dissipation
Reverse Voltage
Non-Repetitive Peak Forward Current
Repetitive Peak Reverse Voltage
PD
Type Number
Polarity : Indicated by cathode band
Weight : 4.85±0.5 mg
Rating at 25°C ambient temperature unless otherwise specified.
Ordering Information
Units
Symbol
S3
S1
S2
S3
Marking
Suggested PAD Layout
S1
S2
Unit (inch)
Pin Configuration
Marking Code : S1, S2, S3
Dimensions
F
Unit (mm)
A
B
C
D
D
A
B
C
E
F
Version : F12


Número de pieza similar - 1N4X48WS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nantong Hornby Electron...
1N4X48 HORNBY-1N4X48 Datasheet
306Kb / 4P
   FAST SWITCHING DIODES
logo
ON Semiconductor
1N4X48 ONSEMI-1N4X48 Datasheet
156Kb / 7P
   Small Signal Diode
October, 2017 ??Rev. 4
More results

Descripción similar - 1N4X48WS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
1N4148WS TSC-1N4148WS_10 Datasheet
171Kb / 3P
   200mW High Speed SMD Switching Diode
1SS355 TSC-1SS355_14 Datasheet
163Kb / 3P
   200mW High Speed SMD Switching Diode
TS4148C TSC-TS4148C_14 Datasheet
206Kb / 4P
   200mW High Speed SMD Switching Diode
1SS400 TSC-1SS400 Datasheet
349Kb / 3P
   200mW, SMD High Speed Switching Diode
TS4148CRZG TSC-TS4148CRZG Datasheet
130Kb / 2P
   200mW High Speed SMD Switching Diode
1N914BWS TSC-1N914BWS Datasheet
100Kb / 2P
   200mW High Speed SMD Switching Diode
1N4148WS TSC-1N4148WS_15 Datasheet
186Kb / 4P
   200mW High Speed SMD Switching Diode
BAS316WS TSC-BAS316WS_15 Datasheet
201Kb / 4P
   200mW High-Speed Switching SMD Diode
BAS316WS TSC-BAS316WS Datasheet
95Kb / 3P
   200mW, High-speed switching SMD Diode
logo
Micro Commercial Compon...
1N4148WX MCC-1N4148WX_13 Datasheet
189Kb / 3P
   High Speed Switching Diode 200mW
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com