Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4148W-GRB Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

No. de pieza 1N4148W-GRB
Descripción Electrónicos  High Speed SMD Switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N4148W-GRB Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  1N4148W-GRB Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N4148W-GRB Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1N4148W-GRB Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SUGGESTED PAD LAYOUT
Unit (mm) Unit (inch)
Min
Min
G
2.25
0.089
X
0.90
0.035
X1
4.05
0.159
Y
0.95
0.037
Document Number:DS_S1310003
Version : A13
DIM.
1N4148W-G
Taiwan Semiconductor
Small Signal Product


Número de pieza similar - 1N4148W-GRB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
1N4148W-G TSC-1N4148W-G Datasheet
191Kb / 4P
   High Speed SMD Switching Diode
logo
Vishay Siliconix
1N4148W-G VISHAY-1N4148W-G Datasheet
96Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.2, 08-May-13
1N4148W-G VISHAY-1N4148W-G Datasheet
99Kb / 5P
   Small Signal Fast Switching Diode
08-Feb-17
1N4148W-GS08 VISHAY-1N4148W-GS08 Datasheet
91Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.5, 27-Jul-12
logo
Taiwan Semiconductor Co...
1N4148W-G TSC-1N4148W-G_15 Datasheet
191Kb / 4P
   High Speed SMD Switching Diode
More results

Descripción similar - 1N4148W-GRB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
1N4148W-G TSC-1N4148W-G_15 Datasheet
191Kb / 4P
   High Speed SMD Switching Diode
logo
Formosa MS
CDSN4148 FORMOSA-CDSN4148 Datasheet
80Kb / 2P
   SMD Switching Diode - High Speed
logo
Taiwan Semiconductor Co...
LL4148 TSC-LL4148_15 Datasheet
238Kb / 4P
   High Speed SMD Switching Diode
TS4148C TSC-TS4148C Datasheet
199Kb / 1P
   High Speed SMD Switching Diode
1SS400CS TSC-1SS400CS_14 Datasheet
115Kb / 3P
   High Speed SMD Switching Diode
BAS316WS TSC-BAS316WS_15 Datasheet
201Kb / 4P
   200mW High-Speed Switching SMD Diode
TS4148RX TSC-TS4148RX Datasheet
80Kb / 2P
   400mW High Speed SMD Switching Diode
BAS316WS TSC-BAS316WS Datasheet
95Kb / 3P
   200mW, High-speed switching SMD Diode
LL4148 TSC-LL4148_10 Datasheet
206Kb / 3P
   500mW High Speed SMD Switching Diode
LL4X48 TSC-LL4X48_11 Datasheet
168Kb / 3P
   500mW High Speed SMD Switching Diode
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com