Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MS3100A18-8P Datasheet(PDF) 27 Page - ITT Industries

No. de pieza MS3100A18-8P
Descripción Electrónicos  CA/MS A and B
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

MS3100A18-8P Datasheet(HTML) 27 Page - ITT Industries

Back Button MS3100A18-8P Datasheet HTML 23Page - ITT Industries MS3100A18-8P Datasheet HTML 24Page - ITT Industries MS3100A18-8P Datasheet HTML 25Page - ITT Industries MS3100A18-8P Datasheet HTML 26Page - ITT Industries MS3100A18-8P Datasheet HTML 27Page - ITT Industries MS3100A18-8P Datasheet HTML 28Page - ITT Industries MS3100A18-8P Datasheet HTML 29Page - ITT Industries MS3100A18-8P Datasheet HTML 30Page - ITT Industries MS3100A18-8P Datasheet HTML 31Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
A-98
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
A
MIL-DTL-5015 Connectors
MS
Straight Plug with Shrink Boot Adapter
CA3106E-DN
CA3106E-DN is a straight plug with
endbell for shrink boot adapters.
Crimp and solder versions are avail-
able (please indicate ...F80 or ...F183).
CA3106-DN mate with 3100, 3101
and 3102 shell styles.
Order reference
A
B
C
D
E
F
L
P
Pin insert*
Thread
min.
max.
±0.2
±0,2
0,5
max.
max.
CA3106E10SL-**-P-DN
5/8-24NEF-2B
7,7
13,2
15,5
17,0
11,7
11,7
50,0
CA3106E12S-**-P-DN
3/4-20UNEF-2B
7,9
13,2
15,5
17,8
11,8
58,8
25,6
CA3106E14S-**-P-DN
7/8-20UNEF-2B
10,6
17,0
19,1
19,1
11,7
50,0
28,6
CA3106E16S-**-P-DN
1-20UNEF-2B
13,5
21,9
23,9
23,9
11,5
50,0
31,8
CA3106E12-**-P-DN
3/4-20UNEF-2B
7,9
13,2
15,5
17,8
11,7
50,0
25,6
CA3106E14-**-P-DN
7/8-20UNEF-2B
10,6
17,0
19,1
20,1
11,7
60,0
28,6
CA3106E16-**-P-DN
1-20UNEF-2B
13,5
21,9
23,9
23,5
11,5
60,0
31,8
CA3106E18-**-P-DN
1-1/8-18NEF-2B
14,6
21,9
23,9
26,5
12,7
60,0
34,1
CA3106E20-**-P-DN
1-1/4-18NEF-2B
18,5
26,6
29,6
30,2
12,7
65,0
37,3
CA3106E22-**-P-DN
1-3/8-18NEF-2B
20,8
26,2
29,6
33,6
12,7
65,0
40,5
CA3106E24-**-P-DN
1-1/2-16NEF-2B
24,6
34,5
37,8
36,1
12,7
65,0
43,8
CA3106E28-**-P-DN
1-3/4-18NS-2B
27,0
34,5
37,8
41,4
12,7
65,0
50,0
CA3106E32-**-P-DN
2-18NS-2B
33,3
43,6
47,8
48,6
15,2
70,0
56,3
CA3106E36-**-P-DN
2-1/4-16UN-2B
38,5
43,6
47,8
54,8
15,2
80,0
62,7
*For socket inserts substitute S for P
**Add contact arrangement number (see pages A-85 – A-89)
ca_A1-A163.qxd:Layout 1
2/9/11
7:50 PM
Page 98


Número de pieza similar - MS3100A18-8P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ITT Industries
MS3100A18-8P ITT-MS3100A18-8P Datasheet
4Mb / 34P
   CA/MS A and B
More results

Descripción similar - MS3100A18-8P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ITT Industries
CA3106F24-10SF80 ITT-CA3106F24-10SF80 Datasheet
4Mb / 34P
   CA/MS A and B
logo
PHOENIX CONTACT
2702307 PHOENIX-2702307 Datasheet
55Kb / 3P
   Power cable - PLD E 608-CA-MS/0,6/FS/UL
logo
List of Unclassifed Man...
ACM-8RF ETC1-ACM-8RF Datasheet
447Kb / 2P
   RELAY MODULE FOR USE WITH MS-9200 MS-9200UD MS-9600 AND MS-5210UD
logo
PHOENIX CONTACT
1647815 PHOENIX-1647815 Datasheet
46Kb / 2P
   Single locking latch - HC-B 10-LBUEGEL-MS
1458541 PHOENIX-1458541 Datasheet
65Kb / 5P
   Valve connectors - SAC-3P-MS/B-1L-Z SCO
logo
Schneider Electric
TM5SDC1FS SCHNEIDER-TM5SDC1FS Datasheet
125Kb / 3P
   Counter module, Modicon TM5, Mod. FS channel, 7 kHz, 24VDC, A A, B B, A A-B B
Apr 8, 2022
logo
HARTING Technology Grou...
33-50-410-0306-100 HARTING-33-50-410-0306-100 Datasheet
497Kb / 2P
   Han FB CA 17D 0,5mm짼 m/- st/- PUR 10,0m
2021-12-08
33-50-410-0306-050 HARTING-33-50-410-0306-050 Datasheet
497Kb / 2P
   Han FB CA 17D 0,5mm짼 m/- st/- PUR 5,0m
2021-12-08
33-50-420-0306-075 HARTING-33-50-420-0306-075 Datasheet
505Kb / 2P
   Han FB CA 17D 0,5mm짼 f/- st/- PUR 7,5m
2021-12-08
33-50-420-0306-100 HARTING-33-50-420-0306-100 Datasheet
505Kb / 2P
   Han FB CA 17D 0,5mm짼 f/- st/- PUR 10,0m
2021-12-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com