Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MS3100A18-8S Datasheet(PDF) 17 Page - ITT Industries

No. de pieza MS3100A18-8S
Descripción Electrónicos  CA/MS A and B
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

MS3100A18-8S Datasheet(HTML) 17 Page - ITT Industries

Back Button MS3100A18-8S Datasheet HTML 13Page - ITT Industries MS3100A18-8S Datasheet HTML 14Page - ITT Industries MS3100A18-8S Datasheet HTML 15Page - ITT Industries MS3100A18-8S Datasheet HTML 16Page - ITT Industries MS3100A18-8S Datasheet HTML 17Page - ITT Industries MS3100A18-8S Datasheet HTML 18Page - ITT Industries MS3100A18-8S Datasheet HTML 19Page - ITT Industries MS3100A18-8S Datasheet HTML 20Page - ITT Industries MS3100A18-8S Datasheet HTML 21Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
A-88
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
A
MS-E/F/R/ER
MIL-C-5015 Connectors
Contact Arrangements (continued)
Shell Size
No. of Contacts
Service Rating
36-5
4 #0
A
36-6
4 #4(B,C,E,F)
2 #0(A,D)
A
36-14
6 #16(K-N,P,Q)
5 #12(B,D,F,H,J)
5 #8(A,C,E,G,I)
D
36A16
18 #12
(B,C,V,J,K,M,N,
R, T-Iron; A,D-F,H,L
P,S,U-Constantan)
A
36A46
27 #12
A
36-9
14 #16(A-G,Z-f)
14 #12(H-N,S-Y)
2 #8(O,R)
1 #4(P)
A
36A66
52 #16(A-c,h-AK)
4 #12(d,e,f,g)
A
36A34
52 #16
A
36-10
48 #16
A
36-8
46 #16(A-X,Z-z
1 #12(Y)
A
36-7
40 #16(A-Z,a-s)
7 #12(t-z)
A
36-15
35 #16
D(m), A (all others)
40A33
7 #8(G-N)
6 #4(A-F)
A
40-10
16 #16(A,B,E-H,M,N,P
Q,V-Y,b,c)
9 #8(C,D,I,L,O,R,U,Z,a)
4 #4(K,J,S,T)
A
40A27
60 #16
A
40-56
85 #16
A
48-5
90 #16(A-BL,BN-BT,BW,BX)
1 #8(CD)
9 #12(BM,BU,BV,BY-CC,CE)
A
44-1
36 #16(A-S,Z-t
6 #12(T-Y)
D
Shell Size
No. of Contacts
Service Rating
Shell Size
No. of Contacts
Service Rating
Shell Size
No. of Contacts
Service Rating
¢
A
BC
D
E
F
G
HJ
K
L
M
N
P
Q
R
ST
U
V
W
X
YZ
a
b
cd
e
f
gh
jk
m
n
p
q
AA
AB
AC
AD
AE
AF
AG AH
AJ
AK
AL
AM
AN
AP
AQ
AR
AS
AT
AU
AV
AW
AX
AY
AZ
BA
BB
BC
BD
BE
BF
BG
BH
BJ
BK
BL
BM
BM
BP
BQ
BR
BS
BU
BV
BW
BX
BT
BZ
BY
CC
CD
CA
CB
CE
AA
AB
AC
AD
AE AF AG AJ AK AL AM AN
AP
AR AS
AT
AU AV AW AX AY
AZ
BA BB BC BD BE BF BG
BJ BK BL
BN
BM
BP
BR
BS
BU BV
BT
rs
t
u
v
w
x
y
z
A
1
24
23
22
21
20
19
18
17
16
15
14
35
50
59
60
54
42
41
53
52
51
36
40
39
38
37
25
43
55
58
49
34
13
2
26
44
56
57
48
33
12
3
4
28
27
45
46
47
32
11
29
30
31
10
5
6
7
8
98
A
A
B
B
B
C
C
C
D
D
D
E
E
E
F
F
F
G
G
H
H
H
J
J
J
I
K
K
K
L
L
L
M
M
M
N
N
O
N
P
P
R
R
S
S
T
T
U
U
V
V
W
W
X
X
Y
Y
Z
Z
a
a
b
b
c
c
d
d
e
f
f
g
g
h
i
h
j
j
k
k
m
m
n
n
o
p
p
qr
r
s
s
t
t
u
v
w
x
y
z
A
A
A
A
A
A
A
A
A
A
A
A
B
B
B
B
B
B
B
B
B
B
B
C
C
C
C
C
C
C
C
C
C
C
C
D
D
D
D
D
D
D
D
D
D
D
D
E
E
E
E
E
E
E
E
E
E
E
F
F
F
F
F
F
F
F
F
F
F
G
G
G
G
G
G
G
G
G
H
H
H
H
H
H
H
H
H
H
J
J
J
J
J
J
J
J
J
J
I
I
I
I
I
K
K
K
K
K
K
K
K
K
K
L
L
L
L
L
L
L
L
L
L
M
M
M
M
M
M
M
M
M
M
N
N
N
N
N
N
N
N
N
N
O
O
O
O
P
P
P
P
P
P
P
P
P
Q
Q
Q
R
R
R
R
R
R
R
R
R
S
S
S
S
S
S
S
S
S
T
T
T
T
T
T
T
T
T
U
U
U
U
U
U
U
U
U
V
V
V
V
V
V
V
V
W
W
W
W
W
W
W
W
X
X
X
X
X
X
X
X
Y
Y
Y
Y
Y
Y
Y
Y
Z
Z
Z
Z
Z
Z
Z
Z
a
a
a
a
a
a
a
a
b
b
b
b
b
b
b
b
c
c
c
c
c
c
c
c
d
d
d
d
d
d
d
d
e
e
e
e
e
e
e
f
f
f
f
f
f
f
g
g
g
g
g
g
h
h
h
h
h
h
l
i
i
i
j
j
j
j
j
k
k
k
k
k
k
m
m
m
m
m
m
n
n
n
n
n
p
p
p
p
p
q
q
r
r
r
r
r
s
s
s
s
s
t
t
t
t
t
u
u
u
u
u
v
v
v
v
v
w
w
w
w
w
x
x
x
x
x
y
y
y
y
z
zAA
AA
AB
AB
AK
AJ
AM
AD
AD
AE
AE
AF
AF
AG
AG
AC
AC
z
z
z
Not MS Approved. ITT Cannon Proprietary (see ITT Cannon
designed alternative insert positions, page A-90
High Volume Layouts - readily
available from Cannon Distributors
¢
ca_A1-A163.qxd:Layout 1
2/9/11
7:50 PM
Page 88


Número de pieza similar - MS3100A18-8S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ITT Industries
MS3100A18-8S ITT-MS3100A18-8S Datasheet
4Mb / 34P
   CA/MS A and B
More results

Descripción similar - MS3100A18-8S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ITT Industries
CA3106F24-10SF80 ITT-CA3106F24-10SF80 Datasheet
4Mb / 34P
   CA/MS A and B
logo
PHOENIX CONTACT
2702307 PHOENIX-2702307 Datasheet
55Kb / 3P
   Power cable - PLD E 608-CA-MS/0,6/FS/UL
logo
List of Unclassifed Man...
ACM-8RF ETC1-ACM-8RF Datasheet
447Kb / 2P
   RELAY MODULE FOR USE WITH MS-9200 MS-9200UD MS-9600 AND MS-5210UD
logo
PHOENIX CONTACT
1647815 PHOENIX-1647815 Datasheet
46Kb / 2P
   Single locking latch - HC-B 10-LBUEGEL-MS
1458541 PHOENIX-1458541 Datasheet
65Kb / 5P
   Valve connectors - SAC-3P-MS/B-1L-Z SCO
logo
Schneider Electric
TM5SDC1FS SCHNEIDER-TM5SDC1FS Datasheet
125Kb / 3P
   Counter module, Modicon TM5, Mod. FS channel, 7 kHz, 24VDC, A A, B B, A A-B B
Apr 8, 2022
logo
HARTING Technology Grou...
33-50-410-0306-100 HARTING-33-50-410-0306-100 Datasheet
497Kb / 2P
   Han FB CA 17D 0,5mm짼 m/- st/- PUR 10,0m
2021-12-08
33-50-410-0306-050 HARTING-33-50-410-0306-050 Datasheet
497Kb / 2P
   Han FB CA 17D 0,5mm짼 m/- st/- PUR 5,0m
2021-12-08
33-50-420-0306-075 HARTING-33-50-420-0306-075 Datasheet
505Kb / 2P
   Han FB CA 17D 0,5mm짼 f/- st/- PUR 7,5m
2021-12-08
33-50-420-0306-100 HARTING-33-50-420-0306-100 Datasheet
505Kb / 2P
   Han FB CA 17D 0,5mm짼 f/- st/- PUR 10,0m
2021-12-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com